Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3H5150 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NB3H5150
Description  2.5V / 3.3V Low Noise Multi-Rate Clock Generator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3H5150 Datasheet(HTML) 4 Page - ON Semiconductor

  NB3H5150_16 Datasheet HTML 1Page - ON Semiconductor NB3H5150_16 Datasheet HTML 2Page - ON Semiconductor NB3H5150_16 Datasheet HTML 3Page - ON Semiconductor NB3H5150_16 Datasheet HTML 4Page - ON Semiconductor NB3H5150_16 Datasheet HTML 5Page - ON Semiconductor NB3H5150_16 Datasheet HTML 6Page - ON Semiconductor NB3H5150_16 Datasheet HTML 7Page - ON Semiconductor NB3H5150_16 Datasheet HTML 8Page - ON Semiconductor NB3H5150_16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
NB3H5150
www.onsemi.com
4
Table 1. PIN DESCRIPTION
Pin
Description
I/O
Name
32
CLK_XTAL1
Crystal or
LVTTL/LVCMOS
or LVPECL/LVDS
Input
Crystal Input or Single−Ended or Differential Clock Input; If CLK_XTAL1 is used as
single−ended input, CLK_XTAL2 must be connected to ground. See Table 2.
EP
Exposed Pad
Ground
Ground – Negative Power Supply is connected via the Exposed Pad .
The Exposed Pad (EP) on the QFN−32 package bottom is thermally connected to the die
for improved heat transfer out of package. The exposed pad must be attached to a heat
sinking conduit. The pad is electrically connected to the die,carries all power supply return
currents and must be electrically connected to GND.
1. All VDD, AVDDn, VDDOn, EP (GND) pins must be externally connected to a power supply for proper operation. VDD and AVDDn must all
be at the same voltage.
NB3H5150 BASIC OPERATION
Introduction
The NB3H5150 is a Multi−Rate Clock Generator. The
clock reference for the PLL can be either a 25 MHz crystal,
single−ended LVCMOS or LVTTL signal or a differential
LVPECL, LVDS or HCSL signal.
There are two modes of operation for the NB3H5150,
Pin−Strap and I2C.
In the Pin−Strap Mode, the user can select any of the
defined output frequencies for each of the four output banks
as specified in Tables 3 and 4 via the three−level Frequency
Select pins: FS1, FS2, FS3, FS4A and FS4B.
In the I2C mode, the user can select one of the approved
register files in Table 5. Each register file is an expanded
selection of output frequencies and level combinations,
output enable/disable and bypass mode functions.
CLKnA & CLKnB − Output Frequency and Output
Level Selection
There are four output banks: CLK1A&B, CLK2A&B and
CLK3A&B are integer only divider outputs, whereas
CLK4A&B can be set or programmed as an integer or
fractional divider.
The output levels for each output bank can be LVPECL
(differential) or LVCMOS (two single−ended). Output
Enable / Disable functions are available in I2C only.
CLK1, 2, 3 and 4 outputs are not phase−aligned, in PLL
or PLL bypass modes.
Power−On Output Default
Upon power−up, all four outputs will be forced to and held
at static LVPECL levels (CLKnA = Low, CLKnB = High)
until the PLL is stable. The PLL will be stable before any of
the output Clocks, CLKnx, are enabled.
SDA & SCL/PD - Serial Data Interface – I2C
The NB3H5150 incorporates a two−wire Serial Data
Interface to expand the flexibility and function of the
NB3H5150 clock generator.
The I2C interface pins, SCL and SDA, are used to load
register files into the NB3H5150.
These register files will configure the internal registers to
achieve an expanded selection of output frequencies and
levels combinations for each of the four output blocks.
Subsequent changes in the registers can then be performed
with another register file to modify any of the output
frequencies or output modes.
OE, Output Enable
An OE, Output Enable/Disable function is available only
in the I2C mode by loading a register file, such that any
individual output bank can be enabled or disabled. In
LVCMOS modes outputs will disable LOW for CLKnA and
CLKnB, while the LVPECL mode outputs will disable
CLKnA = Low and CLKnB = High.
Mixed Mode Control (MMC)
In the I2C mode, the Mixed Mode Control (MMC) pin is
used for a combination of FSn settings and I2C settings to
control the CLK(n) outputs’ function as defined in Table 7.
REFMODE – Select a Crystal or External Clock Input
Interface (See Table 2)
The REFMODE pin will select the reference input for the
CLK_XTAL1 and CLK_XTAL2 pins to use either a crystal,
an overdriven single−ended or differential input.
When using a crystal, set the REFMODE pin to a LOW.
The CLK_XTAL1 and CLK_XTAL2 input pins will accept
a 25 MHz crystal.
When using a direct−coupled differential input, set the
REFMODE pin to a HIGH.


Similar Part No. - NB3H5150_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3H5150-01 ONSEMI-NB3H5150-01 Datasheet
185Kb / 19P
   Low Noise Multi-Rate Clock Generator
October, 2015 ??Rev. 0
NB3H5150-01 ONSEMI-NB3H5150-01 Datasheet
186Kb / 19P
   2.5V / 3.3V Low Noise Multi-Rate Clock Generator
April, 2016 ??Rev. 1
NB3H5150-01 ONSEMI-NB3H5150-01 Datasheet
184Kb / 19P
   Low Noise Multi-Rate Clock Generator
May, 2017 ??Rev. 2
NB3H5150-01MNTXG ONSEMI-NB3H5150-01MNTXG Datasheet
184Kb / 19P
   Low Noise Multi-Rate Clock Generator
May, 2017 ??Rev. 2
NB3H5150-01 ONSEMI-NB3H5150-01_16 Datasheet
186Kb / 19P
   2.5V / 3.3V Low Noise Multi-Rate Clock Generator
April, 2016 ??Rev. 1
More results

Similar Description - NB3H5150_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3H5150-01 ONSEMI-NB3H5150-01_16 Datasheet
186Kb / 19P
   2.5V / 3.3V Low Noise Multi-Rate Clock Generator
April, 2016 ??Rev. 1
NB3H5150 ONSEMI-NB3H5150 Datasheet
185Kb / 19P
   Low Noise Multi-Rate Clock Generator
November, 2015 ??Rev. 2
NB3H5150-01 ONSEMI-NB3H5150-01_17 Datasheet
184Kb / 19P
   Low Noise Multi-Rate Clock Generator
May, 2017 ??Rev. 2
NB3H5150-01 ONSEMI-NB3H5150-01 Datasheet
185Kb / 19P
   Low Noise Multi-Rate Clock Generator
October, 2015 ??Rev. 0
logo
List of Unclassifed Man...
ICS87354I ETC-ICS87354I Datasheet
128Kb / 10P
   -2.5V/ 3.3V LVPECL CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS843034 ICST-ICS843034 Datasheet
250Kb / 23P
   MULTI-RATE 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
logo
National Semiconductor ...
LMH1982 NSC-LMH1982 Datasheet
504Kb / 28P
   Multi-Rate Video Clock Generator with Genlock
logo
Texas Instruments
LMH1982SQ-NOPB TI1-LMH1982SQ-NOPB Datasheet
1Mb / 43P
[Old version datasheet]   Multi-Rate Video Clock Generator with Genlock
logo
Integrated Circuit Syst...
ICS843251I-12 ICST-ICS843251I-12 Datasheet
171Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
logo
Integrated Device Techn...
843071 IDT-843071 Datasheet
443Kb / 18P
   FemtoClock Crystal-to-3.3V, 2.5V LVPECL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com