Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3H5150 Datasheet(PDF) 17 Page - ON Semiconductor

Part # NB3H5150
Description  2.5V / 3.3V Low Noise Multi-Rate Clock Generator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3H5150 Datasheet(HTML) 17 Page - ON Semiconductor

Back Button NB3H5150_16 Datasheet HTML 11Page - ON Semiconductor NB3H5150_16 Datasheet HTML 12Page - ON Semiconductor NB3H5150_16 Datasheet HTML 13Page - ON Semiconductor NB3H5150_16 Datasheet HTML 14Page - ON Semiconductor NB3H5150_16 Datasheet HTML 15Page - ON Semiconductor NB3H5150_16 Datasheet HTML 16Page - ON Semiconductor NB3H5150_16 Datasheet HTML 17Page - ON Semiconductor NB3H5150_16 Datasheet HTML 18Page - ON Semiconductor NB3H5150_16 Datasheet HTML 19Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
NB3H5150
www.onsemi.com
17
Interfacing from 2.5 V LVPECL to LVDS
Provided that the LVDS receiver can tolerate large input
voltage peak to peak amplitude, the 2.5 V LVPECL output
can be directly interfaced to an LVDS receiver using proper
ECL termination. The 2.5 V LVPECL output will be able to
drive an LVDS receiver with or without internal 100
W
termination resistor. (See Figures 14, 15 and 16).
Figure 14. Interfacing 2.5 V LVPECL to LVDS with
External 100
W Termination Resistor
RT
100
W
LVPECL
2.5 V
VCC
RE
RE
LVDS
ZO
ZO
Figure 15. Interfacing 2.5 V LVPECL to LVDS with
Internal 100
W Termination Resistor
RT
100
W
LVPECL
2.5 V
VCC
RE
RE
LVDS
ZO
ZO
Figure 16. PSPICE Simulation Levels of 2.5V LVPECL
to LVDS Interface with Example Resistor Values
1.50 V
0.78 V
720 mV
LVDS
Input
2.5 V LVPECL
Output
Where RE = 75 W
Furthermore, a series termination can be used to reduce
the amplitude of the signal as described in AND8020
application note, by placing RS resistor between the driver
and the transmission line. (See Figures 17, 18 and 19).
Figure 17. Interfacing 2.5 V LVPECL to LVDS with
Series RS and External 100 W Termination Resistor
RT
100
W
LVPECL
2.5 V
VCC
RE
RE
LVDS
ZO
ZO
RS
RS
Figure 18. Interfacing 2.5 V LVPECL to LVDS with
Series RS and Internal 100 W Termination Resistor
LVPECL
2.5 V
VCC
RE
RE
LVDS
ZO
ZO
RS
RS
RT
100
W
Figure 19. PSPICE Simulation Levels of 2.5V LVPECL
to LVDS Interface with Series RS Resistor
1.30 V
0.87 V
430 mV
LVDS
Input
2.5 V LVPECL
Output
Where RE = 75 W
RS = 43 W


Similar Part No. - NB3H5150_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3H5150-01 ONSEMI-NB3H5150-01 Datasheet
185Kb / 19P
   Low Noise Multi-Rate Clock Generator
October, 2015 ??Rev. 0
NB3H5150-01 ONSEMI-NB3H5150-01 Datasheet
186Kb / 19P
   2.5V / 3.3V Low Noise Multi-Rate Clock Generator
April, 2016 ??Rev. 1
NB3H5150-01 ONSEMI-NB3H5150-01 Datasheet
184Kb / 19P
   Low Noise Multi-Rate Clock Generator
May, 2017 ??Rev. 2
NB3H5150-01MNTXG ONSEMI-NB3H5150-01MNTXG Datasheet
184Kb / 19P
   Low Noise Multi-Rate Clock Generator
May, 2017 ??Rev. 2
NB3H5150-01 ONSEMI-NB3H5150-01_16 Datasheet
186Kb / 19P
   2.5V / 3.3V Low Noise Multi-Rate Clock Generator
April, 2016 ??Rev. 1
More results

Similar Description - NB3H5150_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3H5150-01 ONSEMI-NB3H5150-01_16 Datasheet
186Kb / 19P
   2.5V / 3.3V Low Noise Multi-Rate Clock Generator
April, 2016 ??Rev. 1
NB3H5150 ONSEMI-NB3H5150 Datasheet
185Kb / 19P
   Low Noise Multi-Rate Clock Generator
November, 2015 ??Rev. 2
NB3H5150-01 ONSEMI-NB3H5150-01_17 Datasheet
184Kb / 19P
   Low Noise Multi-Rate Clock Generator
May, 2017 ??Rev. 2
NB3H5150-01 ONSEMI-NB3H5150-01 Datasheet
185Kb / 19P
   Low Noise Multi-Rate Clock Generator
October, 2015 ??Rev. 0
logo
List of Unclassifed Man...
ICS87354I ETC-ICS87354I Datasheet
128Kb / 10P
   -2.5V/ 3.3V LVPECL CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS843034 ICST-ICS843034 Datasheet
250Kb / 23P
   MULTI-RATE 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
logo
National Semiconductor ...
LMH1982 NSC-LMH1982 Datasheet
504Kb / 28P
   Multi-Rate Video Clock Generator with Genlock
logo
Texas Instruments
LMH1982SQ-NOPB TI1-LMH1982SQ-NOPB Datasheet
1Mb / 43P
[Old version datasheet]   Multi-Rate Video Clock Generator with Genlock
logo
Integrated Circuit Syst...
ICS843251I-12 ICST-ICS843251I-12 Datasheet
171Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
logo
Integrated Device Techn...
843071 IDT-843071 Datasheet
443Kb / 18P
   FemtoClock Crystal-to-3.3V, 2.5V LVPECL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com