Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100LVELT20DR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC100LVELT20DR2G
Description  3.3V LVTTL/LVCMOS to Differential LVPECL Translator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVELT20DR2G Datasheet(HTML) 4 Page - ON Semiconductor

  MC100LVELT20DR2G Datasheet HTML 1Page - ON Semiconductor MC100LVELT20DR2G Datasheet HTML 2Page - ON Semiconductor MC100LVELT20DR2G Datasheet HTML 3Page - ON Semiconductor MC100LVELT20DR2G Datasheet HTML 4Page - ON Semiconductor MC100LVELT20DR2G Datasheet HTML 5Page - ON Semiconductor MC100LVELT20DR2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC100LVELT20
www.onsemi.com
4
1
2
3
4
5
6
7
8
9
INPUT CLOCK FREQUENCY (MHz)
Jitter
Figure 2. Output Voltage Amplitude (VOUTpp)/RMS Jitter
vs. Input Clock Frequency at Ambient Temperature
0
200
400
600
800
1000
900
800
700
600
500
400
300
200
100
0
Amplitude
Figure 3. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices.)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50 W
50 W
VTT
VTT = VCC − 2.0 V


Similar Part No. - MC100LVELT20DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVELT20DR2G ONSEMI-MC100LVELT20DR2G Datasheet
106Kb / 7P
   3.3VLVTTL/LVCMOS to Differential LVPECL Translator
November, 2006 ??Rev. P3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com