Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100LVEL56 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC100LVEL56
Description  3.3V ECL Dual Differential 2:1 Multiplexer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEL56 Datasheet(HTML) 1 Page - ON Semiconductor

  MC100LVEL56 Datasheet HTML 1Page - ON Semiconductor MC100LVEL56 Datasheet HTML 2Page - ON Semiconductor MC100LVEL56 Datasheet HTML 3Page - ON Semiconductor MC100LVEL56 Datasheet HTML 4Page - ON Semiconductor MC100LVEL56 Datasheet HTML 5Page - ON Semiconductor MC100LVEL56 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2016
July, 2016 − Rev. 13
1
Publication Order Number:
MC100LVEL56/D
MC100LVEL56
3.3V ECL Dual Differential
2:1 Multiplexer
Description
The MC100LVEL56 is a dual, fully differential 2:1 multiplexer. The
differential data path makes the device ideal for multiplexing low skew
clock or other skew sensitive signals.
The device features both individual and common select inputs to
address both data path and random logic applications.
The differential inputs have special circuitry which ensures device
stability under open input conditions. When both differential inputs are
left open the D input will pull down to VEE, The D input will bias
around VCC/2 forcing the Q output LOW.
The VBB pin, an internally generated voltage supply, is available to
this device only. For single-ended input conditions, the unused
differential input is connected to VBB as a switching reference voltage.
VBB may also rebias AC coupled inputs. When used, decouple VBB and
VCC via a 0.01 mF capacitor and limit current sourcing or sinking to
0.5 mA. When not used, VBB should be left open.
Features
580 ps Typical Propagation Delays
Separate and Common Select
The 100 Series Contains Temperature Compensation
PECL Mode Operating Range:
VCC = 3.0 V to 3.8 V with VEE = 0 V
NECL Mode Operating Range:
VCC = 0 V with VEE = −3.0 V to −3.8 V
Internal Input Pulldown Resistors on D(s), SEL(s), and COM_SEL
Q Output will Default LOW with Inputs Open or at VEE
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
*For additional marking information, refer to
Application Note AND8002/D.
MARKING DIAGRAM*
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb-Free Package
SOIC−20 WB
DW SUFFIX
CASE 751D
20
1
100LVEL56
AWLYYWWG
www.onsemi.com
ORDERING INFORMATION
Device
Package
Shipping
MC100LVEL56DWG
SOIC−20 WB
(Pb-Free)
38 Units/Tube
MC100LVEL56DWR2G SOIC−20 WB
(Pb-Free)
1000/Tape & Reel
†For information on tape and reel specifications, in-
cluding part orientation and tape sizes, please refer
to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.


Similar Part No. - MC100LVEL56

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL56 ONSEMI-MC100LVEL56 Datasheet
113Kb / 4P
   Dual Differential 2:1 Multiplexer
1996 REV 1
MC100LVEL56 ONSEMI-MC100LVEL56 Datasheet
120Kb / 7P
   3.3V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 11
MC100LVEL56DW ONSEMI-MC100LVEL56DW Datasheet
120Kb / 7P
   3.3V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 11
MC100LVEL56DWG ONSEMI-MC100LVEL56DWG Datasheet
120Kb / 7P
   3.3V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 11
MC100LVEL56DWR2 ONSEMI-MC100LVEL56DWR2 Datasheet
120Kb / 7P
   3.3V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com