Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W49V002AP Datasheet(PDF) 3 Page - Winbond

Part # W49V002AP
Description  256K x 8 CMOS FLASH MEMORY WITH LPC INTERFACE
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W49V002AP Datasheet(HTML) 3 Page - Winbond

  W49V002AP Datasheet HTML 1Page - Winbond W49V002AP Datasheet HTML 2Page - Winbond W49V002AP Datasheet HTML 3Page - Winbond W49V002AP Datasheet HTML 4Page - Winbond W49V002AP Datasheet HTML 5Page - Winbond W49V002AP Datasheet HTML 6Page - Winbond W49V002AP Datasheet HTML 7Page - Winbond W49V002AP Datasheet HTML 8Page - Winbond W49V002AP Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Preliminary W49V002A
Publication Release Date: April 2001
- 3 -
Revision A1
FUNCTIONAL DESCRIPTION
Interface Mode Selection And Description
This device can be operated in two interface modes, one is Programmer interface mode, the other is LPC
interface mode. The MODE pin of the device provides the control between these two interface modes.
These interface modes need to be configured before power up or return from #RESET. When MODE pin
is set to high state, the device is in the Programmer mode; while the MODE pin is set to low state(or
leaved no connection), it is in the LPC mode.
In Programmer mode, this device just behaves like
traditional flash parts with 8 data lines. But the row and column address inputs are multiplexed, which go
through the address inputs A[10:0]. For LPC mode, It complies with the LPC Interface Specification
Revision 1.0. Through LAD[3:0] to communicate with the system chipset .
Read(Write) Mode
In Programmer interface mode, the read(write) operation of the W49V002A is controlled by #OE (#WE).
The #OE (#WE) is held low for the host to obtain(write) data from(to) the outputs(inputs). #OE is the
output control and is used to gate data from the output pins. The data bus is in high impedance state
when #OE is high. As in the LPC interface mode, the read or write is determined by the "bit 1 of CYCLE
TYPER+DIR".
Reset Operation
The #RESET input pin can be used in some application. When #RESET pin is at high state, the device
is in normal operation mode. When #RESET pin is at low state, it will halt the device and all outputs will
be at high impedance state. As the high state re-asserted to the #RESET pin, the device will return to
read or standby mode, it depends on the control signals.
Chip Erase Operation
The chip-erase mode can be initiated by a six-byte command sequence. After the command loading
cycle, the device enters the internal chip erase mode, which is automatically timed and will be
completed within fast 100 mS (typical). The host system is not required to provide any control or timing
during this operation. If the boot block programming lockout is activated, only the data in the other
memory blocks will be erased to FF(hex) while the data in the boot block will not be erased (remains as
the same state before the chip erase operation). The entire memory array will be erased to FF(hex) by
the chip erase operation if the boot block programming lockout feature is not activated. The device will
automatically return to normal read mode after the erase operation completed. Data polling and/or Toggle
Bits can be used to detect end of erase cycle.
Sector Erase Operation
The seven sectors, one boot block and two parameter blocks and four main blocks, can be erased
individually by initiating a six-byte command sequence. Sector address is latched on the falling #WE
edge of the sixth cycle, while the 30(hex) data input command is latched at the rising edge of #WE.
After the command loading cycle, the device enters the internal sector erase mode, which is
automatically timed and will be completed within fast 150 mS (typical). The host system is not required
to provide any control or timing during this operation. The device will automatically return to normal read
mode after the erase operation completed. Data polling and/or Toggle Bits can be used to detect end of
erase cycle.
Program Operation
The W49V002A is programmed on a byte-by-byte basis. Program operation can only change logical data


Similar Part No. - W49V002AP

ManufacturerPart #DatasheetDescription
logo
Winbond
W49V002 WINBOND-W49V002 Datasheet
300Kb / 32P
   256K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W49V002 WINBOND-W49V002 Datasheet
351Kb / 23P
   256K x 8CMOS FLASH MEMORY WITH LPC INTERFACE
W49V002FA WINBOND-W49V002FA Datasheet
300Kb / 32P
   256K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W49V002FAP WINBOND-W49V002FAP Datasheet
300Kb / 32P
   256K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W49V002FAQ WINBOND-W49V002FAQ Datasheet
300Kb / 32P
   256K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
More results

Similar Description - W49V002AP

ManufacturerPart #DatasheetDescription
logo
Winbond
W49V002 WINBOND-W49V002 Datasheet
351Kb / 23P
   256K x 8CMOS FLASH MEMORY WITH LPC INTERFACE
W49V002FA WINBOND-W49V002FA Datasheet
300Kb / 32P
   256K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39V080A WINBOND-W39V080A Datasheet
356Kb / 34P
   1M 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V040A WINBOND-W39V040A Datasheet
369Kb / 34P
   512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V040C WINBOND-W39V040C Datasheet
352Kb / 36P
   512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V040B WINBOND-W39V040B_07 Datasheet
336Kb / 33P
   512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W49F020 WINBOND-W49F020 Datasheet
190Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W49F002U WINBOND-W49F002U Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W49L201 WINBOND-W49L201 Datasheet
190Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W39V040B WINBOND-W39V040B Datasheet
356Kb / 32P
   512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com