Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IQXV-30 Datasheet(PDF) 1 Page - IQD Frequency Products Ltd

Part # IQXV-30
Description  VCXO Specification
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

IQXV-30 Datasheet(HTML) 1 Page - IQD Frequency Products Ltd

  IQXV-30 Datasheet HTML 1Page - IQD Frequency Products Ltd IQXV-30 Datasheet HTML 2Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IQXV-30
VCXO Specification
ISSUE 1; July 2016
Outline (mm)
Description
LVDS output Voltage Controlled Crystal Oscillator
Wide pulling range of ±100ppm min
Ceramic package with a sealed metal lid, hermetically sealed
Frequency Parameters
Frequency
9.5MHz to 622.08MHz
Frequency Stability
±20.00ppm to ±100.00ppm
±3ppm max per year @ 25°C
Ageing
Electrical Parameters
3.3V ±5%
Supply Voltage
Start up time: 10ms max
Frequency Adjustment
Pulling
±100ppm min
Control Voltage
1.65V ±1.65V
Input Impedence
<80MHz 60kΩ typ, ≥80MHz 2MΩ min
Linearity: ±10% max
Operating Temperature Ranges
0 to 70°C
-40 to 85°C
Output Details
Output Compatability
LVDS
Drive Capability
100Ω
Output Voltage Logic Low 1.1V max
Output Voltage Logic High 1.4V min
Differential Output Voltage: 247 to 454mV, 350mV typ
Offset Voltage: 1.125 to 1.375V, 1.2V typ
Output Control
Tri-State:
Logic '1' to pad 2 (70%Vs min) enables oscillator output
Logic '0' to pad 2 (30%Vs max) disables oscillator output,
oscillator goes to the high impedance state
No connection to pad 2, enables oscillator output
Noise Parameters
Phase Jitter (12kHz to 20MHz):
9.5 to <80MHz 1ps max
80 to 622.08MHz 4ps max
Environmental Parameters
Storage Temperature Range: -55 to 125°C
Drop: 120cm drop (3 times) onto hard wooden board
Vibration: MIL-STD-883, Method 2007, Test Condition A:
10Hz-55Hz-10Hz, 1.5mm amplitude, full sine, 2min per cycle,
3 mutually perpendicular planes, 2hrs duration in each plane
Printed on 21 Jul 16 14:52 using Model Data Sheet V1.2550
Page 1 of 2
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Similar Part No. - IQXV-30

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
IQXV-31 IQD-IQXV-31 Datasheet
157Kb / 2P
   VCXO Specification
IQXV-32 IQD-IQXV-32 Datasheet
313Kb / 2P
   VCXO Specification
More results

Similar Description - IQXV-30

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
IQXV-41 IQD-IQXV-41 Datasheet
300Kb / 2P
   VCXO Specification
IQXV-50 IQD-IQXV-50 Datasheet
290Kb / 2P
   VCXO Specification
IQXV-93 IQD-IQXV-93 Datasheet
158Kb / 3P
   VCXO Specification
IQXV-110 IQD-IQXV-110 Datasheet
288Kb / 2P
   VCXO Specification
CFPV-44 IQD-CFPV-44 Datasheet
820Kb / 2P
   VCXO Specification
IQXV-84 IQD-IQXV-84 Datasheet
194Kb / 3P
   VCXO Specification
IQXV-52 IQD-IQXV-52 Datasheet
290Kb / 2P
   VCXO Specification
CFPV-41 IQD-CFPV-41 Datasheet
819Kb / 2P
   VCXO Specification
CFPV-43 IQD-CFPV-43 Datasheet
807Kb / 2P
   VCXO Specification
CFPV-59 IQD-CFPV-59 Datasheet
392Kb / 2P
   VCXO Specification
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com