Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IQXT-317-1 Datasheet(PDF) 1 Page - IQD Frequency Products Ltd

Part # IQXT-317-1
Description  TCXO Specification
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

IQXT-317-1 Datasheet(HTML) 1 Page - IQD Frequency Products Ltd

  IQXT-317-1 Datasheet HTML 1Page - IQD Frequency Products Ltd IQXT-317-1 Datasheet HTML 2Page - IQD Frequency Products Ltd IQXT-317-1 Datasheet HTML 3Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IQXT-317
TCXO Specification
ISSUE 1; January 2016
Outline (mm)
Pb-Free Reflow
Description
A high performance, surface-mount Temperature
Compensated Crystal Oscillator (TCXO) offering excellent
phase noise, frequency stability and VC tilt compensation. The
IQXT-317 employs an analogue IC for the oscillator and
temperature compensation.
FEATURES:
Excellent Phase Noise and Frequency Stability performance.
Frequency Slope and Perturbation specifications can be
customized.
APPLICATIONS:
Communications, Base Station, Femtocell,
DSL/ADSL, LTE, SONET/SDH, WiMAX/WiBro, WLAN,
IP Timing, Precision GPS.
Frequency Parameters
Frequency
5.0MHz to 52.0MHz
±1.00ppm
Frequency Tolerance
@ 25°C ±2°C
Tolerance Condition
Frequency Stability (referenced to (Fmax+Fmin)/2,
temperature ramp ≤1°C/min and VC=2.5V): ±0.1ppm to
3.0ppm
Ageing (@ 25°C): ±1ppm max over 1yr
Frequency Slope (minimum of one frequency reading every
2°C over the operating temperature range, temperature ramp
≤1°C/min and VC=2.5V): 0.1ppm/°C max
Static Temperature Hysteresis (frequency change after
reciprocal temperature ramped over the operating range -
frequency measured before and after @ 25°C): 0.4ppm max
Supply Voltage Variation (±5% change @ 25°C): ±0.1ppm max
Load Variation (±10% change @ 25°C and load as stated in
Output Details section): ±0.2ppm max
Reflow Variation (after two consecutive reflows as per profile
shown and 1hr recovery @ 25°C): ±1ppm max
Note: Parts should be shielded from drafts causing unexpected
thermal gradients. Temperature changes due to ambient air
currents can lead to short term frequency drift.
Electrical Parameters
Supply Voltage Range: 2.8V to 5.5V
Supply Current (@ TA=25°C, Vs max and load as stated in
Output Details section): 2.9mA max
Frequency Adjustment
Pulling
±6ppm to ±30ppm
Control Voltage
2.5V ±2.0V
Input Impedence
100kΩ min
Linearity (deviation from straight line curve fit): 10% max
Note: VC of 4.5V is only applicable when a Vs of 5.0V is
applied.
Operating Temperature Ranges
-40 to 85°C
Printed on 26 Apr 16 14:49 using Model Data Sheet V1.2550
Page 1 of 3
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Similar Part No. - IQXT-317-1

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
IQXT-311 IQD-IQXT-311 Datasheet
326Kb / 2P
   TCXO Specification
IQXT-312 IQD-IQXT-312 Datasheet
141Kb / 3P
   TCXO Specification
IQXT-313 IQD-IQXT-313 Datasheet
198Kb / 3P
   VCTCXO Specification
IQXT-314 IQD-IQXT-314 Datasheet
441Kb / 2P
   TCXO Specification
IQXT-314-1 IQD-IQXT-314-1 Datasheet
441Kb / 2P
   TCXO Specification
More results

Similar Description - IQXT-317-1

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
E3179LF IQD-E3179LF Datasheet
956Kb / 2P
   TCXO Specification
IQXT-260 IQD-IQXT-260 Datasheet
317Kb / 4P
   TCXO Specification
IQXT-315 IQD-IQXT-315 Datasheet
430Kb / 2P
   TCXO Specification
IQXT-140-3.3V IQD-IQXT-140-3.3V Datasheet
1Mb / 2P
   TCXO Specification
IQXT-312 IQD-IQXT-312 Datasheet
141Kb / 3P
   TCXO Specification
LFTCXO070898 IQD-LFTCXO070898 Datasheet
246Kb / 2P
   TCXO Specification
LFTCXO075796 IQD-LFTCXO075796 Datasheet
140Kb / 2P
   TCXO Specification
LFTCXO079058 IQD-LFTCXO079058 Datasheet
117Kb / 1P
   TCXO Specification
V1.0020
LFTCXO063784 IQD-LFTCXO063784_V01 Datasheet
497Kb / 2P
   TCXO Specification
V1.0018
IQXT-282 IQD-IQXT-282 Datasheet
133Kb / 2P
   TCXO Specification
IQXT-291 IQD-IQXT-291 Datasheet
133Kb / 2P
   TCXO Specification
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com