Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4637EN Datasheet(PDF) 36 Page - Asahi Kasei Microsystems

Part # AK4637EN
Description  24bit Mono CODEC with MIC/SPK-AMP
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4637EN Datasheet(HTML) 36 Page - Asahi Kasei Microsystems

Back Button AK4637EN Datasheet HTML 32Page - Asahi Kasei Microsystems AK4637EN Datasheet HTML 33Page - Asahi Kasei Microsystems AK4637EN Datasheet HTML 34Page - Asahi Kasei Microsystems AK4637EN Datasheet HTML 35Page - Asahi Kasei Microsystems AK4637EN Datasheet HTML 36Page - Asahi Kasei Microsystems AK4637EN Datasheet HTML 37Page - Asahi Kasei Microsystems AK4637EN Datasheet HTML 38Page - Asahi Kasei Microsystems AK4637EN Datasheet HTML 39Page - Asahi Kasei Microsystems AK4637EN Datasheet HTML 40Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 96 page
background image
[AK4637]
015010680-E-00
2015/09
- 36 -
FCK
(Master)
BICK(16fs)
SDTO(o)
SDTI(i)
BICK(32fs)
SDTO(o)
SDTI(i)
0
1
3
2
8
9
11
10
12
13
15
14
0
1
3
2
8
9
11
10
12
13
15
14
0
15
1
0
Don
’t Care
1
0
0
1
13
2
14
15
17
16
18
29
31
30
0
1
2
31
Don
’t Care
4
7
6
5
15 14
8
0
3
2
1
0
0
4
7
6
5
15 14 13
0
3
2
1
4
7
6
5
15 14
8
0
3
2
1
4
7
6
5
15 14 13
0
3
2
1
15 14
2
15 14
2
15 14
15 14
2
0
1
2
0
1
13
14
15
17
16
18
29
31
30
0
15: MSB, 0:LSB
1/fs
1/fs
FCK
(Slave)
Figure 27. Mode 0 Timing
(BCKP bit = “0”, MSBS bit = “0”)
0
15
5
8
8
7
1
4
3
2
6
0
15
5
8
8
7
1
4
3
2
6
0
14
14
0
15
5
8
7
1
4
3
2
6
0
15
5
8
7
1
4
3
2
6
0
14
14
15
2
1
0
15
8
2
1
0
14
14
15
2
1
0
15
8
2
1
0
14
14
Don
’t Care
Don
’t Care
BICK(16fs)
SDTO(o)
SDTI(i)
BICK(32fs)
SDTO(o)
SDTI(i)
0
1
3
2
8
9
11
10
12
13
15
14
0
1
3
2
8
9
11
10
12
13
15
14
0
15
0
1
13
2
14
15
17
16
18
29
31
30
31
0
1
13
2
14
15
17
16
18
29
31
30
0
15: MSB, 0:LSB
1/fs
1/fs
FCK
(Master)
FCK
(Slave)
Figure 28. Mode 0 Timing (BCKP bit = “1”, MSBS bit = “0”)


Similar Part No. - AK4637EN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4637 AKM-AK4637 Datasheet
1Mb / 96P
   24bit Mono CODEC with MIC - SPK-AMP
More results

Similar Description - AK4637EN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4637 AKM-AK4637 Datasheet
1Mb / 96P
   24bit Mono CODEC with MIC - SPK-AMP
AK4649VN AKM-AK4649VN Datasheet
922Kb / 94P
   24bit Stereo CODEC with MIC/SPK-AMP
AK4649 AKM-AK4649 Datasheet
955Kb / 96P
   24bit Stereo CODEC with MIC/SPK-AMP
AK4951EN AKM-AK4951EN Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951EG AKM-AK4951EG Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951A AKM-AK4951A Datasheet
1Mb / 105P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4953AEN AKM-AK4953AEN Datasheet
1Mb / 99P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951AEN AKM-AK4951AEN Datasheet
1Mb / 105P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4953A AKM-AK4953A Datasheet
940Kb / 96P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951 AKM-AK4951 Datasheet
2Mb / 111P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com