Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IQXT-200-2 Datasheet(PDF) 1 Page - IQD Frequency Products Ltd

Part # IQXT-200-2
Description  VCTCXO Specification
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

IQXT-200-2 Datasheet(HTML) 1 Page - IQD Frequency Products Ltd

  IQXT-200-2 Datasheet HTML 1Page - IQD Frequency Products Ltd IQXT-200-2 Datasheet HTML 2Page - IQD Frequency Products Ltd IQXT-200-2 Datasheet HTML 3Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IQXT-200
VCTCXO Specification
ISSUE 2; April 2016
Outline (mm) -A = 10 pad version
Outline (mm) -B = 8 pad version
Description
Temperature compensated crystal oscillator available with or
without voltage control in 8-pad or 10-pad package options.
Please note: This document is intended to illustrate the
general capability and versatility of IQD’s design. For specific
enquiries please contact one of IQD’s Sales Offices where we
can tailor a unique specification to meet your needs.
Standard model options:-
IQXT-200-1 HCMOS, no pulling
IQXT-200-2 Clipped sine, no pulling
IQXT-200-3 HCMOS, with pulling
IQXT-200-4 Clipped sine, with pulling
-A 10 pad version
-B 8 pad version
Frequency Parameters
Frequency
10.0MHz to 50.0MHz
±0.50ppm
Frequency Tolerance
@ 25°C, 3.3V &
VC=1.65V/NC
Tolerance Condition
Frequency Stability
±0.28ppm to ±2.00ppm
±0.02ppm max per day,
±1.0ppm max per year
Ageing
Frequency Tolerance (measurement referenced to frequency
observed with TA=25°C, Vs=3.3V, VC=1.65V/NC and within 30
days after ex-works): ±0.5ppm
Frequency Stability: TA varied across the operating
temperature range, measurement referenced to frequency
observed with TA=25°C, Vs=3.3V, VC=1.65V/NC,
load=15pF/10kΩ//10pF and temperature variable speed less
than 2°C per minute.
Ageing: TA=25°C, Vs=3.3V, VC=1.65V/NC and after 1hr of
operation.
Supply Voltage Variation (measurement referenced to
frequency observed with TA=25°C, Vs varied from 3.13V to
3.47V, VC=1.65V/NC and load=15pF/10kΩ//10pF): ±0.1ppm
max
Load Variation (5% load change measurement referenced to
frequency observed with TA=25°C, Vs=3.3V, VC=1.65V/NC
and load=15pF/10kΩ//10pF): ±0.1ppm max
Short Term Stability (@ 25°C after 10mins power on): 5E-10/s
typ @ 10.0MHz
Developed Frequencies: 10.0MHz, 12.80MHz, 13.0MHz,
16.320MHz, 16.3840MHz, 19.20MHz, 19.440MHz, 20.0MHz,
25.0MHz, 26.0MHz, 30.720MHz, 38.88MHz, 40.0MHz
Electrical Parameters
3.3V ±5%
Supply Voltage
Current: TA=25°C, Vs=3.3V, VC=1.65V/NC and
load=15pF/10kΩ//10pF
Frequency Adjustment
Pulling
±10ppm to ±15ppm
Control Voltage
1.65V ±1.65V
Linearity: ±10% max
Slope: Positive
Input Impedance: 100kΩ min
Printed on 26 Apr 16 14:43 using Model Data Sheet V1.2550
Page 1 of 3
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Similar Part No. - IQXT-200-2

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
IQXT-205-1 IQD-IQXT-205-1 Datasheet
248Kb / 11P
   IQXT-205-1 is a 2.0 x 1.6mm SMD Temperature Compensated Crystal Oscillator (TCXO) in a hermetically sealed package.
IQXT-205-1-18 IQD-IQXT-205-1-18 Datasheet
248Kb / 11P
   IQXT-205-1 is a 2.0 x 1.6mm SMD Temperature Compensated Crystal Oscillator (TCXO) in a hermetically sealed package.
IQXT-205-1-25 IQD-IQXT-205-1-25 Datasheet
248Kb / 11P
   IQXT-205-1 is a 2.0 x 1.6mm SMD Temperature Compensated Crystal Oscillator (TCXO) in a hermetically sealed package.
IQXT-205-1-28 IQD-IQXT-205-1-28 Datasheet
248Kb / 11P
   IQXT-205-1 is a 2.0 x 1.6mm SMD Temperature Compensated Crystal Oscillator (TCXO) in a hermetically sealed package.
IQXT-205-1-30 IQD-IQXT-205-1-30 Datasheet
248Kb / 11P
   IQXT-205-1 is a 2.0 x 1.6mm SMD Temperature Compensated Crystal Oscillator (TCXO) in a hermetically sealed package.
More results

Similar Description - IQXT-200-2

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
CFPT-123 IQD-CFPT-123 Datasheet
791Kb / 2P
   VCTCXO Specification
IQXT-192 IQD-IQXT-192 Datasheet
128Kb / 2P
   VCTCXO Specification
LFTVXO085766 IQD-LFTVXO085766 Datasheet
224Kb / 2P
   VCTCXO Specification
V1.0020
IQXT-313 IQD-IQXT-313 Datasheet
198Kb / 3P
   VCTCXO Specification
IQXT-190 IQD-IQXT-190 Datasheet
129Kb / 2P
   VCTCXO Specification
CFPT-125 IQD-CFPT-125 Datasheet
723Kb / 2P
   VCTCXO Specification
LFTVXO085762 IQD-LFTVXO085762 Datasheet
262Kb / 2P
   VCTCXO Specification
V1.0020
LFTVXO085759 IQD-LFTVXO085759 Datasheet
269Kb / 2P
   VCTCXO Specification
V1.0020
IQXT-210 IQD-IQXT-210 Datasheet
294Kb / 3P
   VCTCXO Specification
CFPT-126 IQD-CFPT-126 Datasheet
204Kb / 2P
   VCTCXO Specification
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com