Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5354 Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AD5354
Description  Low Power 20bit ADC with PGA
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AD5354 Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AD5354 Datasheet HTML 2Page - Asahi Kasei Microsystems AD5354 Datasheet HTML 3Page - Asahi Kasei Microsystems AD5354 Datasheet HTML 4Page - Asahi Kasei Microsystems AD5354 Datasheet HTML 5Page - Asahi Kasei Microsystems AD5354 Datasheet HTML 6Page - Asahi Kasei Microsystems AD5354 Datasheet HTML 7Page - Asahi Kasei Microsystems AD5354 Datasheet HTML 8Page - Asahi Kasei Microsystems AD5354 Datasheet HTML 9Page - Asahi Kasei Microsystems AD5354 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
ASAHI KASEI
[AK5354]
MS0054-E-02
2004/12
- 6 -
SWITCHING CHARACTERISTICS
(Ta=25
°C; VA=2.1 ∼ 3.3V, VD=1.8 ∼ 3.3V; C
L=20pF)
Parameter
Symbol
min
typ
max
Units
Control Clock Frequency
Master Clock (MCLK)
256fs: Frequency
Pulse Width Low
Pulse Width High
384fs:
Frequency
Pulse Width Low
Pulse Width High
Channel Clock (LRCK)
Frequency
Duty Cycle
fCLK
tCLKL
tCLKH
fCLK
tCLKL
tCLKH
fs
2.048
28
28
3.072
23
23
8
45
11.2896
16.9344
44.1
12.8
19.2
50
55
MHz
ns
ns
MHz
ns
ns
kHz
%
Audio Interface Timing
BCLK Period
BCLK Pulse Width Low
Pulse Width High
BCLK “
↓” to LRCK
LRCK Edge to SDTO (MSB)
BCLK “
↓” to SDTO
tBLK
tBLKL
tBLKH
tBLR
tDLR
tDSS
312.5
130
130
-tBLKH+50
tBLKL-50
80
80
ns
ns
ns
ns
ns
ns
Control Interface Timing
CCLK Period
CCLK Pulse Width Low
Pulse Width High
CDATA Setup Time
CDATA Hold Time
CSN “H” Time
CSN “
↓” to CCLK “↑”
CCLK “
↑” to CSN “↑”
tCCK
tCCKL
tCCKH
tCDS
tCDH
tCSW
tCSS
tCSH
200(Note 7)
80
80
50
50
150(Note 7)
50(Note 7)
50
ns
ns
ns
ns
ns
ns
ns
ns
Reset / Calibration Timing
PDN Pulse Width
PDN “
↑” to SDTO
(Note 8)
tPW
tPWV
150
4128
ns
1/fs
Note: 7. fs
≥ 19.6kHz.
In the case of fs <19.6kHz, these three parameters must meet a relationship of
(tCSW + tCSS + 7
× tCCK) > 1/(32 × fs) in addition to these specifications.
For example, When tCCK=200ns and tCSS=50ns at fs=8kHz, tCSW(min) is 2457ns. When tCSW=150ns and
tCSS=50ns fs=8kHz, tCCK(min) is 530ns.
Note: 8. These cycles are the numbers of LRCK rising from PDN pin rising.


Similar Part No. - AD5354

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD535 AD-AD535 Datasheet
1Mb / 6P
   INTERNALLY TRIMMED INTEGRATED CIRCUIT DIVIDER
AD53500 AD-AD53500 Datasheet
101Kb / 7P
   High Speed, High Current Capability Pin Driver
REV. 0
AD53500JRP AD-AD53500JRP Datasheet
101Kb / 7P
   High Speed, High Current Capability Pin Driver
REV. 0
AD53500 AD-AD53500_15 Datasheet
105Kb / 7P
   High Speed, High Current Capability Pin Driver
REV. 0
AD53508 AD-AD53508 Datasheet
125Kb / 8P
   PPMU Circuit
REV. 0
More results

Similar Description - AD5354

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5354 AKM-AK5354_04 Datasheet
155Kb / 19P
   Low Power 20bit ?誇 ADC with PGA
AK5356 AKM-AK5356 Datasheet
156Kb / 22P
   LOW POWER 20BIT ADC WITH MIC AMP & PGA
AK4562 AKM-AK4562 Datasheet
167Kb / 29P
   LOW POWER 20BIT CODEC WITH PGA
AK5354 AKM-AK5354 Datasheet
109Kb / 19P
   LOW POWER 20 BIT ADC WITH PGA
logo
Wolfson Microelectronic...
WM8200 WOLFSON-WM8200 Datasheet
161Kb / 15P
   40MSPS ADC with PGA
logo
Asahi Kasei Microsystem...
AK4522 AKM-AK4522 Datasheet
134Kb / 18P
   20BIT STEREO ADC & DAC
logo
Analog Devices
AD1556 AD-AD1556_15 Datasheet
435Kb / 24P
   24-Bit ADC with Low Noise PGA
REV. B
AD1555 AD-AD1555 Datasheet
429Kb / 24P
   24-Bit ADC WITH LOW NOISE PGA
REV. B
AD1555APZRL AD-AD1555APZRL Datasheet
435Kb / 24P
   24-Bit - ADC with Low Noise PGA
REV. B
AD1555 AD-AD1555_15 Datasheet
435Kb / 24P
   24-Bit ADC with Low Noise PGA
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com