Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQ4H-L2-2M-5V Datasheet(PDF) 2 Page - Nais(Matsushita Electric Works)

Part # TQ4H-L2-2M-5V
Description  LOW PROFILE 2 FORM C RELAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

TQ4H-L2-2M-5V Datasheet(HTML) 2 Page - Nais(Matsushita Electric Works)

  TQ4H-L2-2M-5V Datasheet HTML 1Page - Nais(Matsushita Electric Works) TQ4H-L2-2M-5V Datasheet HTML 2Page - Nais(Matsushita Electric Works) TQ4H-L2-2M-5V Datasheet HTML 3Page - Nais(Matsushita Electric Works) TQ4H-L2-2M-5V Datasheet HTML 4Page - Nais(Matsushita Electric Works) TQ4H-L2-2M-5V Datasheet HTML 5Page - Nais(Matsushita Electric Works) TQ4H-L2-2M-5V Datasheet HTML 6Page - Nais(Matsushita Electric Works) TQ4H-L2-2M-5V Datasheet HTML 7Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TQ
134
ORDERING INFORMATION
EX. TQ
Contact arrangement
Terninal shape
2: 2 Form C
4: 4 Form C
Nil: Standard PC board
terminal
H: Self-clinching terminal
Nil: Single side stable
Nil: Standard
(B.B.M.) type
3, 4.5, 5, 6, 9,
12, 24, 48* V
2M: 2M.B.B. type
L: 1 coil latching
L2: 2 coil latching
Operating function
MBB function
Coil voltage (DC)
2L2
2M
3V
H
*48 V coil type: Single side stable only
Notes: 1. AgPd stationary contact types available for high resistance against contact sticking.
When ordering, please add suffix “–3” like TQ2-12V-3.
2. M.B.B. contact types are available only for TQ2 type.
TYPES AND COIL DATA (at 20
°C 68°F)
1. Standard (B.B.M.) type
2 Form C type
1. Single side stable
2. 1 Coil latching
3. 2 Coil latching
Notes: 1. Specified value of the pick-up, drop-out, set and reset voltage is with the condition of square wave coil pulse.
2. Standard packing: Tube: 50 pcs.; Case: 1,000 pcs.
3. In case of 5 V transistor drive circuit, it is recommend to use 4.5 V type relay.
4. AgPd stationary contact types available for high resistance against contact sticking. When ordering, please add suffix "–3" like TQ2-12V-3.
Part No.
Nominal
voltage,
V DC
Pick-up
voltage,
V DC (max.)
Drop-out
voltage,
V DC (min.)
Nominal
operating
current,
mA (
±10%)
Coil
resistance,
Ω (±10%)
Nominal
operating
power,
mW
Max.
allowable
voltage,
V DC
Standard PC
board terminal
Self-clinching
terminal
TQ2-3 V
TQ2H-3 V
3
2.25
0.3
46.7
64.3
140
4.5
TQ2-4.5 V
TQ2H-4.5 V
4.5
3.38
0.45
31.1
144.6
140
6.7
TQ2-5 V
TQ2H-5 V
5
3.75
0.5
28.1
178
140
7.5
TQ2-6 V
TQ2H-6 V
6
4.5
0.6
23.3
257
140
9
TQ2-9 V
TQ2H-9 V
9
6.75
0.9
15.5
579
140
13.5
TQ2-12 V
TQ2H-12 V
12
9
1.2
11.7
1,028
140
18
TQ2-24 V
TQ2H-24 V
24
18
2.4
8.3
2,880
200
36
TQ2-48 V
TQ2H-48 V
48
36
4.8
6.25
7,680
300
57.6
Part No.
Nominal
voltage,
V DC
Set voltage,
V DC (max.)
Reset voltage,
V DC (min.)
Nominal
operating
current,
mA (
±10%)
Coil
resistance,
Ω (±10%)
Nominal
operating
power,
mW
Max.
allowable
voltage,
V DC
Standard PC
board terminal
Self-clinching
terminal
TQ2-L-3 V
TQ2H-L-3 V
3
2.25
2.25
33.3
90
100
4.5
TQ2-L-4.5 V
TQ2H-L-4.5 V
4.5
3.38
3.38
22.2
202.5
100
6.7
TQ2-L-5 V
TQ2H-L-5 V
5
3.75
3.75
20
250
100
7.5
TQ2-L-6 V
TQ2H-L-6 V
6
4.5
4.5
16.7
360
100
9
TQ2-L-9 V
TQ2H-L-9 V
9
6.75
6.75
11.1
810
100
13.5
TQ2-L-12 V
TQ2H-L-12 V
12
9
9
8.3
1,440
100
18
TQ2-L-24 V
TQ2H-L-24 V
24
18
18
6.3
3,840
150
36
Part No.
Nominal
voltage,
V DC
Set voltage,
V DC (max.)
Reset voltage,
V DC (min.)
Nominal
operating
current,
mA (
±10%)
Coil
resistance,
Ω (±10%)
Nominal
operating
power,
mW
Max.
allowable
voltage,
V DC
Standard PC
board terminal
Self-clinching
terminal
TQ2-L2-3 V
TQ2H-L2-3 V
3
2.25
2.25
66.7
45
200
4.5
TQ2-L2-4.5 V
TQ2H-L2-4.5 V
4.5
3.38
3.38
44.4
101.2
200
6.7
TQ2-L2-5 V
TQ2H-L2-5 V
5
3.75
3.75
40
125
200
7.5
TQ2-L2-6 V
TQ2H-L2-6 V
6
4.5
4.5
33.3
180
200
9
TQ2-L2-9 V
TQ2H-L2-9 V
9
6.75
6.75
22.2
405
200
13.5
TQ2-L2-12 V
TQ2H-L2-12 V
12
9
9
16.7
720
200
18
TQ2-L2-24 V
TQ2H-L2-24 V
24
18
18
12.5
1,920
300
28.8


Similar Part No. - TQ4H-L2-2M-5V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TQ4-5V PANASONIC-TQ4-5V Datasheet
186Kb / 11P
   2-pole 5 mm Surface Mount Relay, JIS C0806 compliant
More results

Similar Description - TQ4H-L2-2M-5V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
HX2-1.5V NAIS-HX2-1.5V Datasheet
60Kb / 3P
   Compact & Slim 2 Form C Non-polarized Relay
logo
IXYS Corporation
LCC110 IXYS-LCC110 Datasheet
148Kb / 9P
   1-Form-C OptoMOS Relay
LCC120 IXYS-LCC120 Datasheet
133Kb / 8P
   1-Form-C OptoMOS Relay
logo
Hongfa Technology
HFD27 HONGFA-HFD27_17 Datasheet
59Kb / 3P
   2 Form C configuration
logo
Fujitsu Component Limit...
FTR-B2 FUJITSU-FTR-B2 Datasheet
143Kb / 8P
   4 POLE (2 FORM C 2 FORM A) SIGNAL RELAY FOR CENTRAL SWITCHING/ DATA TRANSMISSION
FTR-B2 FUJITSU-FTR-B2_06 Datasheet
1Mb / 8P
   4 Pole (2 FORM C 2 FORM A) Signal Relay for Central Switching/ Data Transmission
logo
Solid State Optronic
AD6C223 SSOUSA-AD6C223 Datasheet
223Kb / 6P
   1 Form C Solid State Relay
logo
Adam Technologies, Inc.
RSY-1C-12V ADAM-TECH-RSY-1C-12V Datasheet
84Kb / 1P
   RELAY 1 FORM C SEALED TYPE
RSC-A-1C-X-S ADAM-TECH-RSC-A-1C-X-S Datasheet
91Kb / 1P
   RELAY 1 FORM C SEALED TYPE
logo
Nais(Matsushita Electri...
CQ1-12V NAIS-CQ1-12V Datasheet
51Kb / 3P
   1 FORM C AUTOMOTIVE QUIET RELAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com