Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRP9711 Datasheet(PDF) 6 Page - Exar Corporation

Part # XRP9711
Description  Dual 6A Programmable Power Module
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP9711 Datasheet(HTML) 6 Page - Exar Corporation

Back Button XRP9711 Datasheet HTML 2Page - Exar Corporation XRP9711 Datasheet HTML 3Page - Exar Corporation XRP9711 Datasheet HTML 4Page - Exar Corporation XRP9711 Datasheet HTML 5Page - Exar Corporation XRP9711 Datasheet HTML 6Page - Exar Corporation XRP9711 Datasheet HTML 7Page - Exar Corporation XRP9711 Datasheet HTML 8Page - Exar Corporation XRP9711 Datasheet HTML 9Page - Exar Corporation XRP9711 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
XRP9710 and XRP9711
Dual 6A Programmable Power Module
© 2014 Exar Corporation
6/36
Rev. 1.0.1
CURRENT AND AUX ADC (MONITORING ADCS)
Parameter
Min.
Typ.
Max.
Units
Conditions
Current Sense Accuracy
-3.75
±1.25
3.75
mV
Low Range (≤120mV)
-60mV applied
-10
10
mV
-5
±2.5
5
mV
High Range (≤280mV)
-150mV
-12.5
+12.5
mV
Current Sense ADC INL
±0.4
LSB
DNL
0.27
Current Limit Set Point
Resolution and Current
Sense ADC Resolution
1.25
mV
Low Range (≤120mV)
2.5
mV
High Range (≤280mV)
Current Sense ADC Range
-120
20
mV
Low Range (≤120mV)
-280
40
High Range (≤280mV)
VOUT ADC Resolution
15
30
60
mV
Low Range
Mid Range
High Range
VOUT ADC Accuracy
-1
1
LSB
VCC ADC Range
4.6
25
V
Note 2
UVLO WARN SET
4.4
4.72
V
UVLO WARN set point 4.6V, VCC=LDO5
UVLO WARN CLEAR
4.4
4.72
V
UVLO WARN set point 4.6V, VCC=LDO5
VCC ADC Resolution
200
mV
VCC ADC Accuracy
-1
1
LSB
Vcc <= 20V
Die Temp ADC Resolution
5
°C
Die Temp ADC Range
-44
156
°C
Output value is in Kelvin
Note 2: Although Range of VCC ADC is technically 0V to 25V, below 4.55 the LDO5 hardware UVLO may have tripped.
LINEAR REGULATOR
Parameter
Min.
Typ.
Max.
Units
Conditions
LDO5 Output Voltage
4.85
5.0
5.15
V
5.5V ≤ VCC ≤ 25V
0mA < ILDO5OUT < 130mA
LDO5 Current Limit
135
155
180
mA
LDO5 Fault Set
LDO5 UVLO
4.74
V
VCC Rising
LDO5 PGOOD Hysteresis
375
mV
VCC Falling
Maximum total LDO loading
during ENABLE start-up
30
mA
ENABLE transition from logic low to
high. Once LDO5 in regulation above
limits apply.


Similar Part No. - XRP9711

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP9710EY EXAR-XRP9710EY Datasheet
178Kb / 2P
   Flammability rating of UL 94?륷0
More results

Similar Description - XRP9711

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL89166 INTERSIL-ISL89166 Datasheet
420Kb / 13P
   High Speed, Dual Channel, 6A, Power MOSFET Driver With Programmable Delays
logo
Renesas Technology Corp
ISL89166 RENESAS-ISL89166 Datasheet
685Kb / 14P
   High Speed, Dual Channel, 6A, Power MOSFET Driver With Programmable Delays
logo
Maxim Integrated Produc...
MAXM17516EVKIT MAXIM-MAXM17516EVKIT Datasheet
337Kb / 8P
   MAXM17516, 6A Integrated Power Module
Rev 0; 4/15
logo
Intersil Corporation
ISL8203M INTERSIL-ISL8203M Datasheet
1Mb / 18P
   Dual 3A/Single 6A Step-Down DC/DC Power Module
logo
Renesas Technology Corp
ISL8203M RENESAS-ISL8203M Datasheet
1Mb / 18P
   Dual 3A/Single 6A Step-Down DC/DC Power Module
logo
Microchip Technology
MIC45116 MICROCHIP-MIC45116 Datasheet
1Mb / 42P
   20V/6A DC/DC Power Module
06/23/16
MIC45116 MICROCHIP-MIC45116_V01 Datasheet
5Mb / 42P
   20V/6A DC/DC Power Module
Rev. B April 2022
MIC45205 MICROCHIP-MIC45205 Datasheet
3Mb / 40P
   26V/6A DC/DC Power Module
Revision B (May 2022)
logo
Micrel Semiconductor
MIC45205 MICREL-MIC45205 Datasheet
3Mb / 31P
   26V/6A DC-to-DC Power Module
logo
Linear Technology
LTM4618EV LINER-LTM4618EV Datasheet
1Mb / 8P
   6A Step-Down Power 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com