Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRP9710 Datasheet(PDF) 1 Page - Exar Corporation

Part # XRP9710
Description  Dual 6A Programmable Power Module
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP9710 Datasheet(HTML) 1 Page - Exar Corporation

  XRP9710 Datasheet HTML 1Page - Exar Corporation XRP9710 Datasheet HTML 2Page - Exar Corporation XRP9710 Datasheet HTML 3Page - Exar Corporation XRP9710 Datasheet HTML 4Page - Exar Corporation XRP9710 Datasheet HTML 5Page - Exar Corporation XRP9710 Datasheet HTML 6Page - Exar Corporation XRP9710 Datasheet HTML 7Page - Exar Corporation XRP9710 Datasheet HTML 8Page - Exar Corporation XRP9710 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
XRP9710 and XRP9711
Dual 6A Programmable Power Module
January 2014
Rev. 1.0.1
Exar Corporation
www.exar.com
48720 Kato Road, Fremont CA 94538, USA
Tel. +1 510 668-7000 – Fax. +1 510 668-7001
GENERAL DESCRIPTION
The XRP9710 and XRP9711 are programmable
step down power modules providing two 6A
outputs.
The module package contains the
switching
controller,
power
MOSFETs,
inductors and support components. As a
result, external components are minimal. A
wide input voltage range (4.75V to 5.5V or
5.5V to 22V) allows for single supply operation
from standard power rails.
The modules measure only 12x12x2.75mm
making it half the size of competing 12V
capable 6Amp modules. The 2.75mm height
allows them to be placed on the back of
boards or under heat sinks where other
solutions cannot, yet they contain two full 6A
buck power stages and two Digital Pulse Width
Modulator (DPWM) controllers with gate
drivers. Designed to operate at a constant
PWM switching frequency between 500kHz and
750kHz, the Digital Pulse Frequency Mode
(DPFM) results in better than 80% efficiency
at light load currents and low operating
current allow for portable and Energy Star
compliant applications.
Each XRP9710 or
XRP9711
output
can
be
individually
programmed to as low as 0.6V with a
resolution as fine as 2.5mV, and configurable
for precise soft start and soft stop sequencing,
including delay and ramp control.
The XRP9710/1 is fully controlled via a SMBus-
compliant I2C interface allowing for advanced
local and/or remote reconfiguration, full
performance monitoring and reporting as well
as fault handling.
Built-in
output
over-voltage,
over-
temperature, over-current and under voltage
lockout protections insure safe operation
under abnormal operating conditions.
The XRP9710/1 is offered in a RoHS
compliant, halogen-free LGA package.
FEATURES
XRP9710 – Dual 6A Outputs with
Differential Sensing
XRP9711 – Dual 6A Outputs with
Control for Two External Power Stages
12 x 12 x 2.75mm LGA Package
Wide Input Voltage Range: 4.75V to
22V
Low Range: 4.75V to 5.5V
High Range: 5.5V-22V
Output Voltage Range: 0.6V to 5.5V
SMBus Compliant - I2C Interface
Full Power Monitoring and Reporting
3 x 15V Capable PSIOs + 2 x GPIOs
Full Start/Stop Sequencing Support
Built-in Thermal, Over-Current, UVLO
and Output Over-Voltage Protections
On-Board 5V Standby LDO
On-Board Non-volatile Memory
CISPR22 Level B radiated emissions
PowerArchitect™ 5.1 or later Design
Tool
APPLICATIONS
Servers
Base Stations
Switches/Routers
Broadcast Equipment
Industrial Control Systems
Automatic Test Equipment
Video Surveillance Systems


Similar Part No. - XRP9710

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP9710EY EXAR-XRP9710EY Datasheet
178Kb / 2P
   Flammability rating of UL 94?륷0
More results

Similar Description - XRP9710

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL89166 INTERSIL-ISL89166 Datasheet
420Kb / 13P
   High Speed, Dual Channel, 6A, Power MOSFET Driver With Programmable Delays
logo
Renesas Technology Corp
ISL89166 RENESAS-ISL89166 Datasheet
685Kb / 14P
   High Speed, Dual Channel, 6A, Power MOSFET Driver With Programmable Delays
logo
Maxim Integrated Produc...
MAXM17516EVKIT MAXIM-MAXM17516EVKIT Datasheet
337Kb / 8P
   MAXM17516, 6A Integrated Power Module
Rev 0; 4/15
logo
Intersil Corporation
ISL8203M INTERSIL-ISL8203M Datasheet
1Mb / 18P
   Dual 3A/Single 6A Step-Down DC/DC Power Module
logo
Renesas Technology Corp
ISL8203M RENESAS-ISL8203M Datasheet
1Mb / 18P
   Dual 3A/Single 6A Step-Down DC/DC Power Module
logo
Microchip Technology
MIC45116 MICROCHIP-MIC45116 Datasheet
1Mb / 42P
   20V/6A DC/DC Power Module
06/23/16
MIC45116 MICROCHIP-MIC45116_V01 Datasheet
5Mb / 42P
   20V/6A DC/DC Power Module
Rev. B April 2022
MIC45205 MICROCHIP-MIC45205 Datasheet
3Mb / 40P
   26V/6A DC/DC Power Module
Revision B (May 2022)
logo
Micrel Semiconductor
MIC45205 MICREL-MIC45205 Datasheet
3Mb / 31P
   26V/6A DC-to-DC Power Module
logo
Linear Technology
LTM4618EV LINER-LTM4618EV Datasheet
1Mb / 8P
   6A Step-Down Power 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com