Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR81112-F Datasheet(PDF) 1 Page - Exar Corporation

Part # XR81112-F
Description  Universal Clock - High Frequency LVCMOS/LVDS/LVPECL Clock Synthesizer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR81112-F Datasheet(HTML) 1 Page - Exar Corporation

  XR81112-F Datasheet HTML 1Page - Exar Corporation XR81112-F Datasheet HTML 2Page - Exar Corporation XR81112-F Datasheet HTML 3Page - Exar Corporation XR81112-F Datasheet HTML 4Page - Exar Corporation XR81112-F Datasheet HTML 5Page - Exar Corporation XR81112-F Datasheet HTML 6Page - Exar Corporation XR81112-F Datasheet HTML 7Page - Exar Corporation XR81112-F Datasheet HTML 8Page - Exar Corporation XR81112-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© 2014 Exar Corporation
XR81112
Universal Clock - High Frequency
LVCMOS/LVDS/LVPECL Clock Synthesizer
exar.com/XR81112
Rev 1A
1 / 12
General Description
The XR81112 is a family of Universal Clock synthesizer devices in a com-
pact QFN-12 package. The devices generate ANY frequency in the range of
10 MHz to 1.5GHz by utilizing a highly flexible delta sigma modulator and a
wide ranging VCO. The outputs are configurable for single ended LVCMOS
or differential LVDS or LVPECL. The clock outputs have very low phase
noise jitter of sub 0.6ps while consuming extremely low power. These
devices can be used with standard crystals or an external system clock and
can be configured to select from four different frequency multiplier settings to
support a wide variety of applications. This family of products have an
extremely low power PLL block with core power consumption less than 40%
of equivalent devices in the market.
The XR81112 is a clock synthesizer with Integer/fractional divider, LVCMOS/
LVDS/LVPECL driver, 3.3V/2.5V supply, taking a Xtal input and providing
one of four selectable output frequencies. The device is optimized for use
with a fundamental mode 10MHz to 60MHz crystal (or system clock) and
generates a selection of output frequencies from 10MHz to 1.5GHz in either
integer or fractional mode. In fractional mode, frequency resolution of less
than 1Hz steps can be achieved.
The application diagram below shows a typical synthesizer configuration
with any standard crystal oscillating in fundamental mode. Internal load
capacitors are optionally available to minimize/eliminate external crystal
loads. A system clock can also be used to overdrive the oscillator for a syn-
chronous timing system.
The typical phase noise plot below shows the jitter integrated over the
12KHz to 20MHz range that is widely used in WAN systems. The typical
noise for the integration range of 1.875MHz to 20MHz is sub 200fs which is
important for LAN applications. These clock devices show a very good high
frequency noise floor below -150dB.
FEATURES
• Small footprint 3mm x 3mm QFN package
• Configurable - As one differential LVPECL/LVDS
output pair or as a single ended LVCMOS output
• Crystal oscillator interface which can also be
overdriven using a single-ended reference clock
• Output frequency range: 10MHz - 1500MHz
• Crystal/input frequency: 10MHz to 60MHz, paral-
lel resonant crystal
• VCO range: 2GHz - 3GHz
• RMS phase jitter @ 156.25MHz, 12KHz - 20MHz:
<0.60ps
• Full 3.3V or 2.5V operating supply
• -40°C to 85°C ambient operating temperature
• Lead-free (RoHS 6) package
APPLICATIONS
• 10GE, GE LAN/WAN
• 2.5G/10G SONET/SDH/OTN
• xDSL, PCIe
• Low-jitter Clock Generation
• Synchronized clock systems
Ordering Information – back page
Typical Application
XR81112 PHASE NOISE (dBc/Hz) @ 156.25MHz
100Hz
1KHz
10KHz
100KHz
1MHz
10MHz
-120db
-160db
-140db
-100db
-80db
-60db
-180db
-40db
RMS Jitter = 542.0fs
Int Range 12KHz to 20MHz
VCC
2.5V or 3.3V
Q
10MHz to 1.5GHz
VEE
Q
OE
XTAL_IN
XTAL_OUT
FSEL1
FSEL0
10MHz to60MHz
Enable
Freq Select
XR81112


Similar Part No. - XR81112-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR81111 EXAR-XR81111 Datasheet
232Kb / 12P
   Universal Clock - High Frequency LVPECL Clock Synthesizer
XR81111-CA04-F EXAR-XR81111-CA04-F Datasheet
232Kb / 12P
   Universal Clock - High Frequency LVPECL Clock Synthesizer
XR81111-CA04TR-F EXAR-XR81111-CA04TR-F Datasheet
232Kb / 12P
   Universal Clock - High Frequency LVPECL Clock Synthesizer
XR81111EVB EXAR-XR81111EVB Datasheet
232Kb / 12P
   Universal Clock - High Frequency LVPECL Clock Synthesizer
More results

Similar Description - XR81112-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR81411 EXAR-XR81411 Datasheet
427Kb / 15P
   Universal Quad Clock - High Frequency LVCMOS/LVDS/LVPECL Clock Synthesizer
XR81101 EXAR-XR81101 Datasheet
208Kb / 8P
   Universal Clock - High Frequency LVCMOS Clock Synthesizer
XR81102 EXAR-XR81102 Datasheet
176Kb / 8P
   Universal Clock - High Frequency LVPECL Clock Synthesizer
XR81111 EXAR-XR81111 Datasheet
232Kb / 12P
   Universal Clock - High Frequency LVPECL Clock Synthesizer
logo
Integrated Device Techn...
849S625 IDT-849S625 Datasheet
390Kb / 24P
   Crystal-to-LVPECL/LVDS Clock Synthesizer
logo
Renesas Technology Corp
ICS849S625I RENESAS-ICS849S625I Datasheet
589Kb / 25P
   Crystal-to-LVPECL/LVDS Clock Synthesizer
December 2, 2015
ICS843404 RENESAS-ICS843404 Datasheet
479Kb / 20P
   LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK GENERATOR
2006
logo
Integrated Circuit Syst...
ICS843404 ICST-ICS843404 Datasheet
246Kb / 19P
   LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK GENERATOR
logo
Motorola, Inc
MC12429 MOTOROLA-MC12429 Datasheet
123Kb / 12P
   HIGH FREQUENCY CLOCK SYNTHESIZER
logo
Integrated Device Techn...
8V44S269 IDT-8V44S269 Datasheet
598Kb / 28P
   FemtoClock Crystal-to-LVDS, LVCMOS 10-Output Clock Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com