Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR81111-CA04TR-F Datasheet(PDF) 7 Page - Exar Corporation

Part # XR81111-CA04TR-F
Description  Universal Clock - High Frequency LVPECL Clock Synthesizer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR81111-CA04TR-F Datasheet(HTML) 7 Page - Exar Corporation

Back Button XR81111-CA04TR-F Datasheet HTML 3Page - Exar Corporation XR81111-CA04TR-F Datasheet HTML 4Page - Exar Corporation XR81111-CA04TR-F Datasheet HTML 5Page - Exar Corporation XR81111-CA04TR-F Datasheet HTML 6Page - Exar Corporation XR81111-CA04TR-F Datasheet HTML 7Page - Exar Corporation XR81111-CA04TR-F Datasheet HTML 8Page - Exar Corporation XR81111-CA04TR-F Datasheet HTML 9Page - Exar Corporation XR81111-CA04TR-F Datasheet HTML 10Page - Exar Corporation XR81111-CA04TR-F Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
© 2014 Exar Corporation
XR81111
7 / 12
exar.com/XR81111
Rev 1B
Typical Performance Characteristics
Figures 1,2,3 and 4 show typical phase noise performance plots for 156.25 MHz, 150MHz, 125M, and 100MHz clock out-
puts respectively. The data was taken using the industry standard Agilent E5052B instrument. The integration range is the
widely referenced 12KHz to 20MHz range most often used in WAN applications.
Figure 1: 156.25MHz Operation, Phase Noise at 3.3V
Figure 2: 150MHz Operation, Phase Noise at 3.3V)


Similar Part No. - XR81111-CA04TR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR81112 EXAR-XR81112 Datasheet
256Kb / 12P
   Universal Clock - High Frequency LVCMOS/LVDS/LVPECL Clock Synthesizer
XR81112-F EXAR-XR81112-F Datasheet
256Kb / 12P
   Universal Clock - High Frequency LVCMOS/LVDS/LVPECL Clock Synthesizer
XR81112EVB EXAR-XR81112EVB Datasheet
256Kb / 12P
   Universal Clock - High Frequency LVCMOS/LVDS/LVPECL Clock Synthesizer
More results

Similar Description - XR81111-CA04TR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR81102 EXAR-XR81102 Datasheet
176Kb / 8P
   Universal Clock - High Frequency LVPECL Clock Synthesizer
XR81112 EXAR-XR81112 Datasheet
256Kb / 12P
   Universal Clock - High Frequency LVCMOS/LVDS/LVPECL Clock Synthesizer
XR81411 EXAR-XR81411 Datasheet
427Kb / 15P
   Universal Quad Clock - High Frequency LVCMOS/LVDS/LVPECL Clock Synthesizer
XR81101 EXAR-XR81101 Datasheet
208Kb / 8P
   Universal Clock - High Frequency LVCMOS Clock Synthesizer
logo
Motorola, Inc
MC12429 MOTOROLA-MC12429 Datasheet
123Kb / 12P
   HIGH FREQUENCY CLOCK SYNTHESIZER
logo
Renesas Technology Corp
ICS843156I RENESAS-ICS843156I Datasheet
475Kb / 21P
   Crystal-to-LVPECL Clock Synthesizer
NOVEMBER 28, 2012
ICS843156 RENESAS-ICS843156 Datasheet
488Kb / 21P
   Crystal-to-LVPECL Clock Synthesizer
May 26, 2016
logo
Integrated Device Techn...
849S625 IDT-849S625 Datasheet
390Kb / 24P
   Crystal-to-LVPECL/LVDS Clock Synthesizer
logo
Renesas Technology Corp
843S304I-100 RENESAS-843S304I-100 Datasheet
666Kb / 25P
   Crystal-to-LVPECL 100MHz Clock Synthesizer
January 6, 2016
843S104I-133 RENESAS-843S104I-133 Datasheet
645Kb / 25P
   Crystal-to-LVPECL 133MHz Clock Synthesizer
April 28, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com