Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR81102-CA02-F Datasheet(PDF) 5 Page - Exar Corporation

Part # XR81102-CA02-F
Description  Universal Clock - High Frequency LVPECL Clock Synthesizer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR81102-CA02-F Datasheet(HTML) 5 Page - Exar Corporation

  XR81102-CA02-F Datasheet HTML 1Page - Exar Corporation XR81102-CA02-F Datasheet HTML 2Page - Exar Corporation XR81102-CA02-F Datasheet HTML 3Page - Exar Corporation XR81102-CA02-F Datasheet HTML 4Page - Exar Corporation XR81102-CA02-F Datasheet HTML 5Page - Exar Corporation XR81102-CA02-F Datasheet HTML 6Page - Exar Corporation XR81102-CA02-F Datasheet HTML 7Page - Exar Corporation XR81102-CA02-F Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
© 2014 Exar Corporation
XR81102
5 / 8
exar.com/XR81102
Rev 1B
Functional Block Diagram
Typical Performance Characteristics
Figure 1 shows a typical phase noise performance plot for a 125MHz clock output. The data was taken using the industry
standard Agilent E5052B phase noise instrument. The integration range is 1.875MHz to 20MHz.
Figure 1: 125MHz Operation, Typical Phase Noise at 3.3V
OSC
PDF & LPF
VCO
Divide
by N
Divide
by M
Q
nQ
XTAL_IN
XTAL_OUT
M/N = 5
OE


Similar Part No. - XR81102-CA02-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR81101 EXAR-XR81101 Datasheet
208Kb / 8P
   Universal Clock - High Frequency LVCMOS Clock Synthesizer
XR81101-AA02-F EXAR-XR81101-AA02-F Datasheet
208Kb / 8P
   Universal Clock - High Frequency LVCMOS Clock Synthesizer
XR81101-AA02TR-F EXAR-XR81101-AA02TR-F Datasheet
208Kb / 8P
   Universal Clock - High Frequency LVCMOS Clock Synthesizer
XR81101EVB EXAR-XR81101EVB Datasheet
208Kb / 8P
   Universal Clock - High Frequency LVCMOS Clock Synthesizer
More results

Similar Description - XR81102-CA02-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR81111 EXAR-XR81111 Datasheet
232Kb / 12P
   Universal Clock - High Frequency LVPECL Clock Synthesizer
XR81112 EXAR-XR81112 Datasheet
256Kb / 12P
   Universal Clock - High Frequency LVCMOS/LVDS/LVPECL Clock Synthesizer
XR81411 EXAR-XR81411 Datasheet
427Kb / 15P
   Universal Quad Clock - High Frequency LVCMOS/LVDS/LVPECL Clock Synthesizer
XR81101 EXAR-XR81101 Datasheet
208Kb / 8P
   Universal Clock - High Frequency LVCMOS Clock Synthesizer
logo
Motorola, Inc
MC12429 MOTOROLA-MC12429 Datasheet
123Kb / 12P
   HIGH FREQUENCY CLOCK SYNTHESIZER
logo
Renesas Technology Corp
ICS843156I RENESAS-ICS843156I Datasheet
475Kb / 21P
   Crystal-to-LVPECL Clock Synthesizer
NOVEMBER 28, 2012
ICS843156 RENESAS-ICS843156 Datasheet
488Kb / 21P
   Crystal-to-LVPECL Clock Synthesizer
May 26, 2016
logo
Integrated Device Techn...
849S625 IDT-849S625 Datasheet
390Kb / 24P
   Crystal-to-LVPECL/LVDS Clock Synthesizer
logo
Renesas Technology Corp
843S304I-100 RENESAS-843S304I-100 Datasheet
666Kb / 25P
   Crystal-to-LVPECL 100MHz Clock Synthesizer
January 6, 2016
843S104I-133 RENESAS-843S104I-133 Datasheet
645Kb / 25P
   Crystal-to-LVPECL 133MHz Clock Synthesizer
April 28, 2016
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com