Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR8054ATP14EVB Datasheet(PDF) 10 Page - Exar Corporation

Part # XR8054ATP14EVB
Description  Low Cost, High Speed Rail-to-Rail Amplifiers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR8054ATP14EVB Datasheet(HTML) 10 Page - Exar Corporation

Back Button XR8054ATP14EVB Datasheet HTML 6Page - Exar Corporation XR8054ATP14EVB Datasheet HTML 7Page - Exar Corporation XR8054ATP14EVB Datasheet HTML 8Page - Exar Corporation XR8054ATP14EVB Datasheet HTML 9Page - Exar Corporation XR8054ATP14EVB Datasheet HTML 10Page - Exar Corporation XR8054ATP14EVB Datasheet HTML 11Page - Exar Corporation XR8054ATP14EVB Datasheet HTML 12Page - Exar Corporation XR8054ATP14EVB Datasheet HTML 13Page - Exar Corporation XR8054ATP14EVB Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
© 2007-2014 Exar Corporation
10 / 27
exar.com/XR8051
Rev 1B
XR8051, XR8052, XR8054
Typical Performance Characteristics
TA = 25°C, VS = +3V, RL = 2kΩ to VS/2, G = +2, RF = 1.5kΩ; unless otherwise noted.
Differential Gain & Phase_DC Coupled
Differential Gain & Phase_AC Coupled
Non-Inverting Large Signal Pulse Response
Crosstalk vs Frequency (XR8052)
0
0.5
1
1.5
2
2.5
3
0
50
100
150
200
Time (ns)
Vs = +3V
-100
-90
-80
-70
-60
-50
-40
0.01
0.1
1
10
Frequency (MHz)
Vs = +3V, RL = 150Ω, VOUT = 2Vpp


Similar Part No. - XR8054ATP14EVB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR8051ASO8X EXAR-XR8051ASO8X Datasheet
157Kb / 1P
   Dodd?륡rank Wall Street Reform and Consumer Protection
XR8052ASO8X EXAR-XR8052ASO8X Datasheet
158Kb / 1P
   Flammability rating of UL 94?륷0
More results

Similar Description - XR8054ATP14EVB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8091 AD-AD8091 Datasheet
229Kb / 16P
   Low-Cost, High-Speed Rail-to-Rail Amplifiers
REV. A
AD8051 AD-AD8051 Datasheet
267Kb / 16P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. B
AD8051 AD-AD8051_07 Datasheet
561Kb / 24P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. H
AD8091 AD-AD8091_07 Datasheet
413Kb / 20P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. C
AD8051ART AD-AD8051ART Datasheet
579Kb / 25P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8051 AD-AD8051_15 Datasheet
579Kb / 25P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8052 AD-AD8052_15 Datasheet
579Kb / 25P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8092 AD-AD8092_15 Datasheet
548Kb / 21P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. C
AD8051 AD-AD8051_06 Datasheet
502Kb / 24P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. G
AD8091 AD-AD8091_16 Datasheet
292Kb / 20P
   Low Cost, High Speed Rail-to-Rail Amplifiers
AD8091 AD-AD8091_05 Datasheet
488Kb / 20P
   Low Cost, High Speed Rail-to-Rail Amplifiers
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com