Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR2009ISO8EVB Datasheet(PDF) 6 Page - Exar Corporation

Part # XR2009ISO8EVB
Description  0.2mA, 35MHz Rail-to-Rail Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR2009ISO8EVB Datasheet(HTML) 6 Page - Exar Corporation

Back Button XR2009ISO8EVB Datasheet HTML 2Page - Exar Corporation XR2009ISO8EVB Datasheet HTML 3Page - Exar Corporation XR2009ISO8EVB Datasheet HTML 4Page - Exar Corporation XR2009ISO8EVB Datasheet HTML 5Page - Exar Corporation XR2009ISO8EVB Datasheet HTML 6Page - Exar Corporation XR2009ISO8EVB Datasheet HTML 7Page - Exar Corporation XR2009ISO8EVB Datasheet HTML 8Page - Exar Corporation XR2009ISO8EVB Datasheet HTML 9Page - Exar Corporation XR2009ISO8EVB Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
© 2014 Exar Corporation
6 / 16
exar.com/XR1009
Rev 1B
XR1009, XR2009
Typical Performance Characteristics
TA = 25°C, VS = +5V, Rf = Rg = 2.5kΩ, RL = 2kΩ to VS/2; G = 2; unless otherwise noted.
Frequency Response vs. VOUT
Open Loop Gain & Phase vs. Frequency
Non-Inverting Frequency Response at VS = 2.7V
Inverting Frequency Response at VS = 2.7V
Non-Inverting Frequency Response at VS = 5V
Inverting Frequency Response at VS = 5V
Frequency (MHz)
0.1
1
G = 10
10
100
G = 5
G = 1
Rf = 0
G = 2
Frequency (MHz)
0.1
1
G = -10
10
100
G = -5
G = -2
G = -1
Frequency (MHz)
0.1
1
G = 10
10
100
G = 5
G = 2
G = 1
Rf = 0
Frequency (MHz)
0.1
1
G = -10
10
100
G = -5
G = -1
G = -2
Frequency (MHz)
0.1
1
10
100
Vo = 1Vpp
Vo = 2Vpp
Frequency (Hz)
10
100
1k
1M
100k
10k
10M
-20
0
20
100
40
80
60
-200
-160
-120
40
-80
0
-40
Gain
Phase


Similar Part No. - XR2009ISO8EVB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR2001 EXAR-XR2001 Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
XR2002 EXAR-XR2002 Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
XR2002CN EXAR-XR2002CN Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
XR2003 EXAR-XR2003 Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
XR2003CN EXAR-XR2003CN Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
More results

Similar Description - XR2009ISO8EVB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KM4111 FAIRCHILD-KM4111 Datasheet
151Kb / 10P
   0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amplifiers
logo
Exar Corporation
CLC1009 EXAR-CLC1009 Datasheet
1Mb / 15P
   0.2mA, Low Cost, 2.5 to 5.5V, 35MHz Rail-to-Rail Amplifiers
logo
Fairchild Semiconductor
KM4211 FAIRCHILD-KM4211 Datasheet
180Kb / 10P
   Dual, 0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amp
logo
Intersil Corporation
5962-0623501QPC INTERSIL-5962-0623501QPC Datasheet
115Kb / 4P
   500MHz Rail-to-Rail Amplifiers
EL8102 INTERSIL-EL8102_05 Datasheet
377Kb / 12P
   500MHz Rail-to-Rail Amplifiers
logo
ON Semiconductor
MC33201 ONSEMI-MC33201 Datasheet
204Kb / 16P
   Rail-to-Rail Operational Amplifiers
March, 2004 ??Rev. 12
logo
Global Mixed-mode Techn...
G1812 GMT-G1812 Datasheet
291Kb / 1P
   Rail-to-Rail Output Amplifiers
logo
SG Micro Corp
SGM8302 SGMICRO-SGM8302 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8301 SGMICRO-SGM8301_17 Datasheet
809Kb / 16P
   Rail-to-Rail Output Amplifiers
logo
Intersil Corporation
EL8100 INTERSIL-EL8100 Datasheet
564Kb / 14P
   200MHz Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com