Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR2008IMP8MTR Datasheet(PDF) 10 Page - Exar Corporation

Part # XR2008IMP8MTR
Description  0.5mA, 75MHz Rail-to-Rail Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR2008IMP8MTR Datasheet(HTML) 10 Page - Exar Corporation

Back Button XR2008IMP8MTR Datasheet HTML 6Page - Exar Corporation XR2008IMP8MTR Datasheet HTML 7Page - Exar Corporation XR2008IMP8MTR Datasheet HTML 8Page - Exar Corporation XR2008IMP8MTR Datasheet HTML 9Page - Exar Corporation XR2008IMP8MTR Datasheet HTML 10Page - Exar Corporation XR2008IMP8MTR Datasheet HTML 11Page - Exar Corporation XR2008IMP8MTR Datasheet HTML 12Page - Exar Corporation XR2008IMP8MTR Datasheet HTML 13Page - Exar Corporation XR2008IMP8MTR Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
© 2014 Exar Corporation
10 / 17
exar.com/XR1008
Rev 1B
XR1008, XR2008
Application Information
General Description
The XR1008 family are a single supply, general purpose,
voltage-feedback ampli ers fabricated on a complementary
bipolar process. The XR1008 offers 75MHz unity gain
bandwidth, 50V/μs slew rate, and only 505μA supply current.
It features a rail-to-rail output stage and is unity gain stable.
Figures 1, 2, and 3 illustrate typical circuit congurations for
non-inverting, inverting, and unity gain topologies for dual
supply applications. They show the recommended bypass
capacitor values and overall closed loop gain equations.
Figure 4 shows the typical non-inverting gain circuit for
single supply applications.
The common mode input range extends to 300mV below
ground in single supply operation. Exceeding these values
will not cause phase reversal. However, if the input voltage
exceeds the rails by more than 0.5V, the input ESD devices
will begin to conduct.
The design uses a Darlington output stage. The output
stage is short circuit protected and offers “soft” saturation
protection that improves recovery time.
+
-
Rf
0.1μF
6.8μF
Output
G = 1 + (Rf/Rg)
Input
+Vs
-Vs
Rg
0.1μF
6.8μF
RL
Figure 1: Typical Non-Inverting Gain Circuit
+
-
Rf
0.1μF
6.8μF
Output
G = - (Rf/Rg)
For optimum input offset
voltage set R1 = Rf || Rg
Input
+Vs
-Vs
0.1μF
6.8μF
RL
Rg
R1
Figure 2: Typical Inverting Gain Circuit
+
-
0.1μF
6.8μF
Output
G = 1
Input
+Vs
-Vs
0.1μF
6.8μF
RL
Figure 3: Unity Gain Circuit
+
-
Rf
0.1μF
6.8μF
Out
In
+Vs
+
Rg
Figure 4: Single Supply Non-Inverting Gain Circuit
For optimum response at a gain of +2, a feedback resistor
of 1kΩ is recommended. Figure 5 illustrates the XR1008
frequency response with both 1kΩ and 2kΩ feedback
resistors.
Frequency (MHz)
0.1
1
10
100
G = 2
RL = 1kΩ
Rf = 1kΩ
Rf = 2kΩ
Figure 5: Frequency Response vs. Rf


Similar Part No. - XR2008IMP8MTR

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR2001 EXAR-XR2001 Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
XR2002 EXAR-XR2002 Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
XR2002CN EXAR-XR2002CN Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
XR2003 EXAR-XR2003 Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
XR2003CN EXAR-XR2003CN Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
More results

Similar Description - XR2008IMP8MTR

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CLC1008 EXAR-CLC1008 Datasheet
2Mb / 16P
   0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
logo
Fairchild Semiconductor
KM4110 FAIRCHILD-KM4110 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
logo
Cadeka Microcircuits LL...
CLC1008 CADEKA-CLC1008 Datasheet
3Mb / 17P
   0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
logo
Fairchild Semiconductor
KM4210 FAIRCHILD-KM4210 Datasheet
77Kb / 2P
   Dual, 0.5mA, Low Cost, 2.7V and %V, 75MHz Rail-to-Rail Amplifier
logo
Intersil Corporation
5962-0623501QPC INTERSIL-5962-0623501QPC Datasheet
115Kb / 4P
   500MHz Rail-to-Rail Amplifiers
EL8102 INTERSIL-EL8102_05 Datasheet
377Kb / 12P
   500MHz Rail-to-Rail Amplifiers
logo
ON Semiconductor
MC33201 ONSEMI-MC33201 Datasheet
204Kb / 16P
   Rail-to-Rail Operational Amplifiers
March, 2004 ??Rev. 12
logo
Global Mixed-mode Techn...
G1812 GMT-G1812 Datasheet
291Kb / 1P
   Rail-to-Rail Output Amplifiers
logo
SG Micro Corp
SGM8302 SGMICRO-SGM8302 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8301 SGMICRO-SGM8301_17 Datasheet
809Kb / 16P
   Rail-to-Rail Output Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com