Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR1009IST5MTR Datasheet(PDF) 9 Page - Exar Corporation

Part # XR1009IST5MTR
Description  0.2mA, 35MHz Rail-to-Rail Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR1009IST5MTR Datasheet(HTML) 9 Page - Exar Corporation

Back Button XR1009IST5MTR Datasheet HTML 5Page - Exar Corporation XR1009IST5MTR Datasheet HTML 6Page - Exar Corporation XR1009IST5MTR Datasheet HTML 7Page - Exar Corporation XR1009IST5MTR Datasheet HTML 8Page - Exar Corporation XR1009IST5MTR Datasheet HTML 9Page - Exar Corporation XR1009IST5MTR Datasheet HTML 10Page - Exar Corporation XR1009IST5MTR Datasheet HTML 11Page - Exar Corporation XR1009IST5MTR Datasheet HTML 12Page - Exar Corporation XR1009IST5MTR Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
© 2014 Exar Corporation
9 / 16
exar.com/XR1009
Rev 1B
XR1009, XR2009
Application Information
General Description
The XR1009 and XR2009 are a single supply, general
purpose, voltage-feedback ampli ers fabricated on a
complementary bipolar process. The XR1009 offers 35MHz
unity gain bandwidth, 27V/μs slew rate, and only 208μA
supply current. It features a rail-to-rail output stage and is
unity gain stable.
The design utilizes a patent pending topology that provides
increased slew rate performance. The common mode input
range extends to 300mV below ground and to 1.2V below
Vs. Exceeding these values will not cause phase reversal.
However, if the input voltage exceeds the rails by more than
0.5V, the input ESD devices will begin to conduct. The output
will stay at the rail during this overdrive condition.
The design uses a Darlington output stage. The output
stage is short circuit protected and offers “soft” saturation
protection that improves recovery time.
Figures 1, 2, and 3 illustrate typical circuit congurations for
non-inverting, inverting, and unity gain topologies for dual
supply applications. They show the recommended bypass
capacitor values and overall closed loop gain equations.
Figure 4 shows the typical non-inverting gain circuit for
single supply applications.
+
-
Rf
0.1μF
6.8μF
Output
G = 1 + (Rf/Rg)
Input
+Vs
-Vs
Rg
0.1μF
6.8μF
RL
Figure 1: Typical Non-Inverting Gain Circuit
+
-
Rf
0.1μF
6.8μF
Output
G = - (Rf/Rg)
For optimum input offset
voltage set R1 = Rf || Rg
Input
+Vs
-Vs
0.1μF
6.8μF
RL
Rg
R1
Figure 2: Typical Inverting Gain Circuit
+
-
0.1μF
6.8μF
Output
G = 1
Input
+Vs
-Vs
0.1μF
6.8μF
RL
Figure 3: Unity Gain Circuit
+
-
Rf
0.1μF
6.8μF
Out
In
+Vs
+
Rg
Figure 4: Single Supply Non-Inverting Gain Circuit


Similar Part No. - XR1009IST5MTR

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XR1000 MIMIX-XR1000 Datasheet
490Kb / 6P
   17.0-27.0 GHz GaAs MMIC Receiver
XR1001 MIMIX-XR1001 Datasheet
1Mb / 8P
   33.0-40.0 GHz GaAs MMIC Receiver
XR1001-BD MIMIX-XR1001-BD Datasheet
288Kb / 8P
   33.0-40.0 GHz GaAs MMIC Receiver
XR1001-BD-000V MIMIX-XR1001-BD-000V Datasheet
288Kb / 8P
   33.0-40.0 GHz GaAs MMIC Receiver
XR1001-BD-000W MIMIX-XR1001-BD-000W Datasheet
288Kb / 8P
   33.0-40.0 GHz GaAs MMIC Receiver
More results

Similar Description - XR1009IST5MTR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KM4111 FAIRCHILD-KM4111 Datasheet
151Kb / 10P
   0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amplifiers
logo
Exar Corporation
CLC1009 EXAR-CLC1009 Datasheet
1Mb / 15P
   0.2mA, Low Cost, 2.5 to 5.5V, 35MHz Rail-to-Rail Amplifiers
logo
Fairchild Semiconductor
KM4211 FAIRCHILD-KM4211 Datasheet
180Kb / 10P
   Dual, 0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amp
logo
Intersil Corporation
5962-0623501QPC INTERSIL-5962-0623501QPC Datasheet
115Kb / 4P
   500MHz Rail-to-Rail Amplifiers
EL8102 INTERSIL-EL8102_05 Datasheet
377Kb / 12P
   500MHz Rail-to-Rail Amplifiers
logo
ON Semiconductor
MC33201 ONSEMI-MC33201 Datasheet
204Kb / 16P
   Rail-to-Rail Operational Amplifiers
March, 2004 ??Rev. 12
logo
Global Mixed-mode Techn...
G1812 GMT-G1812 Datasheet
291Kb / 1P
   Rail-to-Rail Output Amplifiers
logo
SG Micro Corp
SGM8302 SGMICRO-SGM8302 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8301 SGMICRO-SGM8301_17 Datasheet
809Kb / 16P
   Rail-to-Rail Output Amplifiers
logo
Intersil Corporation
EL8100 INTERSIL-EL8100 Datasheet
564Kb / 14P
   200MHz Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com