Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR1008ISO8MTR Datasheet(PDF) 5 Page - Exar Corporation

Part # XR1008ISO8MTR
Description  0.5mA, 75MHz Rail-to-Rail Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR1008ISO8MTR Datasheet(HTML) 5 Page - Exar Corporation

  XR1008ISO8MTR Datasheet HTML 1Page - Exar Corporation XR1008ISO8MTR Datasheet HTML 2Page - Exar Corporation XR1008ISO8MTR Datasheet HTML 3Page - Exar Corporation XR1008ISO8MTR Datasheet HTML 4Page - Exar Corporation XR1008ISO8MTR Datasheet HTML 5Page - Exar Corporation XR1008ISO8MTR Datasheet HTML 6Page - Exar Corporation XR1008ISO8MTR Datasheet HTML 7Page - Exar Corporation XR1008ISO8MTR Datasheet HTML 8Page - Exar Corporation XR1008ISO8MTR Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
© 2014 Exar Corporation
5 / 17
exar.com/XR1008
Rev 1B
XR1008, XR2008
SOIC-8
Pin No.
Pin Name
Description
1
NC
No Connect
2
-IN
Negative input
3
+IN
Positive input
4
-VS
Negative supply
5
NC
No Connect
6
OUT
Output
7
+VS
Positive supply
8
NC
No Connect
SOIC-8
-
+
1
2
3
4
NC
-IN
+IN
-Vs
NC
+Vs
OUT
NC
8
7
6
5
XR1008 Pin Assignments
TSOT-5
Pin No.
Pin Name
Description
1
OUT
Output
2
-VS
Negative supply
3
+IN
Positive input
4
-IN
Negative input
5
+VS
Positive supply
XR1008 Pin Congurations
TSOT-5
-
+
2
3
5
4
+IN
+
Vs
-IN
1
-
Vs
OUT
XR2008 Pin Assignments
SOIC-8 / MSOP-8
Pin No.
Pin Name
Description
1
OUT1
Output, channel 1
2
-IN1
Negative input, channel 1
3
+IN1
Positive input, channel 1
4
-VS
Negative supply
5
+IN2
Positive input, channel 2
6
-IN2
Negative input, channel 2
7
OUT2
Output, channel 2
8
+VS
Positive supply
XR2008 Pin Conguration
SOIC-8 / MSOP-8
-
+
-
+
1
2
3
4
OUT1
-IN1
+IN1
-Vs
+Vs
OUT2
-IN2
+IN2
8
7
6
5


Similar Part No. - XR1008ISO8MTR

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XR1008-QB MIMIX-XR1008-QB Datasheet
244Kb / 7P
   35.0-45.0 GHz GaAs Receiver QFN, 7x7 mm
XR1008-QB MIMIX-XR1008-QB Datasheet
213Kb / 7P
   35.0-45.0 GHz GaAs Receiver SMT, 7x7 mm
XR1008-QB MIMIX-XR1008-QB Datasheet
1Mb / 8P
   35.0-45.0 GHz GaAs Receiver
logo
M/A-COM Technology Solu...
XR1008-QB MA-COM-XR1008-QB Datasheet
972Kb / 7P
   37.0-40.0 GHz GaAs Receiver
logo
Mimix Broadband
XR1008-QB-0L00 MIMIX-XR1008-QB-0L00 Datasheet
244Kb / 7P
   35.0-45.0 GHz GaAs Receiver QFN, 7x7 mm
More results

Similar Description - XR1008ISO8MTR

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CLC1008 EXAR-CLC1008 Datasheet
2Mb / 16P
   0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
logo
Fairchild Semiconductor
KM4110 FAIRCHILD-KM4110 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
logo
Cadeka Microcircuits LL...
CLC1008 CADEKA-CLC1008 Datasheet
3Mb / 17P
   0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
logo
Fairchild Semiconductor
KM4210 FAIRCHILD-KM4210 Datasheet
77Kb / 2P
   Dual, 0.5mA, Low Cost, 2.7V and %V, 75MHz Rail-to-Rail Amplifier
logo
Intersil Corporation
5962-0623501QPC INTERSIL-5962-0623501QPC Datasheet
115Kb / 4P
   500MHz Rail-to-Rail Amplifiers
EL8102 INTERSIL-EL8102_05 Datasheet
377Kb / 12P
   500MHz Rail-to-Rail Amplifiers
logo
ON Semiconductor
MC33201 ONSEMI-MC33201 Datasheet
204Kb / 16P
   Rail-to-Rail Operational Amplifiers
March, 2004 ??Rev. 12
logo
Global Mixed-mode Techn...
G1812 GMT-G1812 Datasheet
291Kb / 1P
   Rail-to-Rail Output Amplifiers
logo
SG Micro Corp
SGM8302 SGMICRO-SGM8302 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8301 SGMICRO-SGM8301_17 Datasheet
809Kb / 16P
   Rail-to-Rail Output Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com