Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR1008ISO8MTR Datasheet(PDF) 11 Page - Exar Corporation

Part # XR1008ISO8MTR
Description  0.5mA, 75MHz Rail-to-Rail Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR1008ISO8MTR Datasheet(HTML) 11 Page - Exar Corporation

Back Button XR1008ISO8MTR Datasheet HTML 7Page - Exar Corporation XR1008ISO8MTR Datasheet HTML 8Page - Exar Corporation XR1008ISO8MTR Datasheet HTML 9Page - Exar Corporation XR1008ISO8MTR Datasheet HTML 10Page - Exar Corporation XR1008ISO8MTR Datasheet HTML 11Page - Exar Corporation XR1008ISO8MTR Datasheet HTML 12Page - Exar Corporation XR1008ISO8MTR Datasheet HTML 13Page - Exar Corporation XR1008ISO8MTR Datasheet HTML 14Page - Exar Corporation XR1008ISO8MTR Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
© 2014 Exar Corporation
11 / 17
exar.com/XR1008
Rev 1B
XR1008, XR2008
Power Dissipation
Power dissipation should not be a factor when operating
under the stated 1kΩ load condition. However, applications
with low impedance, DC coupled loads should be analyzed
to ensure that maximum allowed junction temperature is
not exceeded. Guidelines listed below can be used to verify
that the particular application will not cause the device to
operate beyond it’s intended operating range.
Maximum power levels are set by the absolute maximum
junction rating of 150°C. To calculate the junction
temperature, the package thermal resistance value ThetaJA
(θJA) is used along with the total die power dissipation.
TJunction = TAmbient + (θJA × PD)
Where TAmbient is the temperature of the working
environment.
In order to determine PD, the power dissipated in the load
needs to be subtracted from the total power delivered by the
supplies.
PD = Psupply - Pload
Supply power is calculated by the standard power equation.
Psupply = Vsupply × IRMSsupply
Vsupply = VS+ - VS-
Power delivered to a purely resistive load is:
Pload = ((Vload)RMS2)/Rloadeff
The effective load resistor (Rloadeff) will need to include the
effect of the feedback network. For instance,
Rloadeff in Figure 3 would be calculated as:
RL || (Rf + Rg)
These measurements are basic and are relatively easy to
perform with standard lab equipment. For design purposes
however, prior knowledge of actual signal levels and load
impedance is needed to determine the dissipated power.
Here, PD can be found from
PD = PQuiescent + PDynamic - Pload
Quiescent power can be derived from the speci ed IS values
along with known supply voltage, Vsupply. Load power can
be calculated as above with the desired signal amplitudes
using:
(Vload)RMS = Vpeak / √2
( Iload)RMS = ( Vload)RMS / Rloadeff
The dynamic power is focused primarily within the output
stage driving the load. This value can be calculated as:
PDynamic = (VS+ - Vload)RMS × ( Iload)RMS
Assuming the load is referenced in the middle of the power
rails or Vsupply/2.
The XR1008 is short circuit protected. However, this may not
guarantee that the maximum junction temperature (+150°C)
is not exceeded under all conditions. Figure 6 shows the
maximum safe power dissipation in the package vs. the
ambient temperature for the packages available.
0
0.5
1
1.5
-40
-20
0
20
40
60
80
100
120
Ambient Temperature (°C)
MSOP-8
SOIC-8
TSOT-5
Figure 6. Maximum Power Derating
Driving Capacitive Loads
Increased phase delay at the output due to capacitive loading
can cause ringing, peaking in the frequency response, and
possible unstable behavior. Use a series resistance, RS,
between the ampli er and the load to help improve stability
and settling performance. Refer to Figure 7.
+
-
Rf
Input
Output
Rg
Rs
CL
RL
Figure 7. Addition of RS for Driving Capacitive Loads
Table 1 provides the recommended RS for various capacitive
loads. The recommended RS values result in approximately
<1dB peaking in the frequency response.
CL (pF)
RS (Ω)
-3dB BW (MHz)
10pF
0
22
20pF
100
19
50pF
100
12
100pF
100
10.2
Table 1: Recommended RS vs. CL


Similar Part No. - XR1008ISO8MTR

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XR1008-QB MIMIX-XR1008-QB Datasheet
244Kb / 7P
   35.0-45.0 GHz GaAs Receiver QFN, 7x7 mm
XR1008-QB MIMIX-XR1008-QB Datasheet
213Kb / 7P
   35.0-45.0 GHz GaAs Receiver SMT, 7x7 mm
XR1008-QB MIMIX-XR1008-QB Datasheet
1Mb / 8P
   35.0-45.0 GHz GaAs Receiver
logo
M/A-COM Technology Solu...
XR1008-QB MA-COM-XR1008-QB Datasheet
972Kb / 7P
   37.0-40.0 GHz GaAs Receiver
logo
Mimix Broadband
XR1008-QB-0L00 MIMIX-XR1008-QB-0L00 Datasheet
244Kb / 7P
   35.0-45.0 GHz GaAs Receiver QFN, 7x7 mm
More results

Similar Description - XR1008ISO8MTR

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CLC1008 EXAR-CLC1008 Datasheet
2Mb / 16P
   0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
logo
Fairchild Semiconductor
KM4110 FAIRCHILD-KM4110 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
logo
Cadeka Microcircuits LL...
CLC1008 CADEKA-CLC1008 Datasheet
3Mb / 17P
   0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
logo
Fairchild Semiconductor
KM4210 FAIRCHILD-KM4210 Datasheet
77Kb / 2P
   Dual, 0.5mA, Low Cost, 2.7V and %V, 75MHz Rail-to-Rail Amplifier
logo
Intersil Corporation
5962-0623501QPC INTERSIL-5962-0623501QPC Datasheet
115Kb / 4P
   500MHz Rail-to-Rail Amplifiers
EL8102 INTERSIL-EL8102_05 Datasheet
377Kb / 12P
   500MHz Rail-to-Rail Amplifiers
logo
ON Semiconductor
MC33201 ONSEMI-MC33201 Datasheet
204Kb / 16P
   Rail-to-Rail Operational Amplifiers
March, 2004 ??Rev. 12
logo
Global Mixed-mode Techn...
G1812 GMT-G1812 Datasheet
291Kb / 1P
   Rail-to-Rail Output Amplifiers
logo
SG Micro Corp
SGM8302 SGMICRO-SGM8302 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8301 SGMICRO-SGM8301_17 Datasheet
809Kb / 16P
   Rail-to-Rail Output Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com