Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IKW30N60DTP Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IKW30N60DTP
Description  600V DuoPack IGBT and diode
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKW30N60DTP Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IKW30N60DTP Datasheet HTML 2Page - Infineon Technologies AG IKW30N60DTP Datasheet HTML 3Page - Infineon Technologies AG IKW30N60DTP Datasheet HTML 4Page - Infineon Technologies AG IKW30N60DTP Datasheet HTML 5Page - Infineon Technologies AG IKW30N60DTP Datasheet HTML 6Page - Infineon Technologies AG IKW30N60DTP Datasheet HTML 7Page - Infineon Technologies AG IKW30N60DTP Datasheet HTML 8Page - Infineon Technologies AG IKW30N60DTP Datasheet HTML 9Page - Infineon Technologies AG IKW30N60DTP Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
IKW30N60DTP
TRENCHSTOPTMP
erformanceSeries
Rev.2.1,2016-02-08
Diode reverse recovery time
trr
-
76
-
ns
Diode reverse recovery charge
Qrr
-
0.45
-
µC
Diode peak reverse recovery current
Irrm
-
10.2
-
A
Diode peak rate of fall of reverse
recoverycurrentduringtb
dirr/dt
-
150
-
A/µs
Tvj=25°C,
VR=400V,
IF=15.0A,
diF/dt=1160A/µs
SwitchingCharacteristic,InductiveLoad
Value
min.
typ.
max.
Parameter
Symbol Conditions
Unit
IGBTCharacteristic,atTvj=175°C
Turn-on delay time
td(on)
-
15
-
ns
Rise time
tr
-
23
-
ns
Turn-off delay time
td(off)
-
220
-
ns
Fall time
tf
-
59
-
ns
Turn-on energy
Eon
-
0.99
-
mJ
Turn-off energy
Eoff
-
0.74
-
mJ
Total switching energy
Ets
-
1.73
-
mJ
Tvj=175°C,
VCC=400V,IC=30.0A,
VGE=0.0/15.0V,
RG(on)=10.5
Ω,RG(off)=10.5Ω,
L
σ=32nH,Cσ=60pF
L
σ,CσfromFig.E
Energy losses include “tail” and
diode reverse recovery.
Diode reverse recovery time
trr
-
134
-
ns
Diode reverse recovery charge
Qrr
-
1.23
-
µC
Diode peak reverse recovery current
Irrm
-
16.6
-
A
Diode peak rate of fall of reverse
recoverycurrentduringtb
dirr/dt
-
135
-
A/µs
Tvj=175°C,
VR=400V,
IF=15.0A,
diF/dt=1160A/µs


Similar Part No. - IKW30N60DTP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW30N60H3 INFINEON-IKW30N60H3 Datasheet
1Mb / 16P
   High speed Duopack : IGBT in Trench and Fieldstop technology
2010-07-26 revision:1.2
IKW30N60H3 INFINEON-IKW30N60H3 Datasheet
2Mb / 16P
   IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel diode
Rev.2.2,2014-03-12
IKW30N60H3 INFINEON-IKW30N60H3_14 Datasheet
2Mb / 16P
   IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel diode
Rev.2.2,2014-03-12
IKW30N60T INFINEON-IKW30N60T Datasheet
397Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.1 Dev-04
IKW30N60T INFINEON-IKW30N60T Datasheet
506Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.6 19.05.2015
More results

Similar Description - IKW30N60DTP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW40N60DTP INFINEON-IKW40N60DTP Datasheet
1Mb / 16P
   600V DuoPack IGBT and diode
Rev.2.1,2016-02-08
IKW50N60DTP INFINEON-IKW50N60DTP Datasheet
1Mb / 16P
   600V DuoPack IGBT and diode TRENCHSTOPTM Performance series
Rev.2.1,2016-02-08
IGW40N60DTP INFINEON-IGW40N60DTP Datasheet
1Mb / 14P
   600V DuoPack IGBT TRENCHSTOPTM Performance series
Rev.2.1,2016-02-05
IKZ50N65EH5 INFINEON-IKZ50N65EH5 Datasheet
2Mb / 16P
   650V DuoPack IGBT and diode High speed series fifth generation
Rev.2.1,2014-10-31
IKZ50N65NH5 INFINEON-IKZ50N65NH5 Datasheet
2Mb / 16P
   650V DuoPack IGBT and diode High speed series fifth generation
Rev.2.1,2014-10-31
IKW40N65F5 INFINEON-IKW40N65F5_13 Datasheet
2Mb / 18P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.1.2,2013-12-18
IKP40N65H5 INFINEON-IKP40N65H5_15 Datasheet
2Mb / 18P
   650V DuoPack IGBT and diode High speed switching series fifth generation
Rev.2.1,2015-05-06
IKP15N65H5 INFINEON-IKP15N65H5_15 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.2.1,2015-05-05
IKA15N65H5 INFINEON-IKA15N65H5_15 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.2.1,2015-05-05
IKP08N65F5 INFINEON-IKP08N65F5 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.1.1,2012-11-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com