Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N8834A-CFP Datasheet(PDF) 7 Page - Keysight Technologies

Part # N8834A-CFP
Description  MultiScope Application
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N8834A-CFP Datasheet(HTML) 7 Page - Keysight Technologies

Back Button N8834A-CFP Datasheet HTML 3Page - Keysight Technologies N8834A-CFP Datasheet HTML 4Page - Keysight Technologies N8834A-CFP Datasheet HTML 5Page - Keysight Technologies N8834A-CFP Datasheet HTML 6Page - Keysight Technologies N8834A-CFP Datasheet HTML 7Page - Keysight Technologies N8834A-CFP Datasheet HTML 8Page - Keysight Technologies N8834A-CFP Datasheet HTML 9Page - Keysight Technologies N8834A-CFP Datasheet HTML 10Page - Keysight Technologies N8834A-CFP Datasheet HTML 11Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
07 | Keysight | N8834A MultiScope Application - Data Sheet
90000 Q-Series / Z-Series
90000 X-Series/
V-Series
S-Series
90000A
Series
9000 Series
DSOX95004Q/
DSOZ504A,
DSOX96204Q/
DSOZ634A
DSOX92004Q/
DSOZ204A,
DSOX92504Q/
DSOZ254A,
DSOX93304Q/
DSOZ334A
DSOV084A,
DSOX91304A/
DSOV134A,
DSOX91604A/
DSOV164A,
DSOX92004A/
DSOV204A,
DSOX92504A/
DSOV254A,
DSOX92804A/
DSOV284A,
DSOX93304A/
DSOV334A
DSOS054A,
DSOS104A,
DSOS204A,
DSOS254A,
DSOS404A,
DSOS604A,
DSOS804A
DSO90254A,
DSO90404A,
DSO90504A,
DSO90804A,
DSO91204A,
DSO91304A
DSO9064A
DSO9104A,
DSO9254A,
DSO9404A
Max bandwidth 50 to 63 GHz 33 GHz
20 to 33 GHz
20 to 33
GHz
8 to 16
GHz
6 to 8
GHz
0.5 to 4
GHz
2.5 to 13
GHz
600 MHz
1 to 4 GHz
Max sample
rate
160 GSa/s
80 GSa/s 80 GSa/s
80 GSa/s 40
GSa/s
20
GSa/s
10
GSa/s
40 GSa/s
10
GSa/s
5
GSa/s
20
GSa/s
10
GSa/s
Max channels/
frame
2
4
4
2
4
2
4
4
2
4
2
4
Max frames
10
10
10
10
10
10
Sync port
Not available Available Available
Not available
Not available
Not available Not available
External
reference
frequency
100 MHz
10 MHz
10 MHz
10 MHz
10 MHz
Calibration modes
Manual
Yes
Yes
Yes
Yes
Yes
Yes
Basic
(inter-scope
intrinsic jitter 2)
Yes
(10 ps)
Yes
(10 ps)
Yes
(10 ps)
Yes
(5 ps)
Yes
(5 ps)
Yes
(N/A)
Precision 1
(inter-scope
intrinsic jitter 2)
Yes
(0.15 ps)
Yes
(0.5 ps)
Yes
(0.5 ps)
No
No
No
Cable kit to
connect to two
frames
N2105A
N2123A
N2124A
N2124A
N2124A
1. Precision calibration is available on 90000 Q- and Z-Series for up to 10 scopes and on 90000 X- and V-Series for up to 2 scopes.
2. Inter-scope intrinsic jitter value is used to calculate MultiScope delta-time measurement accuracy.
N8834A Infiniium MultiScope Configuration Table


Similar Part No. - N8834A-CFP

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N8834A-CFP KEYSIGHT-N8834A-CFP Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
More results

Similar Description - N8834A-CFP

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
381285 EXTECH-381285 Datasheet
467Kb / 24P
   Handheld MultiScope
381295 EXTECH-381295 Datasheet
177Kb / 1P
   5MHz Dual Channel MultiScope
381295A EXTECH-381295A Datasheet
244Kb / 1P
   5MHz Dual Channel MultiScope
logo
KEC(Korea Electronics)
KTC3875S KEC-KTC3875S Datasheet
95Kb / 3P
   GENERAL PURPOSE APPLICATION SWITCHING APPLICATION.
logo
KODENSHI_AUK CORP.
BC856F KODENSHI-BC856F Datasheet
284Kb / 4P
   General purpose application Switching application
logo
First Silicon Co., Ltd
FTA1504 FS-FTA1504 Datasheet
281Kb / 3P
   GENERAL PURPOSE APPLICATION. SWITCHING APPLICATION.
logo
Toshiba Semiconductor
2SD1166 TOSHIBA-2SD1166 Datasheet
117Kb / 3P
   HIGH POWER SWITCHING APPLICATION. AC & MOTOR CONTROL APPLICATION. INVERTER APPLICATION.
logo
National Semiconductor ...
LM27402 NSC-LM27402_1 Datasheet
167Kb / 4P
   Current Limit Application Circuits Application Circuits
logo
Fairchild Semiconductor
FJX3012R FAIRCHILD-FJX3012R Datasheet
32Kb / 3P
   Switching Application
FJX4001R FAIRCHILD-FJX4001R Datasheet
42Kb / 4P
   Switching Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com