Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N8834A-ATP Datasheet(PDF) 3 Page - Keysight Technologies

Part # N8834A-ATP
Description  MultiScope Application
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N8834A-ATP Datasheet(HTML) 3 Page - Keysight Technologies

  N8834A-ATP Datasheet HTML 1Page - Keysight Technologies N8834A-ATP Datasheet HTML 2Page - Keysight Technologies N8834A-ATP Datasheet HTML 3Page - Keysight Technologies N8834A-ATP Datasheet HTML 4Page - Keysight Technologies N8834A-ATP Datasheet HTML 5Page - Keysight Technologies N8834A-ATP Datasheet HTML 6Page - Keysight Technologies N8834A-ATP Datasheet HTML 7Page - Keysight Technologies N8834A-ATP Datasheet HTML 8Page - Keysight Technologies N8834A-ATP Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
03 | Keysight | N8834A MultiScope Application - Data Sheet
MultiScope connection of two S-Series oscilloscopes.
Heterogeneous combination: One S-Series oscilloscope and one 90000
X-Series oscilloscope.
Features
– Save costs by connecting up to 10 of your existing Infiniium
Series oscilloscopes to achieve 40 channel acquisitions in a
single timebase.
– Data is presented to the user on a control PC or the leader
scope as if all oscilloscope channels existed on a single
frame.
– Oscilloscopes can be separated and used independently
when four channels or fewer are needed.
– Application supports multiple frames using the same family
of oscilloscopes (e.g. all V-Series scopes) or a heterogeneous
combination of different oscilloscope families (e.g. one 9000
Series and one S-Series). Time-correlation precision depends
on which frames are connected together.
Analyze data on PC. User can either connect to live data for online
analysis via hosted mode or save the setup file to be viewed offline via
offline mode.
Increase your productivity and efficiency
The N8834A MultiScope software works well with the new PC-
hosted mode, which allows you to see live signals acquired from
the oscilloscopes on a PC installed with the N8900A Infiniium
Offline oscilloscope analysis software. Users can test lanes on
the MultiScope from the comfort of their own workbench. Users
can remotely login to the MultiScope application from the PC and
observe live traffic. The Infiniium Offline oscilloscope analysis
software application allows users to save the setup and waveform
files in a composite format (.osc) to be analyzed offline on the PC,
freeing up the MultiScope connection for others.


Similar Part No. - N8834A-ATP

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N8834A-ATP KEYSIGHT-N8834A-ATP Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
More results

Similar Description - N8834A-ATP

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
381285 EXTECH-381285 Datasheet
467Kb / 24P
   Handheld MultiScope
381295 EXTECH-381295 Datasheet
177Kb / 1P
   5MHz Dual Channel MultiScope
381295A EXTECH-381295A Datasheet
244Kb / 1P
   5MHz Dual Channel MultiScope
logo
KEC(Korea Electronics)
KTC3875S KEC-KTC3875S Datasheet
95Kb / 3P
   GENERAL PURPOSE APPLICATION SWITCHING APPLICATION.
logo
KODENSHI_AUK CORP.
BC856F KODENSHI-BC856F Datasheet
284Kb / 4P
   General purpose application Switching application
logo
First Silicon Co., Ltd
FTA1504 FS-FTA1504 Datasheet
281Kb / 3P
   GENERAL PURPOSE APPLICATION. SWITCHING APPLICATION.
logo
Toshiba Semiconductor
2SD1166 TOSHIBA-2SD1166 Datasheet
117Kb / 3P
   HIGH POWER SWITCHING APPLICATION. AC & MOTOR CONTROL APPLICATION. INVERTER APPLICATION.
logo
National Semiconductor ...
LM27402 NSC-LM27402_1 Datasheet
167Kb / 4P
   Current Limit Application Circuits Application Circuits
logo
Fairchild Semiconductor
FJX3012R FAIRCHILD-FJX3012R Datasheet
32Kb / 3P
   Switching Application
FJX4001R FAIRCHILD-FJX4001R Datasheet
42Kb / 4P
   Switching Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com