Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N8834A-AFP Datasheet(PDF) 9 Page - Keysight Technologies

Part # N8834A-AFP
Description  MultiScope Application
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N8834A-AFP Datasheet(HTML) 9 Page - Keysight Technologies

Back Button N8834A-AFP Datasheet HTML 3Page - Keysight Technologies N8834A-AFP Datasheet HTML 4Page - Keysight Technologies N8834A-AFP Datasheet HTML 5Page - Keysight Technologies N8834A-AFP Datasheet HTML 6Page - Keysight Technologies N8834A-AFP Datasheet HTML 7Page - Keysight Technologies N8834A-AFP Datasheet HTML 8Page - Keysight Technologies N8834A-AFP Datasheet HTML 9Page - Keysight Technologies N8834A-AFP Datasheet HTML 10Page - Keysight Technologies N8834A-AFP Datasheet HTML 11Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
09 | Keysight | N8834A MultiScope Application - Data Sheet
Performance Characteristics
Control PC requirement Windows 7 64 bit, minimum 4 G RAM (recommended 8 G), 1 G free hard drive
space Infiniium software 5.50 and above
Note: Control PC is not required for Infiniium Series scopes if leader scope is used
as the controller. A control PC must be used if InfiniiVision scopes exist in the
multiscope configuration
Leader and followers
oscilloscope
requirement 1
Infiniium software 5.50 and above 2
Channels supported
Analog channel 1 to 4
Note: Digital channels on all MSO models are not supported
Trigger modes 3
Edge
Triggers on a specified slope (rising, falling, or alternating between rising and
falling) and voltage level on any channel or auxiliary trigger
Glitch
Triggers on glitches narrower than the other pulses in your waveform by
specifying a width less than your narrowest pulse and a polarity
Note: All other trigger modes are not supported
1. Front panel control is disabled during MultiScope operation. Oscilloscope control is handled by the Infiniium
Offline software on PC or the leader scope.
2. Software 4.30 or above requires Windows 7. N2753A Infiniium Windows XP to 7 OS upgrade kit (oscilloscope
already has M890 motherboard). N2754A Infiniium Windows XP to 7 OS and M890 motherboard upgrade kit
(oscilloscope without M890 motherboard). Verify the M890 motherboard using the procedure found in the
Windows 7 upgrade kit data sheet with the publication number 5990-8569EN.
3. If leader scope is used as the controller, all trigger modes supported on the leader scope will be available in
the multiscope configuration.


Similar Part No. - N8834A-AFP

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N8834A-AFP KEYSIGHT-N8834A-AFP Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
More results

Similar Description - N8834A-AFP

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
381285 EXTECH-381285 Datasheet
467Kb / 24P
   Handheld MultiScope
381295 EXTECH-381295 Datasheet
177Kb / 1P
   5MHz Dual Channel MultiScope
381295A EXTECH-381295A Datasheet
244Kb / 1P
   5MHz Dual Channel MultiScope
logo
KEC(Korea Electronics)
KTC3875S KEC-KTC3875S Datasheet
95Kb / 3P
   GENERAL PURPOSE APPLICATION SWITCHING APPLICATION.
logo
KODENSHI_AUK CORP.
BC856F KODENSHI-BC856F Datasheet
284Kb / 4P
   General purpose application Switching application
logo
First Silicon Co., Ltd
FTA1504 FS-FTA1504 Datasheet
281Kb / 3P
   GENERAL PURPOSE APPLICATION. SWITCHING APPLICATION.
logo
Toshiba Semiconductor
2SD1166 TOSHIBA-2SD1166 Datasheet
117Kb / 3P
   HIGH POWER SWITCHING APPLICATION. AC & MOTOR CONTROL APPLICATION. INVERTER APPLICATION.
logo
National Semiconductor ...
LM27402 NSC-LM27402_1 Datasheet
167Kb / 4P
   Current Limit Application Circuits Application Circuits
logo
Fairchild Semiconductor
FJX3012R FAIRCHILD-FJX3012R Datasheet
32Kb / 3P
   Switching Application
FJX4001R FAIRCHILD-FJX4001R Datasheet
42Kb / 4P
   Switching Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com