Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPD80R450P7 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # IPD80R450P7
Description  800V CoolMOS짧 P7 Power Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD80R450P7 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button IPD80R450P7 Datasheet HTML 5Page - Infineon Technologies AG IPD80R450P7 Datasheet HTML 6Page - Infineon Technologies AG IPD80R450P7 Datasheet HTML 7Page - Infineon Technologies AG IPD80R450P7 Datasheet HTML 8Page - Infineon Technologies AG IPD80R450P7 Datasheet HTML 9Page - Infineon Technologies AG IPD80R450P7 Datasheet HTML 10Page - Infineon Technologies AG IPD80R450P7 Datasheet HTML 11Page - Infineon Technologies AG IPD80R450P7 Datasheet HTML 12Page - Infineon Technologies AG IPD80R450P7 Datasheet HTML 13Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
800VCoolMOSªP7PowerTransistor
IPD80R450P7
Rev.2.0,2016-07-05
Final Data Sheet
6PackageOutlines
2.5
REVISION
06
05-02-2016
ISSUE DATE
EUROPEAN PROJECTION
0
SCALE
5mm
0
2.5
DOCUMENT NO.
Z8B00003328
MILLIMETERS
4.57 (BSC)
2.29 (BSC)
L4
D
N
H
E1
e1
e
E
D1
L3
1.18
0.51
0.89
5.02
9.40
6.35
4.32
5.97
3
b3
A
DIM
b2
c
b
c2
A1
4,95
MIN
2.16
0.64
0.46
0.65
0.40
0.00
0.046
0.020
0.035
0.198
0.250
0.185
0.235
0.370
1.78
1.02
5.21
5.84
6.22
6.73
1.27
10.48
0.180 (BSC)
0.090 (BSC)
3
0.070
0.205
0.040
0.230
0.265
0.050
0.245
0.413
0.195
0.085
0.025
0.018
0.026
0.016
0.000
5.50
MAX
2.41
0.15
1.15
0.61
0.89
0.98
INCHES
MIN
0.217
MAX
0.006
0.095
0.035
0.024
0.045
0.039
L
Figure1OutlinePG-TO252,dimensionsinmm/inches


Similar Part No. - IPD80R450P7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD80R4K5P7 INFINEON-IPD80R4K5P7 Datasheet
998Kb / 13P
   800V CoolMOS짧 P7 Power Transistor
Rev.2.0,2016-07-05
More results

Similar Description - IPD80R450P7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD80R280P7 INFINEON-IPD80R280P7 Datasheet
977Kb / 13P
   800V CoolMOS짧 P7 Power Transistor
Rev.2.0,2016-07-05
IPS80R1K2P7 INFINEON-IPS80R1K2P7 Datasheet
968Kb / 13P
   800V CoolMOS짧 P7 Power Transistor
Rev.2.1,2018-02-07
IPS80R900P7 INFINEON-IPS80R900P7 Datasheet
958Kb / 13P
   800V CoolMOS짧 P7 Power Transistor
Rev.2.1,2018-02-07
IPN80R4K5P7 INFINEON-IPN80R4K5P7 Datasheet
1Mb / 13P
   800V CoolMOS짧 P7 Power Transistor
Rev.2.1,2018-02-07
IPN80R1K4P7 INFINEON-IPN80R1K4P7 Datasheet
1Mb / 13P
   800V CoolMOS짧 P7 Power Transistor
Rev.2.1,2018-02-09
IPN80R900P7 INFINEON-IPN80R900P7 Datasheet
1Mb / 13P
   800V CoolMOS짧 P7 Power Transistor
Rev.2.1,2018-02-09
IPW80R360P7 INFINEON-IPW80R360P7 Datasheet
956Kb / 13P
   800V CoolMOS짧 P7 Power Transistor
Rev.2.1,2018-02-12
IPU80R1K4P7 INFINEON-IPU80R1K4P7 Datasheet
1Mb / 13P
   800V CoolMOS짧 P7 Power Transistor
Rev.2.0,2016-07-05
IPP80R450P7 INFINEON-IPP80R450P7 Datasheet
974Kb / 13P
   800V CoolMOS짧 P7 Power Transistor
Rev.2.0,2016-07-05
IPP80R280P7 INFINEON-IPP80R280P7 Datasheet
973Kb / 13P
   800V CoolMOS짧 P7 Power Transistor
Rev.2.0,2016-07-05
IPAN80R360P7 INFINEON-IPAN80R360P7 Datasheet
971Kb / 13P
   800V CoolMOS짧 P7 Power Transistor
Rev.2.1,2018-02-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com