Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS80C31X2-VCCR Datasheet(PDF) 9 Page - ATMEL Corporation

Part # TS80C31X2-VCCR
Description  8-bit CMOS Microcontroller ROMless
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS80C31X2-VCCR Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button TS80C31X2-VCCR Datasheet HTML 5Page - ATMEL Corporation TS80C31X2-VCCR Datasheet HTML 6Page - ATMEL Corporation TS80C31X2-VCCR Datasheet HTML 7Page - ATMEL Corporation TS80C31X2-VCCR Datasheet HTML 8Page - ATMEL Corporation TS80C31X2-VCCR Datasheet HTML 9Page - ATMEL Corporation TS80C31X2-VCCR Datasheet HTML 10Page - ATMEL Corporation TS80C31X2-VCCR Datasheet HTML 11Page - ATMEL Corporation TS80C31X2-VCCR Datasheet HTML 12Page - ATMEL Corporation TS80C31X2-VCCR Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
Rev. C - 15 January, 2001
9
TS80C31X2
6.2 Dual Data Pointer Register Ddptr
The additional data pointer can be used to speed up code execution and reduce code size in a number of
ways.
The dual DPTR structure is a way by which the chip will specify the address of an external data memory
location. There are two 16-bit DPTR registers that address the external memory, and a single bit called
DPS = AUXR1/bit0 (See Table 5.) that allows the program code to switch between them (Refer to Figure 3).
Figure 3. Use of Dual Pointer
External Data Memory
AUXR1(A2H)
DPS
DPH(83H) DPL(82H)
0
7
DPTR0
DPTR1


Similar Part No. - TS80C31X2-VCCR

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TS80C31X2-VCCR TEMIC-TS80C31X2-VCCR Datasheet
484Kb / 40P
   8-bit CMOS Microcontroller 0-60 MHz
More results

Similar Description - TS80C31X2-VCCR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS80C31X2 ATMEL-TS80C31X2_08 Datasheet
375Kb / 42P
   8-bit CMOS Microcontroller ROMless
logo
Zilog, Inc.
Z86C90 ZILOG-Z86C90 Datasheet
96Kb / 14P
   ROMLESS CMOS Z8 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
SDA30C263 SIEMENS-SDA30C263 Datasheet
6Mb / 120P
   8-Bit Microcontroller ROMLESS
SDA30C163-2 SIEMENS-SDA30C163-2 Datasheet
6Mb / 95P
   8-bIT Microcontroller, ROMLESS
SDA30C164 SIEMENS-SDA30C164 Datasheet
7Mb / 100P
   8-bIT Microcontroller, ROMLESS
logo
NXP Semiconductors
OM5202 PHILIPS-OM5202 Datasheet
93Kb / 11P
   ROMless 8-bit microcontroller
December 1994
logo
ATMEL Corporation
80C32E ATMEL-80C32E Datasheet
298Kb / 20P
   Rad. Tolerant 8-bit ROMless Microcontroller
logo
AIMTEC
80C32E AIMTEC-80C32E_03 Datasheet
206Kb / 20P
   Rad. Tolerant 8-bit ROMless Microcontroller
logo
ATMEL Corporation
80C32E ATMEL-80C32E_07 Datasheet
284Kb / 20P
   Rad. Tolerant 8-bit ROMless Microcontroller
logo
Zilog, Inc.
Z8609316PSG ZILOG-Z8609316PSG Datasheet
362Kb / 18P
   ROMLESS CMOS 8-BIT Z8 MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com