Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

63816-0050 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 63816-0050
Description  A full cycle ratcheting hand tool ensures complete crimps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

63816-0050 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  63816-0050 Datasheet HTML 1Page - Molex Electronics Ltd. 63816-0050 Datasheet HTML 2Page - Molex Electronics Ltd. 63816-0050 Datasheet HTML 3Page - Molex Electronics Ltd. 63816-0050 Datasheet HTML 4Page - Molex Electronics Ltd. 63816-0050 Datasheet HTML 5Page - Molex Electronics Ltd. 63816-0050 Datasheet HTML 6Page - Molex Electronics Ltd. 63816-0050 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Hand Crimp Tool for Nano-Fit™ Crimp Terminals
Doc No: ATS-6382760HM
Release Date: 10-17-14
UNCONTROLLED COPY
Page 1 of 7
Revision: A
Revision Date: 10-22-14
CONDUCTOR
BRUSH
STRIP LENGTH
SEAM
CONDUCTOR
CRIMP HEIGHT
CUT-OFF
TAB
BELL MOUTH
BEND UP
TWISTING
ROLLING
BEND
DOWN
WIRE
INSULATION CRIMP
Application Tooling
Specification Sheet
Modular Crimp Head
Order No. 63827-6070
Hand Crimp Tool
Order No. 63827-6000
FEATURES
A full cycle ratcheting hand tool ensures complete crimps
Ergonomically designed soft handles
Precisely designed crimping profiles with simple contact positioning
Easy handling due to outstanding force ratio
A-620 Class 2 compliant as indicated and RoHS compliant
Modular Crimp Head is removable and can be use in the Air Powered Tool Order No.63816-0100,
accompanied by Air Powered Crimp Adapter (Order No. 63816-0700)
Can also be used in the Battery Powered Tool Order No.63816-0200 (110 V) or 63816-0250 (220 V),
accompanied by Battery Powered Crimp Adapter (Order No. 63816-0600)
SCOPE
Products: Nano-Fit™ Receptacle Terminals, 24AWG and 26 AWG, UL1061 and UL1007 Insulations.
Terminal
Series No.
Terminal
Order No.
Wire Size
Insulation Diameter
Strip
Length
IPC/WHMA-A620 (1)
Terminal (2)
AWG mm²
mm
In.
mm
In.
mm
In.
105300
105300-1100 105300-1200
24-26
-
1.10-1.40 0.043-0.055 0.99-1.40 0.039-0.055 2.5-3.5 0.098-0.138
105300-1300
(1) To achieve optimum IPC-A620 Class 2 insulation crimps, use this insulation OD.
(2) Overall insulation OD specification for terminal.
DEFINITION OF TERMS
TYPE 4A


Similar Part No. - 63816-0050

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63816-0050 MOLEX2-63816-0050 Datasheet
328Kb / 5P
   Application Tooling Specification Sheet
63816-0050 MOLEX2-63816-0050 Datasheet
327Kb / 5P
   Application Tooling Specification Sheet
More results

Similar Description - 63816-0050

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
ATS-638194400 MOLEX-ATS-638194400 Datasheet
519Kb / 7P
   A full cycle ratcheting hand tool ensures complete crimps
logo
List of Unclassifed Man...
Y1MRTC ETC2-Y1MRTC Datasheet
54Kb / 1P
   FULL CYCLE MECHANICAL RATCHET HAND TOOL
logo
Molex Electronics Ltd.
64016-0039 MOLEX11-64016-0039 Datasheet
31Kb / 1P
   ServiceGrade Multi-Functional Hand Tool ??Non-Ratcheting
0640160039 MOLEX11-0640160039 Datasheet
31Kb / 1P
   ServiceGrade Multi-Functional Hand Tool ??Non-Ratcheting
logo
STMicroelectronics
SNRCM-250 STMICROELECTRONICS-SNRCM-250 Datasheet
121Kb / 4P
   Complete, full-featured tool kits for ZigBee짰 based networks
logo
Tyco Electronics
408-4350 MACOM-408-4350 Datasheet
242Kb / 6P
   The tool features a tool frame with a stationary jaw and handle, a moving jaw, a moving handle, and an adjustable ratchet that ensures full contact crimping.
408-4349 MACOM-408-4349 Datasheet
244Kb / 5P
   The tool features a tool frame with a stationary jaw and handle, a moving jaw, a moving handle, and an adjustable ratchet that ensures full contact crimping.
logo
Molex Electronics Ltd.
0570056000 MOLEX-0570056000 Datasheet
31Kb / 1P
   Hand Insertion Tool/Hand Extraction Tool
08/26/2022
logo
Tyco Electronics
408-4135 MACOM-408-4135 Datasheet
246Kb / 6P
   The tool features a tool frame with a stationary jaw and handle, a moving jaw, a moving handle, and an adjustable ratchet that ensures full contact crimping.
408-4351 MACOM-408-4351 Datasheet
246Kb / 6P
   The tool features a tool frame with a stationary jaw and handle, a moving jaw, a moving handle, and an adjustable ratchet that ensures full contact crimping.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com