Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPG20N06S4L-26A Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPG20N06S4L-26A
Description  OptiMOS??T2 Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPG20N06S4L-26A Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPG20N06S4L-26A Datasheet HTML 1Page - Infineon Technologies AG IPG20N06S4L-26A Datasheet HTML 2Page - Infineon Technologies AG IPG20N06S4L-26A Datasheet HTML 3Page - Infineon Technologies AG IPG20N06S4L-26A Datasheet HTML 4Page - Infineon Technologies AG IPG20N06S4L-26A Datasheet HTML 5Page - Infineon Technologies AG IPG20N06S4L-26A Datasheet HTML 6Page - Infineon Technologies AG IPG20N06S4L-26A Datasheet HTML 7Page - Infineon Technologies AG IPG20N06S4L-26A Datasheet HTML 8Page - Infineon Technologies AG IPG20N06S4L-26A Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IPG20N06S4L-26A
Parameter
Symbol
Conditions
Unit
min.
typ.
max.
Thermal characteristics
2)
Thermal resistance, junction - case
R thJC
--
-
4.5
K/W
SMD version, device on PCB
R thJA
minimal footprint
-
100
-
6 cm
2 cooling area3)
-60
-
Electrical characteristics,
at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS=0 V, I D= 1 mA
60
-
-
V
Gate threshold voltage
V GS(th)
V DS=V GS, I D= 10µA
1.2
1.7
2.2
Zero gate voltage drain current
4)
I DSS
V DS=60 V, V GS=0 V,
T j=25 °C
-0.01
1
µA
V DS=60 V, V GS=0 V,
T j=125 °C
2)
-
5
100
Gate-source leakage current
4)
I GSS
V GS=16 V, V DS=0 V
-
-
100
nA
Drain-source on-state resistance
4)
R DS(on)
V GS=4.5 V, I D=10 A
-31
46
m
Ω
V GS=10 V, I D=17 A
-21
26
Values
Rev. 1.0
page 2
2013-02-28


Similar Part No. - IPG20N06S4L-26A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPG20N06S4L-26 INFINEON-IPG20N06S4L-26 Datasheet
150Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2010-10-15
IPG20N06S4L-26 INFINEON-IPG20N06S4L-26 Datasheet
1Mb / 20P
   Gate Driver Board
Revision 1.0 2022-05-27
More results

Similar Description - IPG20N06S4L-26A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB80N04S4L-04 INFINEON-IPB80N04S4L-04 Datasheet
165Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2010-04-13
IPD90N06S4-07 INFINEON-IPD90N06S4-07 Datasheet
169Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2009-03-24
IPB45N06S4L-08 INFINEON-IPB45N06S4L-08 Datasheet
176Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2009-03-24
IPB90N06S4-04 INFINEON-IPB90N06S4-04 Datasheet
175Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.2 2009-07-01
IPB120N06S4-02 INFINEON-IPB120N06S4-02 Datasheet
176Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.2 2009-07-01
IPB180N06S4-H1 INFINEON-IPB180N06S4-H1 Datasheet
181Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2009-03-25
IPD25N06S4L-30 INFINEON-IPD25N06S4L-30 Datasheet
173Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2009-03-23
IPD30N06S4L-23 INFINEON-IPD30N06S4L-23 Datasheet
168Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2009-03-23
IPD30N03S4L-09 INFINEON-IPD30N03S4L-09_10 Datasheet
140Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.1 2010-10-05
IPB80N06S3L-06 INFINEON-IPB80N06S3L-06_07 Datasheet
191Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.1 2007-11-07
IPB120N04S4-01 INFINEON-IPB120N04S4-01 Datasheet
164Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2010-04-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com