Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPG20N06S4L-26A Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IPG20N06S4L-26A
Description  OptiMOS??T2 Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPG20N06S4L-26A Datasheet(HTML) 6 Page - Infineon Technologies AG

  IPG20N06S4L-26A Datasheet HTML 1Page - Infineon Technologies AG IPG20N06S4L-26A Datasheet HTML 2Page - Infineon Technologies AG IPG20N06S4L-26A Datasheet HTML 3Page - Infineon Technologies AG IPG20N06S4L-26A Datasheet HTML 4Page - Infineon Technologies AG IPG20N06S4L-26A Datasheet HTML 5Page - Infineon Technologies AG IPG20N06S4L-26A Datasheet HTML 6Page - Infineon Technologies AG IPG20N06S4L-26A Datasheet HTML 7Page - Infineon Technologies AG IPG20N06S4L-26A Datasheet HTML 8Page - Infineon Technologies AG IPG20N06S4L-26A Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IPG20N06S4L-26A
9 Typ. gate threshold voltage
10 Typ. Capacitances
4)
V GS(th) = f(T j); V GS = V DS
C
= f(V DS); V GS = 0 V; f = 1 MHz
parameter: I D
11 Typical forward diode characteristicis
4)
12 Avalanche characteristics
4)
IF = f(VSD)
I A S= f(t AV)
parameter: T j
parameter: Tj(start)
25 °C
100 °C
150 °C
0.1
1
10
100
1
10
100
1000
t
AV [µs]
25 °C
175 °C
100
101
102
0
0.2
0.4
0.6
0.8
1
1.2
1.4
V
SD [V]
10µA
100µA
0
0.5
1
1.5
2
2.5
-60
-20
20
60
100
140
180
T
j [°C]
Ciss
Coss
Crss
101
102
103
104
0
5
10
15
20
25
30
V
DS [V]
Rev. 1.0
page 6
2013-02-28


Similar Part No. - IPG20N06S4L-26A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPG20N06S4L-26 INFINEON-IPG20N06S4L-26 Datasheet
150Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2010-10-15
IPG20N06S4L-26 INFINEON-IPG20N06S4L-26 Datasheet
1Mb / 20P
   Gate Driver Board
Revision 1.0 2022-05-27
More results

Similar Description - IPG20N06S4L-26A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB80N04S4L-04 INFINEON-IPB80N04S4L-04 Datasheet
165Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2010-04-13
IPD90N06S4-07 INFINEON-IPD90N06S4-07 Datasheet
169Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2009-03-24
IPB45N06S4L-08 INFINEON-IPB45N06S4L-08 Datasheet
176Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2009-03-24
IPB90N06S4-04 INFINEON-IPB90N06S4-04 Datasheet
175Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.2 2009-07-01
IPB120N06S4-02 INFINEON-IPB120N06S4-02 Datasheet
176Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.2 2009-07-01
IPB180N06S4-H1 INFINEON-IPB180N06S4-H1 Datasheet
181Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2009-03-25
IPD25N06S4L-30 INFINEON-IPD25N06S4L-30 Datasheet
173Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2009-03-23
IPD30N06S4L-23 INFINEON-IPD30N06S4L-23 Datasheet
168Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2009-03-23
IPD30N03S4L-09 INFINEON-IPD30N03S4L-09_10 Datasheet
140Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.1 2010-10-05
IPB80N06S3L-06 INFINEON-IPB80N06S3L-06_07 Datasheet
191Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.1 2007-11-07
IPB120N04S4-01 INFINEON-IPB120N04S4-01 Datasheet
164Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2010-04-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com