Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPP80R1K4P7 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IPP80R1K4P7
Description  800V CoolMOS짧 P7 Power Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP80R1K4P7 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IPP80R1K4P7 Datasheet HTML 2Page - Infineon Technologies AG IPP80R1K4P7 Datasheet HTML 3Page - Infineon Technologies AG IPP80R1K4P7 Datasheet HTML 4Page - Infineon Technologies AG IPP80R1K4P7 Datasheet HTML 5Page - Infineon Technologies AG IPP80R1K4P7 Datasheet HTML 6Page - Infineon Technologies AG IPP80R1K4P7 Datasheet HTML 7Page - Infineon Technologies AG IPP80R1K4P7 Datasheet HTML 8Page - Infineon Technologies AG IPP80R1K4P7 Datasheet HTML 9Page - Infineon Technologies AG IPP80R1K4P7 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
800VCoolMOSªP7PowerTransistor
IPP80R1K4P7
Rev.2.0,2016-07-05
Final Data Sheet
4Electricalcharacteristicsdiagrams
Diagram1:Powerdissipation
TC[°C]
0
25
50
75
100
125
150
0
5
10
15
20
25
30
35
Ptot=f(TC)
Diagram2:Safeoperatingarea
VDS[V]
100
101
102
103
10-3
10-2
10-1
100
101
102
1 µs
10 µs
100 µs
1 ms
10 ms
DC
ID=f(VDS);TC=25°C;D=0;parameter:tp
Diagram3:Safeoperatingarea
VDS[V]
100
101
102
103
10-3
10-2
10-1
100
101
102
1 µs
10 µs
100 µs
1 ms
10 ms
DC
ID=f(VDS);TC=80°C;D=0;parameter:tp
Diagram4:Max.transientthermalimpedance
tp[s]
10-5
10-4
10-3
10-2
10-1
10-1
100
101
0.5
0.2
0.1
0.05
0.02
0.01
single pulse
ZthJC=f(tP);parameter:D=tp/T


Similar Part No. - IPP80R1K4P7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP80R1K2P7 INFINEON-IPP80R1K2P7 Datasheet
974Kb / 13P
   800V CoolMOS짧 P7 Power Transistor
Rev.2.1,2018-02-08
More results

Similar Description - IPP80R1K4P7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD80R280P7 INFINEON-IPD80R280P7 Datasheet
977Kb / 13P
   800V CoolMOS짧 P7 Power Transistor
Rev.2.0,2016-07-05
IPS80R1K2P7 INFINEON-IPS80R1K2P7 Datasheet
968Kb / 13P
   800V CoolMOS짧 P7 Power Transistor
Rev.2.1,2018-02-07
IPS80R900P7 INFINEON-IPS80R900P7 Datasheet
958Kb / 13P
   800V CoolMOS짧 P7 Power Transistor
Rev.2.1,2018-02-07
IPN80R4K5P7 INFINEON-IPN80R4K5P7 Datasheet
1Mb / 13P
   800V CoolMOS짧 P7 Power Transistor
Rev.2.1,2018-02-07
IPN80R1K4P7 INFINEON-IPN80R1K4P7 Datasheet
1Mb / 13P
   800V CoolMOS짧 P7 Power Transistor
Rev.2.1,2018-02-09
IPN80R900P7 INFINEON-IPN80R900P7 Datasheet
1Mb / 13P
   800V CoolMOS짧 P7 Power Transistor
Rev.2.1,2018-02-09
IPW80R360P7 INFINEON-IPW80R360P7 Datasheet
956Kb / 13P
   800V CoolMOS짧 P7 Power Transistor
Rev.2.1,2018-02-12
IPU80R1K4P7 INFINEON-IPU80R1K4P7 Datasheet
1Mb / 13P
   800V CoolMOS짧 P7 Power Transistor
Rev.2.0,2016-07-05
IPP80R450P7 INFINEON-IPP80R450P7 Datasheet
974Kb / 13P
   800V CoolMOS짧 P7 Power Transistor
Rev.2.0,2016-07-05
IPP80R280P7 INFINEON-IPP80R280P7 Datasheet
973Kb / 13P
   800V CoolMOS짧 P7 Power Transistor
Rev.2.0,2016-07-05
IPAN80R360P7 INFINEON-IPAN80R360P7 Datasheet
971Kb / 13P
   800V CoolMOS짧 P7 Power Transistor
Rev.2.1,2018-02-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com