Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPP80R280P7 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IPP80R280P7
Description  800V CoolMOS짧 P7 Power Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP80R280P7 Datasheet(HTML) 4 Page - Infineon Technologies AG

  IPP80R280P7 Datasheet HTML 1Page - Infineon Technologies AG IPP80R280P7 Datasheet HTML 2Page - Infineon Technologies AG IPP80R280P7 Datasheet HTML 3Page - Infineon Technologies AG IPP80R280P7 Datasheet HTML 4Page - Infineon Technologies AG IPP80R280P7 Datasheet HTML 5Page - Infineon Technologies AG IPP80R280P7 Datasheet HTML 6Page - Infineon Technologies AG IPP80R280P7 Datasheet HTML 7Page - Infineon Technologies AG IPP80R280P7 Datasheet HTML 8Page - Infineon Technologies AG IPP80R280P7 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
800VCoolMOSªP7PowerTransistor
IPP80R280P7
Rev.2.0,2016-07-05
Final Data Sheet
3Electricalcharacteristics
atTj=25°C,unlessotherwisespecified
Table4Staticcharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Drain-source breakdown voltage
V(BR)DSS
800
-
-
V
VGS=0V,ID=1mA
Gate threshold voltage
VGS(th)
2.5
3
3.5
V
VDS=VGS,ID=0.36mA
Zero gate voltage drain current
IDSS
-
-
-
10
1
-
µA
VDS=800V,VGS=0V,Tj=25°C
VDS=800V,VGS=0V,Tj=150°C
Gate-source leakage curent incl. zener
diode
IGSS
-
-
1
µA
VGS=20V,VDS=0V
Drain-source on-state resistance
RDS(on)
-
-
0.24
0.62
0.28
-
VGS=10V,ID=7.2A,Tj=25°C
VGS=10V,ID=7.2A,Tj=150°C
Gate resistance
RG
-
1
-
f=250kHz,opendrain
Table5Dynamiccharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Input capacitance
Ciss
-
1200
-
pF
VGS=0V,VDS=500V,f=250kHz
Output capacitance
Coss
-
20
-
pF
VGS=0V,VDS=500V,f=250kHz
Effective output capacitance, energy
related
1)
Co(er)
-
38
-
pF
VGS=0V,VDS=0to500V
Effective output capacitance, time
related
2)
Co(tr)
-
490
-
pF
ID=constant,VGS=0V,VDS=0to500V
Turn-on delay time
td(on)
-
10
-
ns
VDD=400V,VGS=13V,ID=7.2A,
RG=4.7
Rise time
tr
-
6
-
ns
VDD=400V,VGS=13V,ID=7.2A,
RG=4.7
Turn-off delay time
td(off)
-
40
-
ns
VDD=400V,VGS=13V,ID=7.2A,
RG=4.7
Fall time
tf
-
5
-
ns
VDD=400V,VGS=13V,ID=7.2A,
RG=4.7
Table6Gatechargecharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Gate to source charge
Qgs
-
5
-
nC
VDD=640V,ID=7.2A,VGS=0to10V
Gate to drain charge
Qgd
-
15
-
nC
VDD=640V,ID=7.2A,VGS=0to10V
Gate charge total
Qg
-
36
-
nC
VDD=640V,ID=7.2A,VGS=0to10V
Gate plateau voltage
Vplateau
-
4.5
-
V
VDD=640V,ID=7.2A,VGS=0to10V
1)Co(er)isafixedcapacitancethatgivesthesamestoredenergyasCosswhileVDSisrisingfrom0to500V
2)Co(tr)isafixedcapacitancethatgivesthesamechargingtimeasCosswhileVDSisrisingfrom0to500V


Similar Part No. - IPP80R280P7

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPP80R280P7 ISC-IPP80R280P7 Datasheet
320Kb / 2P
   N-Channel MOSFET
More results

Similar Description - IPP80R280P7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD80R280P7 INFINEON-IPD80R280P7 Datasheet
977Kb / 13P
   800V CoolMOS짧 P7 Power Transistor
Rev.2.0,2016-07-05
IPS80R1K2P7 INFINEON-IPS80R1K2P7 Datasheet
968Kb / 13P
   800V CoolMOS짧 P7 Power Transistor
Rev.2.1,2018-02-07
IPS80R900P7 INFINEON-IPS80R900P7 Datasheet
958Kb / 13P
   800V CoolMOS짧 P7 Power Transistor
Rev.2.1,2018-02-07
IPN80R4K5P7 INFINEON-IPN80R4K5P7 Datasheet
1Mb / 13P
   800V CoolMOS짧 P7 Power Transistor
Rev.2.1,2018-02-07
IPN80R1K4P7 INFINEON-IPN80R1K4P7 Datasheet
1Mb / 13P
   800V CoolMOS짧 P7 Power Transistor
Rev.2.1,2018-02-09
IPN80R900P7 INFINEON-IPN80R900P7 Datasheet
1Mb / 13P
   800V CoolMOS짧 P7 Power Transistor
Rev.2.1,2018-02-09
IPW80R360P7 INFINEON-IPW80R360P7 Datasheet
956Kb / 13P
   800V CoolMOS짧 P7 Power Transistor
Rev.2.1,2018-02-12
IPU80R1K4P7 INFINEON-IPU80R1K4P7 Datasheet
1Mb / 13P
   800V CoolMOS짧 P7 Power Transistor
Rev.2.0,2016-07-05
IPP80R450P7 INFINEON-IPP80R450P7 Datasheet
974Kb / 13P
   800V CoolMOS짧 P7 Power Transistor
Rev.2.0,2016-07-05
IPAN80R360P7 INFINEON-IPAN80R360P7 Datasheet
971Kb / 13P
   800V CoolMOS짧 P7 Power Transistor
Rev.2.1,2018-02-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com