Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVCH245A Datasheet(PDF) 5 Page - Diodes Incorporated

Part # 74LVCH245A
Description  OCTAL BUS TRANSCEIVER WITH BUS HOLD / 3 STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVCH245A Datasheet(HTML) 5 Page - Diodes Incorporated

  74LVCH245A Datasheet HTML 1Page - Diodes Incorporated 74LVCH245A Datasheet HTML 2Page - Diodes Incorporated 74LVCH245A Datasheet HTML 3Page - Diodes Incorporated 74LVCH245A Datasheet HTML 4Page - Diodes Incorporated 74LVCH245A Datasheet HTML 5Page - Diodes Incorporated 74LVCH245A Datasheet HTML 6Page - Diodes Incorporated 74LVCH245A Datasheet HTML 7Page - Diodes Incorporated 74LVCH245A Datasheet HTML 8Page - Diodes Incorporated 74LVCH245A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
74LVCH245A
Document number: DS35891 Rev. 1 - 2
5 of 10
www.diodes.com
July 2014
© Diodes Incorporated
74LVCH245A
Switching Characteristics
Symbol
Parameter
Test
Conditions
VCC
TA = +25°C
TA = -40°C to
+85°C
TA = -40°C to
+125°C
Unit
Min
Ty
Max
Min
Max
Min
Max
tPD
Propagation
Delay AN to BN
or BN to AN
Figure 1
1.8V ± 0.15V
1
6.0
12.2
1
12.7
1
16.9
ns
2.5V ± 0.2V
1
3.9
8.1
1
8.5
1
9.1
2.7V
1
4.2
8.7
1
9.6
1
9.9
3.3V ± 0.3V
1.5
3.8
8.1
1.5
8.7
1.5
9.2
tEN
Enable Time
OE to AN
or
OE to BN
Figure 1
1.8V ± 0.15V
1
7
14.8
1
15.3
1
22.5
ns
2.5V ± 0.2V
1
4.5
10
1
10.5
1
12.4
2.7V
1
5.4
9.3
1
9.5
1
12.0
3.3V ± 0.3V
1.5
4.4
8.3
1.5
8.5
1.5
11.0
tDIS
Disable Time
OE to AN
or
OE to BN
Figure 1
1.8V ± 0.15V
1
7.8
16.5
1
17
1
18.4
ns
2.5V ± 0.2V
1
4
9
1
9.5
1
10.5
2.7V
1
4.4
8.3
1
8.5
1
10.0
3.3V ± 0.3V
1.7
4.1
7.3
1.7
7.5
1.7
9.0
tsk(0)
Output Skew
Time
3.3V ± 0.3V
1.0
1.5
ns
Operating Characteristics
TA = +25°C
Symbol
Parameter
Test Conditions
VCC
Typ
Unit
Cpd
Power dissipation
capacitance per gate
F = 10MHz
Outputs Enabled
1.8V ± 0.15V
9.9
pF
2.5V ± 0.2V
10.2
3.3V ± 0.3V
10.6
Package Characteristics
Symbol
Parameter
Package
Test Conditions
Min
Typ
Max
Unit
θJA
Thermal Resistance
Junction-to-Ambient
TSSOP-20
(Note 8)
74
°C/W
θJC
Thermal Resistance
Junction-to-Case
TSSOP-20
(Note 8)
15
°C/W
θJA
Thermal Resistance
Junction-to-Ambient
V-QFN4525-20
(Note 8)
67
°C/W
θJC
Thermal Resistance
Junction-to-Case
V-QFN4525-20
(Note 8)
20
°C/W
Note:
8. Test conditions for TSSOP-20 and V-QFN4525-20: Devices mounted on 4 layer FR-4 substrate PC board, 2oz copper, with minimum recommended
pad layout per JESD 51-7.


Similar Part No. - 74LVCH245A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVCH245A PHILIPS-74LVCH245A Datasheet
125Kb / 20P
   Octal bus transceiver with direction pin with 5 V tolerant input/outputs (3-state)
2003 May 07
74LVCH245A NXP-74LVCH245A Datasheet
122Kb / 17P
   Octal bus transceiver; 3-state
Rev. 05-25 August 2009
74LVCH245A PHILIPS-74LVCH245A Datasheet
324Kb / 10P
   Octal bus transceiver with direction pin with 5-volt tolerant inputs/outputs (3-State)
1998 May 20
logo
Nexperia B.V. All right...
74LVCH245A NEXPERIA-74LVCH245A Datasheet
289Kb / 16P
   Octal bus transceiver; 3-state
Rev. 12 - 16 September 2021
logo
NXP Semiconductors
74LVCH245A-Q100 NXP-74LVCH245A-Q100 Datasheet
243Kb / 16P
   Octal bus transceiver; 3-state
Rev. 1-3 September 2012
More results

Similar Description - 74LVCH245A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11245 TI-74AC11245 Datasheet
109Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN74LVC245A TI-SN74LVC245A Datasheet
601Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN64BCT245 TI1-SN64BCT245_16 Datasheet
413Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCR2245A TI-SN74LVCR2245A_07 Datasheet
635Kb / 21P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH245 TI-SN74ALVCH245_07 Datasheet
408Kb / 14P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVCH245 TI-SN74AVCH245 Datasheet
168Kb / 12P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC245 TI-SN74AVC245 Datasheet
158Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ABT245B-EP TI1-SN74ABT245B-EP Datasheet
307Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC245 UTC-U74LVC245 Datasheet
201Kb / 6P
   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74LVCZ245A TI-SN74LVCZ245A_08 Datasheet
535Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com