Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCCMM603-3SQ Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # BCCMM603-3SQ
Description  Modular ferrule fuse blocks
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

BCCMM603-3SQ Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  BCCMM603-3SQ Datasheet HTML 1Page - Cooper Bussmann, Inc. BCCMM603-3SQ Datasheet HTML 2Page - Cooper Bussmann, Inc. BCCMM603-3SQ Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Technical Data 10241
Product description:
BCM (Class CC) and BMM (supplemental
13/32 x 1-1/2” / 10x38) modular style fuse blocks
with optional covers.
These new Bussmann® series fuse blocks
contain multiple features to add versatility,
reduce labor and enhance safety of any panel
design.
Features and benefits:
Available in 1-, 2- and 3-pole configurations
to meet stocking requirements.
Blocks are fully modular with a snap-together
design that provides tool-less assembly of
multiple pole blocks at point-of-use to reduce
inventory and save assembly time and labor.
DIN-Rail and panel mount versatility
allows one product to be used for multiple
applications, lowering inventory cost.
Compact footprint consumes minimal panel
space.
Optional see-through cover enhances safety
with IP20 finger-safe protection, lockout/
tagout capability and open circuit indication.
Easy circuit identification with available
universal marker labels for fuse block covers.
Tin-plated bimetallic copper fuse clips
deliver superior fatigue resistance compared
to traditional spring brass.
Terminal options to meet application needs
including 1/4” spade quick connect terminals
for faster panel assembly.
Patented rejection feature on Class CC fuse
blocks reduces temperature rise by up to
30%.
Class CC and supplemental
Modular ferrule fuse blocks
BUSSMANN
SERIES
Effective December 2015
Supersedes August 2014


Similar Part No. - BCCMM603-3SQ

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCCM214-0000-20-003 BALLUFF-BCCM214-0000-20-003 Datasheet
93Kb / 2P
   Single-Ended Cordsets
0.42_2021-11-18
BCCM314-0000-10-003 BALLUFF-BCCM314-0000-10-003 Datasheet
122Kb / 2P
   Single-Ended Cordsets
0.3_2021-08-13
BCCM323-0000-10-004 BALLUFF-BCCM323-0000-10-004 Datasheet
105Kb / 2P
   Single-Ended Cordsets
0.36_2021-08-13
BCCM323-0000-10-004 BALLUFF-BCCM323-0000-10-004 Datasheet
105Kb / 2P
   Single-Ended Cordsets
0.4_2021-11-18
BCCM323-0000-10-004 BALLUFF-BCCM323-0000-10-004 Datasheet
105Kb / 2P
   Single-Ended Cordsets
0.4_2021-08-13
More results

Similar Description - BCCMM603-3SQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JM60030-1CR ETC1-JM60030-1CR Datasheet
5Mb / 12P
   Class J modular ferrule and knifeblade fuse blocks
HM25060-1MW12 ETC1-HM25060-1MW12 Datasheet
5Mb / 11P
   ferrule power distribution fuse blocks
logo
Cooper Bussmann, Inc.
HM25030-1CR COOPER-HM25030-1CR Datasheet
3Mb / 8P
   Class H(K), J and R modular ferrule fuse blocks
logo
Littelfuse
02980900Z LITTELFUSE-02980900Z Datasheet
57Kb / 1P
   FUSE BLOCKS
03500418Z LITTELFUSE-03500418Z Datasheet
57Kb / 1P
   FUSE BLOCKS
logo
Eaton All Rights Reserv...
S-8000 EATON-S-8000 Datasheet
259Kb / 2P
   Fuse blocks
BH-2 EATON-BH-2 Datasheet
565Kb / 3P
   BH-2 modular fuse blocks, 700 V, 400 A
BH-3 EATON-BH-3 Datasheet
541Kb / 5P
   BH-3 modular fuse blocks, 700 V, 700 A
BH-1 EATON-BH-1 Datasheet
773Kb / 5P
   BH-1 modular fuse blocks, 700 V, 400 A
logo
Littelfuse
1LS101 LITTELFUSE-1LS101 Datasheet
497Kb / 3P
   Semiconductor Fuse Blocks
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com