Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCPLP-3-30CC-P Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # CCPLP-3-30CC-P
Description  Low Profile Compact Circuit Protector (CCPLP)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

CCPLP-3-30CC-P Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  CCPLP-3-30CC-P Datasheet HTML 1Page - Cooper Bussmann, Inc. CCPLP-3-30CC-P Datasheet HTML 2Page - Cooper Bussmann, Inc. CCPLP-3-30CC-P Datasheet HTML 3Page - Cooper Bussmann, Inc. CCPLP-3-30CC-P Datasheet HTML 4Page - Cooper Bussmann, Inc. CCPLP-3-30CC-P Datasheet HTML 5Page - Cooper Bussmann, Inc. CCPLP-3-30CC-P Datasheet HTML 6Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Technical Data 10372
Effective December 2015
Low Profile Compact Circuit Protector (CCPLP)
UL Class G, CC, midget and IEC 10x38mm fused disconnect switches
Eaton.com/bussmannseries
Catalog symbol:
CCPLP-(poles)-(amps)-(terminal)
Description:
The revolutionary Bussmann® series Low Profile Compact Circuit
Protector (CCPLP) fused disconnect switch is available in 1-, 2-
and 3-pole versions for UL® Class CC (1/10-30A), Class G (20A),
13/32”x1-1/2” midget UL (1/10-30A) and IEC 10x38 aM/gG
(0 .16-32A) fuses .
The CCPLP has the smallest footprint of any UL 98 Listed fused
disconnect switch along with up to a 200kA SCCR to help
improve equipment SCCR .
Class CC and G versions are easily selectively coordinated with
the upstream Bussmann series CUBEFuse™ using published
fuse ampacity ratio tables .
Unique panel mounting permits easy integration into many
panel designs and provides a high SCCR alternative to low
profile circuit breakers on the market .
Specifications:
Ratings
Frequency
50/60Hz
Impulse voltage
8kV
Volts
600Vac (Class CC up to 30A, Class G 20A)
550Vac (10x38 IEC Class aM 0 .16-16A)
500Vac (10x38 IEC Class gG 0 .5-25A)
400Vac (10x38 IEC Class aM 20-32A, gG 32A)
240Vac (13/32” x 1-1/2” midget UL 30A)
Amps
Up to 30A (UL)
Up to 32A (IEC)
SCCR
200kA (Class CC)
120kA (10x38 IEC Class gG and aM)
100kA (Class G)
10kA (13/32”x1-1/2” midget UL)
Poles
1-, 2- and 3-pole factory configured
2- and 3-pole versions feature ganged switches and
phase barriers .
Agency information
Finger-safe IP20 from panel front
CE compliant
RoHS compliant
For Class G fuse versions
UL 98 Listed, File E302370, Guide WHTY
IEC® 60947-3 AC-23A
For Class CC fuse versions
UL 98 Listed, File E302370, Guide WHTY
cULus to CSA Standard 22 .2 No . 4-04, File E302370,
Guide WHTY7
IEC 60947-3 AC-23A
For UL midget and 10x38 IEC fuse versions
UL 508 Listed, File E320230, Guide NRNT
cULus Listed to CSA 22 .2 No . 14-05, File E320230,
Guide NRNT7
IEC 60947-3 AC-23A
Terminals and conductors 75°C/90°C Cu
Screw terminal - #10-32 phil-slot screw with external tooth
lock washer — use with properly rated/UL Listed ring or fork
terminal
Pressure plate terminal - #10-32 phil-slot screw — single
22-6AWG solid or stranded
Terminal screw torque
20 Lb-In (2.2 N•m)
Mounting
Front panel mounting with customer supplied M3 screws
Mounting screw torque 4-5 Lb-In (0.4-0.5 N•m)
Open fuse indication*
Local open fuse indication provided by a orange neon lamp
on each pole, minimum voltage 90Vac
*
Open fuse indication requires an energized, closed circuit with an open
fuse in the CCPLP and the switch in the ON position .
Ambient storage and operating temperature
-20°C to 90°C, 85% relative humidity non-condensing
Flammability rating
UL 94 V2
Lockout/tagout provisions
Brady pin-out device, P/N 90844
Circuit labeling provisions
Accepts up to two universal marker labels (P/N TM26CB)
Carton quantity
12 poles (1-pole: 12 units, 2-pole: 6 units, 3-pole: 4 units)
Minimumn enclosure size
6”x6”x4” per UL 98 Listing


Similar Part No. - CCPLP-3-30CC-P

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
CCPLP-3-30CC-P EATON-CCPLP-3-30CC-P Datasheet
719Kb / 6P
   Low Profile Compact Circuit Protector (CCPLP)
More results

Similar Description - CCPLP-3-30CC-P

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
CCPLP EATON-CCPLP Datasheet
719Kb / 6P
   Low Profile Compact Circuit Protector (CCPLP)
CCP EATON-CCP Datasheet
2Mb / 12P
   Compact Circuit Protector
logo
Cooper Bussmann, Inc.
CCPB-1-15CF COOPER-CCPB-1-15CF Datasheet
270Kb / 3P
   Compact Circuit Protector Base
logo
Eaton All Rights Reserv...
CCP2B EATON-CCP2B Datasheet
1Mb / 6P
   CUBEFuse??Compact Circuit Protector Base
logo
Cooper Bussmann, Inc.
CCPB-1-15CF COOPER-CCPB-1-15CF_16 Datasheet
1Mb / 6P
   CUBEFuseTM Compact Circuit Protector Base (CCPB)
logo
List of Unclassifed Man...
CCPB-1-15CF ETC1-CCPB-1-15CF Datasheet
1Mb / 6P
   CUBEFuse Compact Circuit Protector Base (CCPB)
logo
Cooper Bussmann, Inc.
CCP-1-30CC COOPER-CCP-1-30CC Datasheet
2Mb / 12P
   Compact Circuit Protector DIN-Rail fused disconnect switches
logo
Panasonic Semiconductor
UN11015 PANASONIC-UN11015 Datasheet
41Kb / 2P
   Circuit Protector Elements
UN10004 PANASONIC-UN10004 Datasheet
27Kb / 1P
   Circuit Protector Elements
UNH0003 PANASONIC-UNH0003 Datasheet
46Kb / 2P
   Circuit Protector Elements
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com