Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTS12066V110 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # PTS12066V110
Description  6-60 Volt DC surface mount resettable PTC devices
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

PTS12066V110 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  PTS12066V110 Datasheet HTML 1Page - Cooper Bussmann, Inc. PTS12066V110 Datasheet HTML 2Page - Cooper Bussmann, Inc. PTS12066V110 Datasheet HTML 3Page - Cooper Bussmann, Inc. PTS12066V110 Datasheet HTML 4Page - Cooper Bussmann, Inc. PTS12066V110 Datasheet HTML 5Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data 4397
Effective October 2015
Supersedes June 2015
Product description
Positive Temperature Coefficient (PTC)
SMT resettable device
Low resistance
Fast time-to-trip
Current range from 0.05A to 2.0A
1206 (3216 metric) compact footprint
Halogen free, lead free, RoHS compliant
Applications
USB peripherals
Plug and play protection for motherboards
and peripherals
Power tools
Battery and port protection for mobile/smart phones
Game console port protection
Set-top-boxes
Tablets, notebooks, netbooks, laptops and
desktops
Rechargeable battery packs
Digital cameras
Appliances and white goods
Consumer electronics
Agency information
cURus Recognition file number: E343021
TUV: R50192872
PTS1206
6-60 Volt DC surface mount resettable PTC devices
Pb
HALOGEN
HF
FREE


Similar Part No. - PTS12066V110

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
PTS12066V110 COOPER-PTS12066V110 Datasheet
448Kb / 4P
   6-60 Volt DC Surface Mount, PolyTron??PTC Devices
logo
Eaton All Rights Reserv...
PTS12066V110 EATON-PTS12066V110 Datasheet
657Kb / 5P
   6-60 Volt DC surface mount resettable PTC devices
More results

Similar Description - PTS12066V110

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
PTS181230V010 COOPER-PTS181230V010_15 Datasheet
680Kb / 5P
   6-60 Volt DC surface mount resettable PTC devices
logo
Eaton All Rights Reserv...
PTS1206 EATON-PTS1206 Datasheet
657Kb / 5P
   6-60 Volt DC surface mount resettable PTC devices
PTS1812 EATON-PTS1812 Datasheet
326Kb / 5P
   6-60 Volt DC surface mount resettable PTC devices
PTS0805 EATON-PTS0805 Datasheet
824Kb / 5P
   6-24 Volt DC surface mount resettable PTC devices
logo
Cooper Bussmann, Inc.
PTS181233V110 COOPER-PTS181233V110 Datasheet
401Kb / 4P
   6-60 Volt DC Surface Mount, PolyTron PTC Devices
PTS120660V005 COOPER-PTS120660V005 Datasheet
448Kb / 4P
   6-60 Volt DC Surface Mount, PolyTron??PTC Devices
PTS080524V010 COOPER-PTS080524V010 Datasheet
1Mb / 6P
   6-24 Volt DC surface mount PolyTron??PTC devices
logo
Eaton All Rights Reserv...
PTR060V EATON-PTR060V Datasheet
540Kb / 4P
   60 Volt DC radial leaded, PolyTron??PTC devices
logo
Cooper Bussmann, Inc.
PTR060V0010 COOPER-PTR060V0010 Datasheet
478Kb / 4P
   60 Volt DC Radial Leaded, PolyTron??PTC Devices
logo
Tyco Electronics
SMD150F MACOM-SMD150F_1 Datasheet
299Kb / 20P
   PolySwitch Resettable Devices Surface-mount Devices
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com