Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TZA1045 Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. TZA1045
Description  Photodiode and amplifier IC for CD and DVD applications
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 4 page
background image
2003 Jun 26
4
Philips Semiconductors
Preliminary specification
Photodiode and amplifier IC for
CD and DVD applications
TZA1045
B−3dB(sat)
RF bandwidth satellite channels
E, F, G and H
Io =1mA
writing DVD+R
65
85
105
MHz
writing CD-R
70
90
110
MHz
writing DVD+RW
90
115
140
MHz
writing CD-RW
60
75
90
MHz
reading DVD-ROM
85
110
135
MHz
reading CD-ROM
60
75
90
MHz
reading DVD+RW
80
100
120
MHz
reading CD-RW
40
50
60
MHz
Settling time; note 1
tst(max)
settling time
CD-R write mode (central and
satellite channels); Iset > 300 µA;
accuracy set level within
±5%; ratio
write to read peak level factor <50
<22
ns
CD-R write mode (differential
channels RFP and RFN);
Iset >70 µA; accuracy set level within
±5%; ratio write to read peak level
factor <50
<22
ns
CD-RW and DVD+RW write modes
(all channels); no clip; Iset >70 µA;
accuracy set level within
±5%; ratio
write to read peak level factor 2;
Io <Io(max)
<10
ns
DVD+R write mode (all channels);
no clip; Iset > 100 µA; accuracy set
level within
±5%; ratio write to read
peak level factor 20; Io <Io(max)
<15
ns
Phase and group delay variation
∆t
d(p)(dif)
phase delay variation differential
channels RFP and RFN
Io = 1 mA; fi = 13 to 130 MHz
reading DVD-ROM
0.15
ns
reading CD-ROM
1
ns
reading DVD+RW
0.25
ns
reading CD-RW
1.3
ns
∆t
d(g)(dif)
group delay variation differential
channels RFP and RFN
Io = 1.5 mA; fi = 2.6 to 130 MHz
reading DVD-ROM
0.4
ns
reading CD-ROM
0.8
ns
reading DVD+RW
0.6
ns
reading CD-RW
1.2
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TZA1046Photodiode and amplifier IC for CD and DVD applications 1 2 3 4 5 MoreNXP Semiconductors
2SK3462Switching Regulator DC-DC Converter and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
STV9383Class-D Vertical Deflection Amplifier for 2.0 Amp TV and Monitor Applications 1 2 3 4 5 MoreSTMicroelectronics
2SK363N CHANNEL JUNCTION TYPE FOR AUDIO AMPLIFIER ANALOG SWITCH CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS 1 2 3 4 Toshiba Semiconductor
2SC3112TRANSISTOR FOR AUDIO AMPLIFIER AND SWITCHING APPLICATIONS 1 2 3 Toshiba Semiconductor
2SK364N CHANNEL JUNCTION TYPE FOR AUDIO AMPLIFIER ANALOG SWITCH CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS 1 2 3 4 Toshiba Semiconductor
2SJ103P CHANNEL JUNCTION TYPE FOR AUDIO AMPLIFIER ANALOG SWITCH CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS 1 2 3 Toshiba Semiconductor
2SK246N CHANNEL JUNCTION TYPE FOR CONSTANT CURRENT IMPEDANCE CONVERTER AND DC-AC HIGH INPUT IMPEDANCE AMPLIFIER CIRCUIT APPLICATIONS 1 2 3 Toshiba Semiconductor
2SK365N CHANNEL JUNCTION TYPE FOR AUDIO AMPLIFIER ANALOG SWITCH CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS 1 2 3 4 Toshiba Semiconductor
2SJ104P CHANNEL JUNCTION TYPE FOR AUDIO AMPLIFIER ANALOG SWITCH CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS 1 2 3 4 Toshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl