Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TZA1045 Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. TZA1045
Description  Photodiode and amplifier IC for CD and DVD applications
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 3 page
background image
2003 Jun 26
3
Philips Semiconductors
Preliminary specification
Photodiode and amplifier IC for
CD and DVD applications
TZA1045
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VDD1
supply voltage front-end
4.5
5.0
5.5
V
VDD2
supply voltage back-end
4.5
5.0
5.5
V
IDD1
supply current front-end
dark conditions
writing DVD+R
12.8
17.4
21.3
mA
writing CD-R
30.9
41.2
51.5
mA
writing DVD+RW
12.9
17.2
21.5
mA
writing CD-RW
11.4
15.2
19.0
mA
reading DVD-ROM
31.9
42.5
53.1
mA
reading CD-ROM
31.3
41.8
52.2
mA
reading DVD+RW
31.7
42.2
52.8
mA
reading CD-RW
30.9
41.2
51.5
mA
IDD2
supply current back-end
dark conditions
6.0
mA
Temperature range
Tamb
ambient temperature
0
70
°C
RF bandwidth
B−3dB(cen)
RF bandwidth central channels
A, B, C, and D
Io =1mA
writing DVD+R
135
170
205
MHz
writing CD-R
225
280
340
MHz
writing DVD+RW
240
300
360
MHz
writing CD-RW
115
145
175
MHz
reading DVD-ROM
135
170
205
MHz
reading CD-ROM
100
125
155
MHz
reading DVD+RW
135
170
205
MHz
reading CD-RW
80
105
130
MHz
B−3dB(dif)
RF bandwidth differential
channels RFP and RFN
Io =1mA
writing DVD+R
135
170
205
MHz
writing CD-R
235
290
350
MHz
writing DVD+RW
290
360
435
MHz
writing CD-RW
120
150
180
MHz
reading DVD-ROM
135
170
210
MHz
reading CD-ROM
95
120
145
MHz
reading DVD+RW
140
175
210
MHz
reading CD-RW
80
105
130
MHz




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TZA1046Photodiode and amplifier IC for CD and DVD applications 1 2 3 4 5 MoreNXP Semiconductors
2SK3462Switching Regulator DC-DC Converter and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
STV9383Class-D Vertical Deflection Amplifier for 2.0 Amp TV and Monitor Applications 1 2 3 4 5 MoreSTMicroelectronics
2SK363N CHANNEL JUNCTION TYPE FOR AUDIO AMPLIFIER ANALOG SWITCH CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS 1 2 3 4 Toshiba Semiconductor
2SC3112TRANSISTOR FOR AUDIO AMPLIFIER AND SWITCHING APPLICATIONS 1 2 3 Toshiba Semiconductor
2SK364N CHANNEL JUNCTION TYPE FOR AUDIO AMPLIFIER ANALOG SWITCH CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS 1 2 3 4 Toshiba Semiconductor
2SJ103P CHANNEL JUNCTION TYPE FOR AUDIO AMPLIFIER ANALOG SWITCH CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS 1 2 3 Toshiba Semiconductor
2SK246N CHANNEL JUNCTION TYPE FOR CONSTANT CURRENT IMPEDANCE CONVERTER AND DC-AC HIGH INPUT IMPEDANCE AMPLIFIER CIRCUIT APPLICATIONS 1 2 3 Toshiba Semiconductor
2SK365N CHANNEL JUNCTION TYPE FOR AUDIO AMPLIFIER ANALOG SWITCH CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS 1 2 3 4 Toshiba Semiconductor
2SJ104P CHANNEL JUNCTION TYPE FOR AUDIO AMPLIFIER ANALOG SWITCH CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS 1 2 3 4 Toshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl