Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TZA1045 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. TZA1045
Description  Photodiode and amplifier IC for CD and DVD applications
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 5 page
background image
2003 Jun 26
5
Philips Semiconductors
Preliminary specification
Photodiode and amplifier IC for
CD and DVD applications
TZA1045
Note
1. The settling time includes the recovery time.
Sensitivity
sDVD+R
output current sensitivity for
DVD+R
writing;
λ = 655 nm
Io(cen)
1.44
A/W
Io(sat)
4.76
A/W
Io(RFP), Io(RFN)
0.54
A/W
sCD-R
output current sensitivity for
CD-R
writing;
λ = 785 nm
Io(cen)
43.2
A/W
Io(sat)
173
A/W
Io(RFP), Io(RFN)
1.08
A/W
sDVD+RW
output current sensitivity for
DVD+RW
writing;
λ = 655 nm
Io(cen)
2.88
A/W
Io(sat)
11.5
A/W
Io(RFP), Io(RFN)
1.08
A/W
reading;
λ = 655 nm
Io(cen)
43.2
A/W
Io(sat)
173
A/W
Io(RFP), Io(RFN)
16.2
A/W
sCD-RW
output current sensitivity for
CD-RW
writing;
λ = 785 nm
Io(cen)
5.67
A/W
Io(sat)
23.0
A/W
Io(RFP), Io(RFN)
2.16
A/W
reading;
λ = 785 nm
Io(cen)
173
A/W
Io(sat)
691
A/W
Io(RFP), Io(RFN)
64.8
A/W
sDVD-ROM
output current sensitivity for
DVD-ROM
reading;
λ = 655 nm
Io(cen)
21.6
A/W
Io(sat)
86.4
A/W
Io(RFP), Io(RFN)
8.1
A/W
sCD-ROM
output current sensitivity for
CD-ROM
reading;
λ = 785 nm
Io(cen)
86.4
A/W
Io(sat)
346
A/W
Io(RFP), Io(RFN)
32.4
A/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TZA1046Photodiode and amplifier IC for CD and DVD applications 1 2 3 4 5 MoreNXP Semiconductors
2SK3462Switching Regulator DC-DC Converter and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
STV9383Class-D Vertical Deflection Amplifier for 2.0 Amp TV and Monitor Applications 1 2 3 4 5 MoreSTMicroelectronics
2SK363N CHANNEL JUNCTION TYPE FOR AUDIO AMPLIFIER ANALOG SWITCH CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS 1 2 3 4 Toshiba Semiconductor
2SC3112TRANSISTOR FOR AUDIO AMPLIFIER AND SWITCHING APPLICATIONS 1 2 3 Toshiba Semiconductor
2SK364N CHANNEL JUNCTION TYPE FOR AUDIO AMPLIFIER ANALOG SWITCH CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS 1 2 3 4 Toshiba Semiconductor
2SJ103P CHANNEL JUNCTION TYPE FOR AUDIO AMPLIFIER ANALOG SWITCH CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS 1 2 3 Toshiba Semiconductor
2SK246N CHANNEL JUNCTION TYPE FOR CONSTANT CURRENT IMPEDANCE CONVERTER AND DC-AC HIGH INPUT IMPEDANCE AMPLIFIER CIRCUIT APPLICATIONS 1 2 3 Toshiba Semiconductor
2SK365N CHANNEL JUNCTION TYPE FOR AUDIO AMPLIFIER ANALOG SWITCH CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS 1 2 3 4 Toshiba Semiconductor
2SJ104P CHANNEL JUNCTION TYPE FOR AUDIO AMPLIFIER ANALOG SWITCH CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS 1 2 3 4 Toshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl