Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFB091507FHV1R250XTMA1 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # PTFB091507FHV1R250XTMA1
Description  Thermally-Enhanced High Power RF LDMOS FET 160 W, 28 V, 920 ??960 MHz
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB091507FHV1R250XTMA1 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button PTFB091507FHV1R250XTMA1 Datasheet HTML 5Page - Infineon Technologies AG PTFB091507FHV1R250XTMA1 Datasheet HTML 6Page - Infineon Technologies AG PTFB091507FHV1R250XTMA1 Datasheet HTML 7Page - Infineon Technologies AG PTFB091507FHV1R250XTMA1 Datasheet HTML 8Page - Infineon Technologies AG PTFB091507FHV1R250XTMA1 Datasheet HTML 9Page - Infineon Technologies AG PTFB091507FHV1R250XTMA1 Datasheet HTML 10Page - Infineon Technologies AG PTFB091507FHV1R250XTMA1 Datasheet HTML 11Page - Infineon Technologies AG PTFB091507FHV1R250XTMA1 Datasheet HTML 12Page - Infineon Technologies AG PTFB091507FHV1R250XTMA1 Datasheet HTML 13Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
PTFB091507FH
Data Sheet
10 of 13
Rev. 03.1, 2016-06-09
R803
RF_IN
C208
C201
C214
C216
C215
C102
C804 R801
R805
C803
S3
C805
C222
C221
C206
C205
C109
C202
C801
C105
C212
C106
C204
C211
C219
C108
R103
C101
C107
C210
C200
C203
C207
C218
C213
C217
C220
C110
R102
C104 C103
RF_OUT
PTFB091507_IN_01
R04350, .020
(62)
PTFB091507_IN_01
R04350, .020
(62)
VDD
VDD
S1
C802
b 091507 f h _C D_ 3- 08 - 11
C223
Reference circuit board layout (not to scale)
Component
Description
Suggested Supplier
P/N or Comment
C101
Chip capacitor, 33 pF
ATC
ATC100B330JW500XB
C102
Chip capacitor, 4.71 µF
Digi-Key
493-2372-2-ND
C103
Capacitor, 10 nF
ATC
ATC200B103MW50XC
C104, C107
Chip capacitor, 56 pF
ATC
ATC100B560JW500XB
C105
Chip capacitor, 3.3 pF
ATC
ATC100B3R3CW500XB
C106, C203
Chip capacitor, 3.9 pF
ATC
ATC100B3R9CW500XB
C108
Chip capacitor, 1.5 pF
ATC
ATC100B1R5CW500XB
C109
Capacitor, 10 nF
ATC
ATC200B103MW50XC
C110
Chip capacitor, 4.7 pF
ATC
ATC100B4R7CW500XB
C201, C213
Electrolytic cap., 100 uF, 50 V
Digi-Key
PCE4442TR-ND
C202
Chip capacitor, 1.2 pF
ATC
ATC100B1R2CW500XB
C204
Capacitor, 10 nF
ATC
ATC200B103MW50XC
C205
Chip capacitor, 56 pF
ATC
ATC100B560JW500XB
C206, C208, C211,
Capacitor, 10 µF
Digi-Key
587-1818-2-ND
C212, C217, C220,
C221, C222
C207
Chip capacitor, 0.2 pF
ATC
ATC100B0R2CW500XB
C209
Chip capacitor, 5.6 pF
ATC
ATC100B5R6CW500XB
C210
Chip capacitor, 1 pF
ATC
ATC100B1R0CW500XB
table continued on next page
Reference Circuit (cont.)


Similar Part No. - PTFB091507FHV1R250XTMA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB091507FH INFINEON-PTFB091507FH Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 160 W, 28 V, 920-960 MHz
Rev. 03, 2011-03-14
logo
Cree, Inc
PTFB091507FH CREE-PTFB091507FH Datasheet
618Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 160 W, 28 V, 920 ??960 MHz
More results

Similar Description - PTFB091507FHV1R250XTMA1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTFB091507FH CREE-PTFB091507FH Datasheet
618Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 160 W, 28 V, 920 ??960 MHz
logo
Infineon Technologies A...
PTFB091507FH INFINEON-PTFB091507FH Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 160 W, 28 V, 920-960 MHz
Rev. 03, 2011-03-14
PTFB091802FC INFINEON-PTFB091802FC_16 Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 920 ??960 MHz
Rev. 02.1, 2016-06-10
logo
Cree, Inc
PTFB091802FC CREE-PTFB091802FC Datasheet
538Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 920 ??960 MHz
PTFB093608FV CREE-PTFB093608FV Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 360 W, 28 V, 920 ??960 MHz
logo
Infineon Technologies A...
PTFA091503EL INFINEON-PTFA091503EL Datasheet
627Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 920-960 MHz
Rev. 03, 2010-08-11
PTFA091503EL INFINEON-PTFA091503EL_16 Datasheet
766Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 920 ??960 MHz
Rev. 04, 2016-06-16
PTFB090901EA INFINEON-PTFB090901EA Datasheet
226Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 90 W, 28 V, 920 . 960 MHz
Rev. 04, 2012-02-23
logo
Cree, Inc
PTFB090901EA CREE-PTFB090901EA Datasheet
710Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 90 W, 28 V, 920 ??960 MHz
logo
WOLFSPEED, INC.
PTRA097008NB WOLFSPEED-PTRA097008NB Datasheet
556Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 630 W, 48 V, 920 – 960 MHz
Rev. 04, 2023-06-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com