Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFB183404FV2R0XTMA1 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # PTFB183404FV2R0XTMA1
Description  High Power RF LDMOS Field Effect Transistors 340 W, 1805 ??1880 MHz
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB183404FV2R0XTMA1 Datasheet(HTML) 1 Page - Infineon Technologies AG

  PTFB183404FV2R0XTMA1 Datasheet HTML 1Page - Infineon Technologies AG PTFB183404FV2R0XTMA1 Datasheet HTML 2Page - Infineon Technologies AG PTFB183404FV2R0XTMA1 Datasheet HTML 3Page - Infineon Technologies AG PTFB183404FV2R0XTMA1 Datasheet HTML 4Page - Infineon Technologies AG PTFB183404FV2R0XTMA1 Datasheet HTML 5Page - Infineon Technologies AG PTFB183404FV2R0XTMA1 Datasheet HTML 6Page - Infineon Technologies AG PTFB183404FV2R0XTMA1 Datasheet HTML 7Page - Infineon Technologies AG PTFB183404FV2R0XTMA1 Datasheet HTML 8Page - Infineon Technologies AG PTFB183404FV2R0XTMA1 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
All published data at TCASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
Data Sheet
1 of 18
Rev. 04.1, 2016-06-10
PTFB183404E
PTFB183404F
0
5
10
15
20
25
30
35
-60
-55
-50
-45
-40
-35
-30
-25
36
38
40
42
44
46
48
50
52
Average Output Power (dBm)
Two-carrier WCDMA 3GPP Drive-up
VDD = 30 V, IDQ = 2.6A, ƒ = 1880 MHz, 3GPP
WCDMA, PAR = 8:1, 10 MHz carrier spacing,
BW = 3.84 MHz
Efficiency
IMD Up
IMD Low
ACPR
RF Characteristics
Two-carrier WCDMA Measurements (tested in Infineon test fixture)
VDD = 30 V, IDQ = 2.6 A, POUT = 80 W average, ƒ1 = 1870 MHz, ƒ2 = 1880 MHz, 3GPP signal, channel bandwidth = 3.84 MHz,
peak/average = 8 dB @ 0.01% CCDF
Characteristic
Symbol
Min
Typ
Max
Unit
Gain
Gps
16
17
dB
Drain Efficiency
hD
24
25.5
%
Intermodulation Distortion
IMD
–35
–32
dBc
High Power RF LDMOS Field Effect Transistors
340 W, 1805 – 1880 MHz
Description
The PTFB183404E and PTFB183404F are 340-watt LDMOS FETs
intended for use in multi-standard cellular power amplifier applications
in the 1805 to 1880 MHz frequency band. Features include input and
output matching, high gain and thermally-enhanced package with
slotted and earless flanges. Manufactured with Infineon's advanced
LDMOS process, these devices provide excellent thermal performance
and superior reliability.
PTFB183404E
Package H-36275-8
Features
• Broadbandinternalinputandoutputmatching
• Widevideobandwidth
• Typicalsingle-carrierWCDMAperformance,
1880 MHz, 30 V
- Output power = 125 W
- Efficiency = 31%
- Gain = 17 dB
- PAR = 5.5 dB @ 0.01% CCDF probability
- ACPR @ 5 MHz = –37 dBc
• Increasednegativegate-sourcevoltagerangefor
improved performance in Doherty amplifiers
• Capableofhandling10:1VSWR@30V,340W
(CW) output power
• IntegratedESDprotection
• Excellentthermalstability
• Pb-freeandRoHScompliant
PTFB183404F
Package H-37275-6/2


Similar Part No. - PTFB183404FV2R0XTMA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB183404F INFINEON-PTFB183404F Datasheet
727Kb / 18P
   High Power RF LDMOS Field Effect Transistors 340 W, 1805 ??1880 MHz
Rev. 04, 2010-11-17
More results

Similar Description - PTFB183404FV2R0XTMA1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTFB183404E CREE-PTFB183404E Datasheet
649Kb / 18P
   High Power RF LDMOS Field Effect Transistors 340 W, 1805 ??1880 MHz
logo
Infineon Technologies A...
PTFB183404E INFINEON-PTFB183404E Datasheet
727Kb / 18P
   High Power RF LDMOS Field Effect Transistors 340 W, 1805 ??1880 MHz
Rev. 04, 2010-11-17
PTF181301 INFINEON-PTF181301 Datasheet
66Kb / 4P
   LDMOS RF Power Field Effect Transistor 130 W, 1805-1880 MHz
2004-04-28
logo
TriQuint Semiconductor
AGR18060E TRIQUINT-AGR18060E Datasheet
426Kb / 9P
   60 W, 1805 MHz-1880 MHz, LDMOS RF Power Transistor
logo
Infineon Technologies A...
PTF180101S INFINEON-PTF180101S Datasheet
209Kb / 10P
   LDMOS RF Power Field Effect Transistor 10 W, 1805-1880 MHz, 1930-1990 MHz 10 W, 2110-2170 MHz
Rev. P03, 2007-03-01
PTF180101 INFINEON-PTF180101 Datasheet
310Kb / 10P
   LDMOS RF Power Field Effect Transistor 10 W, 1805-1880 MHz, 1930-1990 MHz 10 W, 2110-2170 MHz
2004-02-03
PTFA182001E INFINEON-PTFA182001E Datasheet
260Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 200 W, 1805 - 1880 MHz
Rev. 01, 2008-03-12
PTFA181001GL INFINEON-PTFA181001GL Datasheet
325Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 100 W, 1805 ??1880 MHz
Rev. 01, 2008-06-15
PTFA181001E INFINEON-PTFA181001E Datasheet
408Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 100 W, 1805 ??1880 MHz
Rev. 02.1, 2009-02-20
logo
Cree, Inc
PTFB182503FL CREE-PTFB182503FL Datasheet
497Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 1805 ??1880 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com