Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFB091507FHV1R0XTMA1 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # PTFB091507FHV1R0XTMA1
Description  Thermally-Enhanced High Power RF LDMOS FET 160 W, 28 V, 920 ??960 MHz
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB091507FHV1R0XTMA1 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button PTFB091507FHV1R0XTMA1 Datasheet HTML 5Page - Infineon Technologies AG PTFB091507FHV1R0XTMA1 Datasheet HTML 6Page - Infineon Technologies AG PTFB091507FHV1R0XTMA1 Datasheet HTML 7Page - Infineon Technologies AG PTFB091507FHV1R0XTMA1 Datasheet HTML 8Page - Infineon Technologies AG PTFB091507FHV1R0XTMA1 Datasheet HTML 9Page - Infineon Technologies AG PTFB091507FHV1R0XTMA1 Datasheet HTML 10Page - Infineon Technologies AG PTFB091507FHV1R0XTMA1 Datasheet HTML 11Page - Infineon Technologies AG PTFB091507FHV1R0XTMA1 Datasheet HTML 12Page - Infineon Technologies AG PTFB091507FHV1R0XTMA1 Datasheet HTML 13Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Data Sheet
9 of 13
Rev. 03.1, 2016-06-09
PTFB091507FH
TL215
0.021 l, 20.9 W
W1 = 3.81, W2 = 3.81, W3 = 3.81
W1 = 150, W2 = 150, W3 = 150
TL216
0.041 l, 20.9 W
W = 3.81, L = 7.29
W = 150, L = 287
TL217
0.008 l, 39.1 W
W = 1.68, L = 1.52
W = 66, L = 60
TL218
0.016 l, 16.5 W
W = 5.08, L = 2.90
W = 200, L = 114
TL219
0.011 l, 39.1 W
W = 1.68, L = 2.03
W = 66, L = 80
TL220
0.016 l, 20.9 W
W1 = 3.81, W2 = 3.81, W3 = 2.79
W1 = 150, W2 = 150, W3 = 110
TL221
0.037 l, 5.7 W
W = 16.51, L = 6.38
W = 650, L = 251
TL222
0.016 l, 16.5 W
W = 5.08, L = 2.89
W = 200, L = 114
TL223
0.011 l, 5.7 W
W1 = 16.51, W2 = 1.83, W3 = 16.51,
W1 = W1, W2 = 72, W3 = 650,
W4 = 1.83
W4 = 72
TL228
0.021 l, 16.5 W
W1 = 5.08, W2 = 5.08, W3 = 3.81
W1 = 200, W2 = 200, W3 = 150
TL230
0.006 l, 51.5 W
W = 1.10, L = 1.14
W = 44, L = 45
TL231
0.060 l, 51.5 W
W = 1.10, L = 11.3
W = 44, L = 445
TL232
0.027 l, 51.5 W
W = 1.10, L = 5.08
W = 44, L = 200
TL233
0.006 l, 51.5 W
W = 1.10, L = 1.12
W = 44, L = 44
TL234
0.041 l, 20.9 W
W = 3.81, L = 7.29
W = 150, L = 287
TL235
0.010 l, 51.5 W
W1 = 1.10, W2 = 1.10, W3 = 1.91
W1 = 44, W2 = 44, W3 = 75
TL236
0.014 l, 20.9 W
W = 3.81, L = 2.51
W = 150, L = 99
TL237
0.052 l, 5.7 W
W = 16.51, L = 8.89
W = 650, L = 350
TL238
0.021 l, 16.5 W
W1 = 5.08, W2 = 5.08, W3 = 3.81
W1 = 200, W2 = 200, W3 = 150
TL239
0.021 l, 20.9 W
W1 = 3.81, W2 = 3.81, W3 = 3.81
W1 = 150, W2 = 150, W3 = 150
TL240
0.007 l, 20.9 W
W1 = 3.81, W2 = 3.81, W3 = 1.27
W1 = 150, W2 = 150, W3 = 50
Reference Circuit (cont.)
Microstrip
Characteristics
Dimensions: mm
Dimensions: mils


Similar Part No. - PTFB091507FHV1R0XTMA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB091507FH INFINEON-PTFB091507FH Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 160 W, 28 V, 920-960 MHz
Rev. 03, 2011-03-14
logo
Cree, Inc
PTFB091507FH CREE-PTFB091507FH Datasheet
618Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 160 W, 28 V, 920 ??960 MHz
More results

Similar Description - PTFB091507FHV1R0XTMA1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTFB091507FH CREE-PTFB091507FH Datasheet
618Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 160 W, 28 V, 920 ??960 MHz
logo
Infineon Technologies A...
PTFB091507FH INFINEON-PTFB091507FH Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 160 W, 28 V, 920-960 MHz
Rev. 03, 2011-03-14
PTFB091802FC INFINEON-PTFB091802FC_16 Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 920 ??960 MHz
Rev. 02.1, 2016-06-10
logo
Cree, Inc
PTFB091802FC CREE-PTFB091802FC Datasheet
538Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 920 ??960 MHz
PTFB093608FV CREE-PTFB093608FV Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 360 W, 28 V, 920 ??960 MHz
logo
Infineon Technologies A...
PTFA091503EL INFINEON-PTFA091503EL Datasheet
627Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 920-960 MHz
Rev. 03, 2010-08-11
PTFA091503EL INFINEON-PTFA091503EL_16 Datasheet
766Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 920 ??960 MHz
Rev. 04, 2016-06-16
PTFB090901EA INFINEON-PTFB090901EA Datasheet
226Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 90 W, 28 V, 920 . 960 MHz
Rev. 04, 2012-02-23
logo
Cree, Inc
PTFB090901EA CREE-PTFB090901EA Datasheet
710Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 90 W, 28 V, 920 ??960 MHz
logo
WOLFSPEED, INC.
PTRA097008NB WOLFSPEED-PTRA097008NB Datasheet
556Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 630 W, 48 V, 920 – 960 MHz
Rev. 04, 2023-06-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com