Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFA091503EL Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # PTFA091503EL
Description  Thermally-Enhanced High Power RF LDMOS FET 150 W, 920 ??960 MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFA091503EL Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button PTFA091503EL Datasheet HTML 3Page - Infineon Technologies AG PTFA091503EL Datasheet HTML 4Page - Infineon Technologies AG PTFA091503EL Datasheet HTML 5Page - Infineon Technologies AG PTFA091503EL Datasheet HTML 6Page - Infineon Technologies AG PTFA091503EL Datasheet HTML 7Page - Infineon Technologies AG PTFA091503EL Datasheet HTML 8Page - Infineon Technologies AG PTFA091503EL Datasheet HTML 9Page - Infineon Technologies AG PTFA091503EL Datasheet HTML 10Page - Infineon Technologies AG PTFA091503EL Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
PTFA091503EL
Data Sheet
7 of 11
Rev. 04, 2016-06-16
Reference Circuit (cont.)
Electrical Characteristics at 960 MHz
Transmission
Electrical
Dimensions: mm
Dimensions: mils
Line
Characteristics
Output
TL201, TL224
0.014 λ, 28.85 W
W1 = 3.810, W2 = 3.810, W3 = 2.540
W1 = 150, W2 = 150, W3 = 100
TL202, TL229
0.007 λ, 28.85 W
W = 3.810, L = 1.270
W = 150, L = 50
TL203, TL230
W1 = 3.810, W2 = 1.829, W3 = 3.810,
W1 = 150, W2 = 72, W3 = 150,
W4 = 1.829
W4 = 72
TL204
0.010 λ, 28.85 W
W1 = 3.810, W2 = 3.810, W3 = 1.829
W1 = 150, W2 = 150, W3 = 72
TL205, TL221, TL222,
W = 1.651
W = 65
TL223
TL206 (taper)
0.044 λ, 10.17 W / 16.47 W W1 = 13.208, W2 = 7.620, L = 7.620
W1 = 520, W2 = 300, L = 300
TL207
0.004 λ, 51.58 W
W = 1.651, L = 0.762
W = 65, L = 30
TL208, TL209
0.058 λ, 51.58 W
W = 1.651, L = 10.922
W = 65, L = 430
TL210
0.015 λ, 51.58 W
W = 1.651, L = 2.819
W = 65, L = 111
TL211, TL212
0.000 λ, 146.88 W
W = 0.025, L = 0.025
W = 1, L = 1
TL213, TL233
0.093 λ, 28.85 W
W = 3.810, L = 17.043
W = 150, L = 671
TL214, TL234
W1 = 0.000, W2 = 0.000, Offset = –0.002
W1 = 0, W2 = 6, Offset = –97
TL215
0.117 λ, 10.17 W
W = 13.208, L = 20.320
W = 520, L = 800
TL216
0.014 λ, 38.82 W
W = 2.540, L = 2.540
W = 100, L = 100
TL217
0.013 λ, 51.58 W
W = 1.651, L = 2.540
W = 65, L = 100
TL218
0.012 λ, 10.17 W
W = 13.208, L = 2.032
W = 520, L = 80
TL219, TL232
0.014 λ, 23.03 W
W = 5.080, L = 2.540
W = 200, L = 100
TL220
W1 = 7.620, W2 = 0.025, W3 = 7.620
W1 = 300, W2 = 1, W3 = 300,
W4 = 0.025
W4 = 1
TL225, TL236
0.019 λ, 126.18 W
W1 = 0.152, W2 = 0.152, W3 = 3.810
W1 = 6, W2 = 6, W3 = 150
TL226, TL227, TL231, 0.010 λ, 28.85 W
W1 = 3.810, W2 = 3.810, W3 = 1.829
W1 = 150, W2 = 150, W3 = 72
TL235, TL237
TL228 (taper)
0.036 λ, 16.47 W / 38.82 W W1 = 7.620, W2 = 2.540, L = 6.350
W1 = 300, W2 = 100, L = 250


Similar Part No. - PTFA091503EL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA091503EL INFINEON-PTFA091503EL Datasheet
627Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 920-960 MHz
Rev. 03, 2010-08-11
More results

Similar Description - PTFA091503EL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA091503EL INFINEON-PTFA091503EL Datasheet
627Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 920-960 MHz
Rev. 03, 2010-08-11
logo
Cree, Inc
PTFB091507FH CREE-PTFB091507FH Datasheet
618Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 160 W, 28 V, 920 ??960 MHz
logo
Infineon Technologies A...
PTFB091802FC INFINEON-PTFB091802FC_16 Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 920 ??960 MHz
Rev. 02.1, 2016-06-10
PTFB091507FH INFINEON-PTFB091507FH_16 Datasheet
1,015Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 160 W, 28 V, 920 ??960 MHz
Rev. 03.1, 2016-06-09
logo
WOLFSPEED, INC.
PTRA097008NB WOLFSPEED-PTRA097008NB Datasheet
556Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 630 W, 48 V, 920 – 960 MHz
Rev. 04, 2023-06-22
logo
Infineon Technologies A...
PTFA092211EL INFINEON-PTFA092211EL Datasheet
424Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 220 W, 920 ??960 MHz
Rev. 02, 2009-05-27
logo
Cree, Inc
PTFB091802FC CREE-PTFB091802FC Datasheet
538Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 920 ??960 MHz
logo
Infineon Technologies A...
PTFB091507FH INFINEON-PTFB091507FH Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 160 W, 28 V, 920-960 MHz
Rev. 03, 2011-03-14
PTFA092201E INFINEON-PTFA092201E Datasheet
379Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 220 W, 920 - 960 MHz
Rev. 03.1, 2009-02-20
PTFA091201GL INFINEON-PTFA091201GL_09 Datasheet
391Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 120 W, 920-960 MHz
Rev. 03, 2009-03-31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com