Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFB091507FHV1R250 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # PTFB091507FHV1R250
Description  Thermally-Enhanced High Power RF LDMOS FET 160 W, 28 V, 920 ??960 MHz
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB091507FHV1R250 Datasheet(HTML) 5 Page - Infineon Technologies AG

  PTFB091507FHV1R250 Datasheet HTML 1Page - Infineon Technologies AG PTFB091507FHV1R250 Datasheet HTML 2Page - Infineon Technologies AG PTFB091507FHV1R250 Datasheet HTML 3Page - Infineon Technologies AG PTFB091507FHV1R250 Datasheet HTML 4Page - Infineon Technologies AG PTFB091507FHV1R250 Datasheet HTML 5Page - Infineon Technologies AG PTFB091507FHV1R250 Datasheet HTML 6Page - Infineon Technologies AG PTFB091507FHV1R250 Datasheet HTML 7Page - Infineon Technologies AG PTFB091507FHV1R250 Datasheet HTML 8Page - Infineon Technologies AG PTFB091507FHV1R250 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Data Sheet
5 of 13
Rev. 03.1, 2016-06-09
PTFB091507FH
30
45
60
-20
0
20
Single-carrier WCDMA Drive-up
920 MHz
VDD = 28 V, IDQ = 1.2 A, ƒ = 960 MHz,
3GPP WCDMA signal,
PAR = 7.5:1, BW = 3.84 MHz
PAR*
Efficiency
0
15
30
45
60
-60
-40
-20
0
20
42
44
46
48
50
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
920 MHz
VDD = 28 V, IDQ = 1.2 A, ƒ = 960 MHz,
3GPP WCDMA signal,
PAR = 7.5:1, BW = 3.84 MHz
ACPR
PAR*
Efficiency
Gain
30
45
60
-20
0
20
Single-carrier WCDMA Drive-up
940 MHz
VDD = 28 V, IDQ = 1.2 A, ƒ = 960 MHz,
3GPP WCDMA signal,
PAR = 7.5:1, BW = 3.84 MHz
PAR*
Efficiency
0
15
-60
-40
42
44
46
48
50
Average Output Power (dBm)
ACPR
Gain
4
6
8
-20
0
20
Single-carrier WCDMA Drive-up
940 MHz
VDD = 28 V, IDQ = 1.2 A, ƒ = 960 MHz,
3GPP WCDMA signal,
PAR = 7.5:1, BW = 3.84 MHz
PAR*
0
2
4
6
8
-60
-40
-20
0
20
42
44
46
48
50
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
940 MHz
VDD = 28 V, IDQ = 1.2 A, ƒ = 960 MHz,
3GPP WCDMA signal,
PAR = 7.5:1, BW = 3.84 MHz
ACPR
PAR*
4
6
8
-20
0
20
Single-carrier WCDMA Drive-up
920 MHz
VDD = 28 V, IDQ = 1.2 A, ƒ = 960 MHz,
3GPP WCDMA signal,
PAR = 7.5:1, BW = 3.84 MHz
PAR*
0
2
4
6
8
-60
-40
-20
0
20
42
44
46
48
50
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
920 MHz
VDD = 28 V, IDQ = 1.2 A, ƒ = 960 MHz,
3GPP WCDMA signal,
PAR = 7.5:1, BW = 3.84 MHz
ACPR
PAR*
Typical Performance (cont.)
*Peak-to-average ratio (PAR) compression at 0.01% probability on CCDF curve


Similar Part No. - PTFB091507FHV1R250

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB091507FH INFINEON-PTFB091507FH Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 160 W, 28 V, 920-960 MHz
Rev. 03, 2011-03-14
logo
Cree, Inc
PTFB091507FH CREE-PTFB091507FH Datasheet
618Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 160 W, 28 V, 920 ??960 MHz
More results

Similar Description - PTFB091507FHV1R250

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTFB091507FH CREE-PTFB091507FH Datasheet
618Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 160 W, 28 V, 920 ??960 MHz
logo
Infineon Technologies A...
PTFB091507FH INFINEON-PTFB091507FH Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 160 W, 28 V, 920-960 MHz
Rev. 03, 2011-03-14
PTFB091802FC INFINEON-PTFB091802FC_16 Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 920 ??960 MHz
Rev. 02.1, 2016-06-10
logo
Cree, Inc
PTFB091802FC CREE-PTFB091802FC Datasheet
538Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 920 ??960 MHz
PTFB093608FV CREE-PTFB093608FV Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 360 W, 28 V, 920 ??960 MHz
logo
Infineon Technologies A...
PTFA091503EL INFINEON-PTFA091503EL Datasheet
627Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 920-960 MHz
Rev. 03, 2010-08-11
PTFA091503EL INFINEON-PTFA091503EL_16 Datasheet
766Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 920 ??960 MHz
Rev. 04, 2016-06-16
PTFB090901EA INFINEON-PTFB090901EA Datasheet
226Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 90 W, 28 V, 920 . 960 MHz
Rev. 04, 2012-02-23
logo
Cree, Inc
PTFB090901EA CREE-PTFB090901EA Datasheet
710Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 90 W, 28 V, 920 ??960 MHz
logo
WOLFSPEED, INC.
PTRA097008NB WOLFSPEED-PTRA097008NB Datasheet
556Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 630 W, 48 V, 920 – 960 MHz
Rev. 04, 2023-06-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com