Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFB183404FV2R250 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # PTFB183404FV2R250
Description  High Power RF LDMOS Field Effect Transistors 340 W, 1805 ??1880 MHz
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB183404FV2R250 Datasheet(HTML) 3 Page - Infineon Technologies AG

  PTFB183404FV2R250 Datasheet HTML 1Page - Infineon Technologies AG PTFB183404FV2R250 Datasheet HTML 2Page - Infineon Technologies AG PTFB183404FV2R250 Datasheet HTML 3Page - Infineon Technologies AG PTFB183404FV2R250 Datasheet HTML 4Page - Infineon Technologies AG PTFB183404FV2R250 Datasheet HTML 5Page - Infineon Technologies AG PTFB183404FV2R250 Datasheet HTML 6Page - Infineon Technologies AG PTFB183404FV2R250 Datasheet HTML 7Page - Infineon Technologies AG PTFB183404FV2R250 Datasheet HTML 8Page - Infineon Technologies AG PTFB183404FV2R250 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
PTFB183404E
PTFB183404F
Data Sheet
3 of 18
Rev. 04.1, 2016-06-10
-55
-50
-45
-40
-35
-30
-25
36
38
40
42
44
46
48
50
52
Average Output Power (dBm)
Two-carrier WCDMA 3GPP Drive-up
VDD = 30 V, IDQ = 2.6 A, 3GPP WCDMA,
PAR = 8:1, 10 MHz carrier spacing,
BW = 3.84 MHz
1880 Lower
1880 Upper
1842.5 Lower
1842.5 Upper
1805 Lower
1805 Upper
0
10
20
30
40
15
16
17
18
19
36
38
40
42
44
46
48
50
52
Average Output Power (dBm)
Two-carrier WCDMA 3GPP
VDD = 30 V, IDQ = 2.6 A, ƒ = 1880 MHz, 3GPP
WCDMA, PAR = 8:1, 10 MHz carrier spacing,
BW = 3.84MHz
Efficiency
Gain
Maximum Ratings
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDSS
65
V
Gate-Source Voltage
VGS
–6 to +10
V
Junction Temperature
TJ
200
°C
Storage Temperature Range
TSTG
–40 to +150
°C
Thermal Resistance (TCASE = 70°C, 340 W CW)
RqJC
0.2
°C/W
Ordering Information
Type and Version
Order Code
Package Description
Shipping
PTFB183404E V1 R0
PTFB183404EV1R0XTMA1
Slotted push-pull
Tape & Reel, 50pcs
PTFB183404E V1 R250
PTFB183404EV1R250XTMA1
Slotted push-pull
Tape & Reel, 250pcs
PTFB183404F V2 R0
PTFB183404FV2R0XTMA1
Earless push-pull
Tape & Reel, 50pcs
PTFB183404F V2 R250
PTFB183404FV2R250XTMA1
Earless push-pull
Tape & Reel, 250pcs
Typical Performance (data taken in a production test fixture)


Similar Part No. - PTFB183404FV2R250

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB183404F INFINEON-PTFB183404F Datasheet
727Kb / 18P
   High Power RF LDMOS Field Effect Transistors 340 W, 1805 ??1880 MHz
Rev. 04, 2010-11-17
More results

Similar Description - PTFB183404FV2R250

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTFB183404E CREE-PTFB183404E Datasheet
649Kb / 18P
   High Power RF LDMOS Field Effect Transistors 340 W, 1805 ??1880 MHz
logo
Infineon Technologies A...
PTFB183404E INFINEON-PTFB183404E Datasheet
727Kb / 18P
   High Power RF LDMOS Field Effect Transistors 340 W, 1805 ??1880 MHz
Rev. 04, 2010-11-17
PTF181301 INFINEON-PTF181301 Datasheet
66Kb / 4P
   LDMOS RF Power Field Effect Transistor 130 W, 1805-1880 MHz
2004-04-28
logo
TriQuint Semiconductor
AGR18060E TRIQUINT-AGR18060E Datasheet
426Kb / 9P
   60 W, 1805 MHz-1880 MHz, LDMOS RF Power Transistor
logo
Infineon Technologies A...
PTF180101S INFINEON-PTF180101S Datasheet
209Kb / 10P
   LDMOS RF Power Field Effect Transistor 10 W, 1805-1880 MHz, 1930-1990 MHz 10 W, 2110-2170 MHz
Rev. P03, 2007-03-01
PTF180101 INFINEON-PTF180101 Datasheet
310Kb / 10P
   LDMOS RF Power Field Effect Transistor 10 W, 1805-1880 MHz, 1930-1990 MHz 10 W, 2110-2170 MHz
2004-02-03
PTFA182001E INFINEON-PTFA182001E Datasheet
260Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 200 W, 1805 - 1880 MHz
Rev. 01, 2008-03-12
PTFA181001GL INFINEON-PTFA181001GL Datasheet
325Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 100 W, 1805 ??1880 MHz
Rev. 01, 2008-06-15
PTFA181001E INFINEON-PTFA181001E Datasheet
408Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 100 W, 1805 ??1880 MHz
Rev. 02.1, 2009-02-20
logo
Cree, Inc
PTFB182503FL CREE-PTFB182503FL Datasheet
497Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 1805 ??1880 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com