Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFB183404FV2R0 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # PTFB183404FV2R0
Description  High Power RF LDMOS Field Effect Transistors 340 W, 1805 ??1880 MHz
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB183404FV2R0 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button PTFB183404FV2R0 Datasheet HTML 5Page - Infineon Technologies AG PTFB183404FV2R0 Datasheet HTML 6Page - Infineon Technologies AG PTFB183404FV2R0 Datasheet HTML 7Page - Infineon Technologies AG PTFB183404FV2R0 Datasheet HTML 8Page - Infineon Technologies AG PTFB183404FV2R0 Datasheet HTML 9Page - Infineon Technologies AG PTFB183404FV2R0 Datasheet HTML 10Page - Infineon Technologies AG PTFB183404FV2R0 Datasheet HTML 11Page - Infineon Technologies AG PTFB183404FV2R0 Datasheet HTML 12Page - Infineon Technologies AG PTFB183404FV2R0 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
PTFB183404E
PTFB183404F
Data Sheet
9 of 18
Rev. 04.1, 2016-06-10
Reference Circuit (cont.)
Reference circuit output schematic for ƒ = 1880 MHz
TL211
TL212
TL213
TL214
TL215
TL216
1
2
3
4
TL217
1
2
3
4
TL218
1
2
3
TL223
1
2
3
TL224
TL225
TL226
TL227
TL228
TL229
TL230
TL231
TL232
TL233
VDD
C204
10000000 pF
C203
10000000 pF
TL206
TL207
TL208
TL209
TL210
TL236
C207
1000000 pF
1
2
3
TL237
C208
0.4 pF
C209
1.8 pF
C210
1.3 pF
C211
1.3 pF
C212
1.3 pF
C213
1.3 pF
TL238
TL239
TL240
1
2
3
4
TL219
1
2
3
TL220
1
2
3
TL221
1
2
3
TL222
C215
1000000 pF
C214
1000000 pF
C216
10 pF
TL201
TL202
C201
1.4 pF
C202
10000000 pF
TL203
1
2
3
TL204
TL205
1
2
3
TL234
C205
2200000 pF
C206
2200000 pF
1
2
3
TL235
b b b b b b bbb b b b b bbb b bb bbb b b b
RF OUT
VDD
DRAIN DUT
VDD
VDD
1
er = 3.48
H = 20 mil
RO/RO4350


Similar Part No. - PTFB183404FV2R0

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB183404F INFINEON-PTFB183404F Datasheet
727Kb / 18P
   High Power RF LDMOS Field Effect Transistors 340 W, 1805 ??1880 MHz
Rev. 04, 2010-11-17
More results

Similar Description - PTFB183404FV2R0

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTFB183404E CREE-PTFB183404E Datasheet
649Kb / 18P
   High Power RF LDMOS Field Effect Transistors 340 W, 1805 ??1880 MHz
logo
Infineon Technologies A...
PTFB183404E INFINEON-PTFB183404E Datasheet
727Kb / 18P
   High Power RF LDMOS Field Effect Transistors 340 W, 1805 ??1880 MHz
Rev. 04, 2010-11-17
PTF181301 INFINEON-PTF181301 Datasheet
66Kb / 4P
   LDMOS RF Power Field Effect Transistor 130 W, 1805-1880 MHz
2004-04-28
logo
TriQuint Semiconductor
AGR18060E TRIQUINT-AGR18060E Datasheet
426Kb / 9P
   60 W, 1805 MHz-1880 MHz, LDMOS RF Power Transistor
logo
Infineon Technologies A...
PTF180101S INFINEON-PTF180101S Datasheet
209Kb / 10P
   LDMOS RF Power Field Effect Transistor 10 W, 1805-1880 MHz, 1930-1990 MHz 10 W, 2110-2170 MHz
Rev. P03, 2007-03-01
PTF180101 INFINEON-PTF180101 Datasheet
310Kb / 10P
   LDMOS RF Power Field Effect Transistor 10 W, 1805-1880 MHz, 1930-1990 MHz 10 W, 2110-2170 MHz
2004-02-03
PTFA182001E INFINEON-PTFA182001E Datasheet
260Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 200 W, 1805 - 1880 MHz
Rev. 01, 2008-03-12
PTFA181001GL INFINEON-PTFA181001GL Datasheet
325Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 100 W, 1805 ??1880 MHz
Rev. 01, 2008-06-15
PTFA181001E INFINEON-PTFA181001E Datasheet
408Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 100 W, 1805 ??1880 MHz
Rev. 02.1, 2009-02-20
logo
Cree, Inc
PTFB182503FL CREE-PTFB182503FL Datasheet
497Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 1805 ??1880 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com