Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFB091507FH Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # PTFB091507FH
Description  Thermally-Enhanced High Power RF LDMOS FET 160 W, 28 V, 920 ??960 MHz
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB091507FH Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button PTFB091507FH_16 Datasheet HTML 3Page - Infineon Technologies AG PTFB091507FH_16 Datasheet HTML 4Page - Infineon Technologies AG PTFB091507FH_16 Datasheet HTML 5Page - Infineon Technologies AG PTFB091507FH_16 Datasheet HTML 6Page - Infineon Technologies AG PTFB091507FH_16 Datasheet HTML 7Page - Infineon Technologies AG PTFB091507FH_16 Datasheet HTML 8Page - Infineon Technologies AG PTFB091507FH_16 Datasheet HTML 9Page - Infineon Technologies AG PTFB091507FH_16 Datasheet HTML 10Page - Infineon Technologies AG PTFB091507FH_16 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Data Sheet
7 of 13
Rev. 03.1, 2016-06-09
PTFB091507FH
Reference Circuit
TL142
TL140
TL141
TL105
TL104
TL107
TL108
C101
33 pF
1
2
3
TL110
1
2
3
TL111
TL112
TL113
TL114
TL115
TL116
TL117
TL118
TL119
TL120
TL121
TL122
TL123
TL124
TL125
TL126
TL127
TL103
TL106
TL138
1
2
3
TL139
C108
1.5 pF
C803
1000 pF
R801
1300 Ohm
R802
1200 Ohm
R803
10 Ohm
R804
2000 Ohm
R805
10 Ohm
TL128
TL129
1
2
3
TL130
R101
10 Ohm
1
2
3
TL131
1
2
3
TL132
1
2
3
TL133
1
2
3
TL109
C802
100000 pF
C801
1000 pF
TL102
1
2
3
TL101
C109
10000 pF
C110
4.7 pF
TL134
R102
5100 Ohm
C102
4710000 pF
C103
10000 pF
C104
56 pF
1
2
3
TL135
TL136
R103
10 Ohm
C105
3.3 pF
1
2
3
TL137
C106
3.9 pF
C107
56 pF
PORT
3
PORT
2
PORT
1
1
2
3
S2
S
C
B
E
1
2
3
4
S1
1
2
3
4
5
6
7
8
S3
C804
1000 pF
C805
100000 pF
GATE DUT
VDD
RF_IN
1
2
3
TL205
C205
56 pF
TL204
C223
10000000 pF
C207
0.2 pF
TL229
TL230
TL231
TL232
TL233
TL236
TL237
TL217
TL218
TL219
TL221
TL222
1
2
3
4
TL223
TL224
TL225
TL226
TL227
C209
5.6 pF
C215
1 pF
C210
1 pF
TL209
TL208
TL210
1
2
3
TL211
1
2
3
TL238
1
2
3
TL239
1
2
3
TL240
1
2
3
TL228
C204
10000 pF
C213
100000000 pF
C220
10000000 pF
C211
10000000 pF
C217
10000000 pF
C212
10000000 pF
C214
10000 pF
1
2
3
4
TL207
TL234
C201
100000000 pF
1
2
3
TL220
C222
10000000 pF
C208
10000000 pF
1
2
3
TL203
C216
1000000 pF
C221
10000000 pF
C206
10000000 pF
C202
1.2 pF
1
2
3
TL235
C203
3.9 pF
1
2
3
TL201
PORT
5
PORT
2
PORT
4
PORT
1
1
2
3
TL214
1
2
3
TL215
1
2
3
TL213
1
2
3
TL206
TL212
TL216
1
2
3
4
TL202
C219
10000000 pF
C218
1000000 pF
DRAIN DUT
DRAIN DUT
DRAIN DUT
DRAIN DUT
er = 3.48
H = 20 mil
RO/RO4350
Reference circuit input schematic for ƒ = 960 MHz
Reference circuit output schematic for ƒ = 960 MHz
er = 3.48
H = 20 mil
RO/RO4350


Similar Part No. - PTFB091507FH_16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB091507FH INFINEON-PTFB091507FH Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 160 W, 28 V, 920-960 MHz
Rev. 03, 2011-03-14
logo
Cree, Inc
PTFB091507FH CREE-PTFB091507FH Datasheet
618Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 160 W, 28 V, 920 ??960 MHz
More results

Similar Description - PTFB091507FH_16

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTFB091507FH CREE-PTFB091507FH Datasheet
618Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 160 W, 28 V, 920 ??960 MHz
logo
Infineon Technologies A...
PTFB091507FH INFINEON-PTFB091507FH Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 160 W, 28 V, 920-960 MHz
Rev. 03, 2011-03-14
PTFB091802FC INFINEON-PTFB091802FC_16 Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 920 ??960 MHz
Rev. 02.1, 2016-06-10
logo
Cree, Inc
PTFB091802FC CREE-PTFB091802FC Datasheet
538Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 920 ??960 MHz
PTFB093608FV CREE-PTFB093608FV Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 360 W, 28 V, 920 ??960 MHz
logo
Infineon Technologies A...
PTFA091503EL INFINEON-PTFA091503EL Datasheet
627Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 920-960 MHz
Rev. 03, 2010-08-11
PTFA091503EL INFINEON-PTFA091503EL_16 Datasheet
766Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 920 ??960 MHz
Rev. 04, 2016-06-16
PTFB090901EA INFINEON-PTFB090901EA Datasheet
226Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 90 W, 28 V, 920 . 960 MHz
Rev. 04, 2012-02-23
logo
Cree, Inc
PTFB090901EA CREE-PTFB090901EA Datasheet
710Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 90 W, 28 V, 920 ??960 MHz
logo
WOLFSPEED, INC.
PTRA097008NB WOLFSPEED-PTRA097008NB Datasheet
556Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 630 W, 48 V, 920 – 960 MHz
Rev. 04, 2023-06-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com