Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFB212503FLV2R250XTMA1 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # PTFB212503FLV2R250XTMA1
Description  Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110 ??2170 MHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB212503FLV2R250XTMA1 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button PTFB212503FLV2R250XTMA1 Datasheet HTML 2Page - Infineon Technologies AG PTFB212503FLV2R250XTMA1 Datasheet HTML 3Page - Infineon Technologies AG PTFB212503FLV2R250XTMA1 Datasheet HTML 4Page - Infineon Technologies AG PTFB212503FLV2R250XTMA1 Datasheet HTML 5Page - Infineon Technologies AG PTFB212503FLV2R250XTMA1 Datasheet HTML 6Page - Infineon Technologies AG PTFB212503FLV2R250XTMA1 Datasheet HTML 7Page - Infineon Technologies AG PTFB212503FLV2R250XTMA1 Datasheet HTML 8Page - Infineon Technologies AG PTFB212503FLV2R250XTMA1 Datasheet HTML 9Page - Infineon Technologies AG PTFB212503FLV2R250XTMA1 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Data Sheet
6 of 14
Rev. 07.1, 2016-06-15
PTFB212503EL
PTFB212503FL
0.1
0.3
0.2
Z Load
Z Source
2200 MHz
2080 MHz
Z Source
Z Load
G
S
D
Z0 = 50 W
Broadband Circuit Impedance
Frequency
Z Source W
Z Load W
MHz
R
jX
R
jX
2080
2.42
–5.57
1.34
–4.23
2110
2.31
–5.36
1.32
–4.12
2140
2.21
–5.15
1.29
–4.01
2170
2.12
–4.96
1.27
–3.91
2200
2.04
–4.77
1.25
–3.81
See next page for reference circuit information


Similar Part No. - PTFB212503FLV2R250XTMA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB212503FL INFINEON-PTFB212503FL Datasheet
978Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110-2170 MHz
Rev. 07, 2010-11-04
logo
Cree, Inc
PTFB212503FL CREE-PTFB212503FL Datasheet
553Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 2110 ??2170 MHz
More results

Similar Description - PTFB212503FLV2R250XTMA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA212401E INFINEON-PTFA212401E Datasheet
495Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110 ??2170 MHz
Rev. 04, 2009-10-05
PTFB212503EL INFINEON-PTFB212503EL Datasheet
978Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110-2170 MHz
Rev. 07, 2010-11-04
PTFA211801E INFINEON-PTFA211801E Datasheet
275Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 180 W, 2110 ??2170 MHz
Rev. 04, 2007-11-15
PTFB211803EL INFINEON-PTFB211803EL Datasheet
477Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 180 W, 2110 ??2170 MHz
Rev. 05, 2010-11-10
PTFB211501E INFINEON-PTFB211501E Datasheet
362Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 2110 ??2170 MHz
Rev. 02, 2009-11-19
PTFA210601E INFINEON-PTFA210601E Datasheet
260Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 60 W, 2110 ??2170 MHz
Rev. 03, 2007-11-19
PTFA212001E INFINEON-PTFA212001E Datasheet
402Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 200 W, 2110 ??2170 MHz
Rev. 05.1, 2009-02-24
PTFB211503EL INFINEON-PTFB211503EL Datasheet
734Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 2110 ??2170 MHz
Rev. 04, 2011-03-07
logo
Cree, Inc
PTFB212503FL CREE-PTFB212503FL Datasheet
553Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 2110 ??2170 MHz
logo
Infineon Technologies A...
PTFA210701E INFINEON-PTFA210701E Datasheet
387Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 70 W, 2110 ??2170 MHz
Rev. 02.1, 2009-02-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com