Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFB212503FLV2R0 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # PTFB212503FLV2R0
Description  Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110 ??2170 MHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB212503FLV2R0 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button PTFB212503FLV2R0 Datasheet HTML 5Page - Infineon Technologies AG PTFB212503FLV2R0 Datasheet HTML 6Page - Infineon Technologies AG PTFB212503FLV2R0 Datasheet HTML 7Page - Infineon Technologies AG PTFB212503FLV2R0 Datasheet HTML 8Page - Infineon Technologies AG PTFB212503FLV2R0 Datasheet HTML 9Page - Infineon Technologies AG PTFB212503FLV2R0 Datasheet HTML 10Page - Infineon Technologies AG PTFB212503FLV2R0 Datasheet HTML 11Page - Infineon Technologies AG PTFB212503FLV2R0 Datasheet HTML 12Page - Infineon Technologies AG PTFB212503FLV2R0 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
PTFB212503EL
PTFB212503FL
Data Sheet
9 of 14
Rev. 07.1, 2016-06-15
Reference Circuit (cont.)
Electrical Characteristics at 2170 MHz
Transmission
Electrical
Dimensions: mm
Dimensions: mils
Line
Characteristics
Output
TL201
0.054 l, 4.84 W
W = 19.685, L = 4.064
W = 775, L = 160
TL202, TL203
0.016 l, 28.85 W
W = 2.540, L = 1.270
W = 100, L = 50
TL204
0.078 l, 39.51 W
W = 1.651, L = 6.426
W = 65, L = 253
TL205
0.032 l, 16.90 W
W = 4.928, L = 2.540
W = 194, L = 100
TL206
0.032 l, 17.05 W
W = 4.877, L = 2.540
W = 192, L = 100
TL207
W1 = 17.780, W2 = 0.025, W3 = 17.780
W1 = 700, W2 = 1, W3 = 700,
W4 = 0.025
W4 = 1
TL208, TL211
0.092 l, 25.04 W
W = 3.048, L = 7.341
W = 120, L = 289
TL209, TL234
0.010 l, 25.04 W
W = 3.048, L = 0.762
W = 120, L = 30
TL210, TL232
0.098 l, 25.04 W
W = 3.048, L = 7.823
W = 120, L = 308
TL212, TL229
0.038 l, 25.04 W
W1 = 3.048, W2 = 3.048, W3 = 3.048
W1 = 120, W2 = 120, W3 = 120
TL213, TL214, TL230, 0.029 l, 25.04 W
W1 = 3.048, W2 = 3.048, W3 = 2.286
W1 = 120, W2 = 120, W3 = 90
TL231
TL215
0.003 l, 4.84 W
W = 19.685, L = 0.254
W = 775, L = 10
TL216 (taper)
0.074 l, 5.33 W / 39.51 W
W1 = 17.780, W2 = 1.651, L = 5.588
W1 = 700, W2 = 65, L = 220
TL217 (taper)
0.010 l, 4.84 W / 5.33 W
W1 = 19.685, W2 = 17.780, L = 0.762
W1 = 775, W2 = 700, L = 30
TL218
W1 = 12.700, W2 = 17.780
W1 = 500, W2 = 700
TL219
W1 = 1.651, W2 = 2.540
W1 = 65, W2 = 100
TL220
W1 = 1.270, W2 = 2.540
W1 = 50, W2 = 100
TL221, TL222
0.000 l, 144.35 W
W = 0.025, L = 0.025
W = 1, L = 1
TL223, TL224
0.000 l, 5.33 W
W = 17.780, L = 0.025
W = 700, L = 1
TL225
0.047 l, 47.12 W
W = 1.270, L = 3.912
W = 50, L = 154
TL226, TL233
0.023 l, 25.04 W
W1 = 3.048, W2 = 3.048, W3 = 1.829
W1 = 120, W2 = 120, W3 = 72


Similar Part No. - PTFB212503FLV2R0

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB212503FL INFINEON-PTFB212503FL Datasheet
978Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110-2170 MHz
Rev. 07, 2010-11-04
logo
Cree, Inc
PTFB212503FL CREE-PTFB212503FL Datasheet
553Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 2110 ??2170 MHz
More results

Similar Description - PTFB212503FLV2R0

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA212401E INFINEON-PTFA212401E Datasheet
495Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110 ??2170 MHz
Rev. 04, 2009-10-05
PTFB212503EL INFINEON-PTFB212503EL Datasheet
978Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110-2170 MHz
Rev. 07, 2010-11-04
PTFA211801E INFINEON-PTFA211801E Datasheet
275Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 180 W, 2110 ??2170 MHz
Rev. 04, 2007-11-15
PTFB211803EL INFINEON-PTFB211803EL Datasheet
477Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 180 W, 2110 ??2170 MHz
Rev. 05, 2010-11-10
PTFB211501E INFINEON-PTFB211501E Datasheet
362Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 2110 ??2170 MHz
Rev. 02, 2009-11-19
PTFA210601E INFINEON-PTFA210601E Datasheet
260Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 60 W, 2110 ??2170 MHz
Rev. 03, 2007-11-19
PTFA212001E INFINEON-PTFA212001E Datasheet
402Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 200 W, 2110 ??2170 MHz
Rev. 05.1, 2009-02-24
PTFB211503EL INFINEON-PTFB211503EL Datasheet
734Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 2110 ??2170 MHz
Rev. 04, 2011-03-07
logo
Cree, Inc
PTFB212503FL CREE-PTFB212503FL Datasheet
553Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 2110 ??2170 MHz
logo
Infineon Technologies A...
PTFA210701E INFINEON-PTFA210701E Datasheet
387Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 70 W, 2110 ??2170 MHz
Rev. 02.1, 2009-02-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com